Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PD64001H Datasheet(PDF) 5 Page - Microsemi Corporation

Part # PD64001H
Description  1-Port PoE Manager
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

PD64001H Datasheet(HTML) 5 Page - Microsemi Corporation

  PD64001H Datasheet HTML 1Page - Microsemi Corporation PD64001H Datasheet HTML 2Page - Microsemi Corporation PD64001H Datasheet HTML 3Page - Microsemi Corporation PD64001H Datasheet HTML 4Page - Microsemi Corporation PD64001H Datasheet HTML 5Page - Microsemi Corporation PD64001H Datasheet HTML 6Page - Microsemi Corporation PD64001H Datasheet HTML 7Page - Microsemi Corporation PD64001H Datasheet HTML 8Page - Microsemi Corporation PD64001H Datasheet HTML 9Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
P
PD
D6644000011//H
H 11--P
Poorrtt P
PooE
E M
Maannaaggeerr D
Daattaasshheeeett
C
C O
O M
M P
P A
A N
N Y
Y
C
C O
O N
N F
F II D
D E
E N
N T
T II A
A L
L
Copyright © 2009
Microsemi
Rev. 1.3 2009-02-23
Analog Mixed Signal Group
2381 Morse Avenue, Irvine, CA 92614, USA; Phone (USA): (800) 713-4113, (ROW): (949) 221-7100 Fax: (949) 756-0308
5
Pin Functionality__________
PIN
PIN NAME
PIN TYPE PIN DESCRIPTION
1
LOW_R_DETECT
Digital Output
Low level resistance
detection command
2
CURRENT_PWM
Digital Output
Current limit set PWM
output
3
AC_WAVE
Digital Output
AC disconnect output
wave
4
CLASS_PWM
Digital Output
Class voltage set PWM
output
5
VCC
VCC
5V Digital VCC
6
GND
GND
Digital ground
7
LED2
Digital Output
LED2 output command
8
LED1
Digital Output
LED1 output command
9
HIGH_R_DETECT
Digital Output
High level resistance
detection command
10
XRESET
Digital Input
Reset on/off command
from host
11
VMAIN_MEAS
Digital Output
Vmain measurement
command
12
PORT_OFF_IMEAS Digital I/O
Port Off command/
current measurement
input
13
R_DET_MEAS
Digital I/O
Port voltage
measurement input
14
AC_MEAS
Digital I/O
AC disconnect
measurement input
15
AVCC
VCC
5V Analog VCC
16
AGND
GND
Analog ground
17
PRE_DET
Digital Output
Pre detection
command
18
RESERVED1
Digital I/O
Reserved for
communication future
use
19
RMODE
Digital Input
POE manager mode
setup
20
RESERVED2
Digital I/O
Reserved for
communication future
use
R Mode Pin_________________
This pin is connected to a resistor voltage divider. It
allows the user to choose a combination of three
features, as specified in the following table:
R_mode
Voltage
ALT
A
ALT
B
CAP
AT/
720
mA
R8
(
Ω)*
0.313 –
X
1.02
0.94– 1.25
X
2.8K
1.563 –
X
X
5.23
2.19 – 2. 5
X
X
8.87
2.82– 3.1
X
X
14.7
3.44 –
X
X
25.5
4.06 –
X
X
X
54.9
4.68 – 5 V
X
X
X
No
* R8 Pull-down's value depends on the actual mode,
while for all of the modes, R7 Pull-up's value is
10Kohm.
The ALT A / ALT B option selects between a PSE
alternative A or PSE alternative B as specified in
section 33.2 of the standard. To implement a
Midspan PSE, use the ALT B option. The AT option
is IEEE802.3at- Compliant in accordance with the
IEEE802.3at-draft4.2. The CAP option is pre-
standard Capacitor detection mode.
General Application
Description
The circuit comprises the following major interfaces
with the Host board:
Control
A Reset control signal driven by the switch circuitry
is used to reset the PoE circuit. This signal should be
optically coupled by the Host in order to maintain the
requirements for the 1500 Vrms isolation.
Power Supply Mains
The PoE system operates over a range of 44V to
57V.
This power must be isolated from the switch supply
and chassis by 1500 Vrms.
Grounds
There are several grounds used in the system:
chassis, digital and analog. The chassis ground is
connected to the switch’s chassis ground.


Similar Part No. - PD64001H

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
PD64001 MICROSEMI-PD64001 Datasheet
510Kb / 9P
   1-Port PoE Manager
More results

Similar Description - PD64001H

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
PD64001 MICROSEMI-PD64001 Datasheet
510Kb / 9P
   1-Port PoE Manager
logo
Microchip Technology
PD69201 MICROCHIP-PD69201 Datasheet
483Kb / 29P
   1-Port PSE PoE Manager
2021
logo
Microsemi Corporation
PD64012G MICROSEMI-PD64012G Datasheet
55Kb / 1P
   12-PORT PoE PSE MANAGER
logo
List of Unclassifed Man...
PD64004A ETC2-PD64004A Datasheet
156Kb / 1P
   4-port PoE PSE Manager
logo
Microchip Technology
PD69208T4 MICROCHIP-PD69208T4 Datasheet
1Mb / 35P
   PoE PSE Manager
2020
PD39208 MICROCHIP-PD39208 Datasheet
1Mb / 34P
   PoE PSE Manager
2020
logo
List of Unclassifed Man...
PD64012 ETC-PD64012 Datasheet
496Kb / 16P
   12-channel PoE Manager
logo
Microsemi Corporation
PD69108 MICROSEMI-PD69108 Datasheet
898Kb / 17P
   8 PORTS PSE POE MANAGER
logo
Microchip Technology
PD69101 MICROCHIP-PD69101 Datasheet
989Kb / 30P
   1-Port PSE PoE Controller Datasheet
logo
Level One
FCS-7111 LVL1-FCS-7111 Datasheet
172Kb / 3P
   1-Port H.264 PoE Video Server
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com