Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PD64001H Datasheet(PDF) 3 Page - Microsemi Corporation

Part # PD64001H
Description  1-Port PoE Manager
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

PD64001H Datasheet(HTML) 3 Page - Microsemi Corporation

  PD64001H Datasheet HTML 1Page - Microsemi Corporation PD64001H Datasheet HTML 2Page - Microsemi Corporation PD64001H Datasheet HTML 3Page - Microsemi Corporation PD64001H Datasheet HTML 4Page - Microsemi Corporation PD64001H Datasheet HTML 5Page - Microsemi Corporation PD64001H Datasheet HTML 6Page - Microsemi Corporation PD64001H Datasheet HTML 7Page - Microsemi Corporation PD64001H Datasheet HTML 8Page - Microsemi Corporation PD64001H Datasheet HTML 9Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
P
PD
D6644000011//H
H 11--P
Poorrtt P
PooE
E M
Maannaaggeerr D
Daattaasshheeeett
C
C O
O M
M P
P A
A N
N Y
Y
C
C O
O N
N F
F II D
D E
E N
N T
T II A
A L
L
Copyright © 2009
Microsemi
Rev. 1.3 2009-02-23
Analog Mixed Signal Group
2381 Morse Avenue, Irvine, CA 92614, USA; Phone (USA): (800) 713-4113, (ROW): (949) 221-7100 Fax: (949) 756-0308
3
Maximum
Ratings___________
Vmain……………………………………… -0.3 to 60 V
xRESETN input voltage…………………. -0.5 to 5 V
Application circuitry DC current ………………25 mA
ESD (Human Body Model)….……..… -2V to 2kV(1)
Lead temperature (soldering, 10 s)…………. 300
° C
Notes:.
(1) ESD testing is performed in accordance with the Human Body
Model (CZap = 100 pF, RZap = 1500
Ω).
Stresses beyond those listed above may cause permanent
damage to the device. Exposure to absolute maximum rating
conditions for extended periods may affect device reliability
.
Operating Conditions______________________________________
PARAMETER
MIN.
NOM.
MAX.
UNIT
Operating temperature
-40
+85
°C
Storage temperature
-65
+150
°C
Operational limitations (1)
44
50
57
V
(1) To get higher power drive at the PSE output ports, it is recommended to use an operating voltage source greater then 50 V.
Electrical Characteristics___________________________________
DC Characteristics for Digital Inputs and Outputs
PARAMETER
SYMBOL
MIN.
MAX.
UNIT
REMARKS
Pin Name
xRESET
Type
Schmitt Trigger CMOS input with internal pull-up
High level input voltage
VIH
0.9 VCC
VCC+0.5V V
Vcc = 5V
Low level input voltage
VIL
-0.5V
0.2 VCC
V
Vcc = 5V
Input high current
IIH
+1
μA
Input low current
IIL
+1
μA
Reset assertion time
Trst
2.5
μS
Internal Pull-up value
Rpu
30
60
kΩ


Similar Part No. - PD64001H

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
PD64001 MICROSEMI-PD64001 Datasheet
510Kb / 9P
   1-Port PoE Manager
More results

Similar Description - PD64001H

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
PD64001 MICROSEMI-PD64001 Datasheet
510Kb / 9P
   1-Port PoE Manager
logo
Microchip Technology
PD69201 MICROCHIP-PD69201 Datasheet
483Kb / 29P
   1-Port PSE PoE Manager
2021
logo
Microsemi Corporation
PD64012G MICROSEMI-PD64012G Datasheet
55Kb / 1P
   12-PORT PoE PSE MANAGER
logo
List of Unclassifed Man...
PD64004A ETC2-PD64004A Datasheet
156Kb / 1P
   4-port PoE PSE Manager
logo
Microchip Technology
PD69208T4 MICROCHIP-PD69208T4 Datasheet
1Mb / 35P
   PoE PSE Manager
2020
PD39208 MICROCHIP-PD39208 Datasheet
1Mb / 34P
   PoE PSE Manager
2020
logo
List of Unclassifed Man...
PD64012 ETC-PD64012 Datasheet
496Kb / 16P
   12-channel PoE Manager
logo
Microsemi Corporation
PD69108 MICROSEMI-PD69108 Datasheet
898Kb / 17P
   8 PORTS PSE POE MANAGER
logo
Microchip Technology
PD69101 MICROCHIP-PD69101 Datasheet
989Kb / 30P
   1-Port PSE PoE Controller Datasheet
logo
Level One
FCS-7111 LVL1-FCS-7111 Datasheet
172Kb / 3P
   1-Port H.264 PoE Video Server
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com