Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BH1750FVI Datasheet(PDF) 12 Page - Rohm

Part # BH1750FVI
Description  Digital 16bit Serial Output Type Ambient Light Sensor IC
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BH1750FVI Datasheet(HTML) 12 Page - Rohm

Back Button BH1750FVI Datasheet HTML 8Page - Rohm BH1750FVI Datasheet HTML 9Page - Rohm BH1750FVI Datasheet HTML 10Page - Rohm BH1750FVI Datasheet HTML 11Page - Rohm BH1750FVI Datasheet HTML 12Page - Rohm BH1750FVI Datasheet HTML 13Page - Rohm BH1750FVI Datasheet HTML 14Page - Rohm BH1750FVI Datasheet HTML 15Page - Rohm BH1750FVI Datasheet HTML 16Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 18 page
background image
BH1750FVI
Technical Note
12/17
www.rohm.com
2009.04- Rev.B
© 2009 ROHM Co., Ltd. All rights reserved.
H-Resolution Mode2
H-resolution mode2 is 0.5lx ( typ. ) resolution mode. It is suitable if under less than 10 lx measure ment data is necessary.
This measurement mode supports " Adjust measurement result for influence of optical window ". Please refer it. It is possible
to detect min. 0.11 lx by using H-resolution mode2.
Instruction set architecture for H-resolution mode2
Instruction
Opecode
Comments
Continuously H-Resolution Mode2
0001_0001
Start measurement at 0.5lx resolution.
Measurement Time is typically 120ms.
One Time H-Resolution Mode2
0010_0001
Start measurement at 0.5lx resolution.
Measurement Time is typically 120ms.
It is automatically set to Power Down mode after measurement.
Measurement sequence example from "Write instruction" to "Read measurement result"
ex) Continuously H-resolution mode2 ( ADDR = 'L' )
Send "Continuously H-resolution mode2 " instruction
ST
0100011
0
Ack
00010001
Ack
SP
Wait to complete 1st H-resolution mode2 measurement.( max. 180ms. )
Read measurement result.
ST
0100011
1
Ack
High Byte [15:8]
2
14 213 212 211 210 29 28 27
Ack
Low Byte [7:0]
2
6
2
5
2
4
2
3
2
2
2
1
2
0
2
-1
Ack
SP
How to calculate when the data High Byte is "00000000" and Low Byte is "00010010"
( 2
3+ 20 ) / 1.2 ≒ 7.5 [ lx ]
from Master to Slave
from Slave to Master


Similar Part No. - BH1750FVI

ManufacturerPart #DatasheetDescription
logo
Rohm
BH1750FVI ROHM-BH1750FVI Datasheet
399Kb / 18P
Digital 16bit Serial Output Type Ambient Light Sensor IC
BH1750FVI-TR ROHM-BH1750FVI-TR Datasheet
399Kb / 18P
Digital 16bit Serial Output Type Ambient Light Sensor IC
BH1750FVI ROHM-BH1750FVI_10 Datasheet
399Kb / 18P
Digital 16bit Serial Output Type Ambient Light Sensor IC
More results

Similar Description - BH1750FVI

ManufacturerPart #DatasheetDescription
logo
Rohm
BH1715FVC ROHM-BH1715FVC Datasheet
447Kb / 16P
Digital 16bit Serial Output Type Ambient Light Sensor IC
BH1780GLI ROHM-BH1780GLI Datasheet
220Kb / 14P
Digital 16bit Serial Output Type Ambient Light Sensor IC
BH1710FVC ROHM-BH1710FVC_09 Datasheet
464Kb / 16P
Digital 16bit Serial Output Type Ambient Light Sensor IC
BH1721FVC ROHM-BH1721FVC Datasheet
325Kb / 16P
Digital 16bit Serial Output Type Ambient Light Sensor IC
BH1751FVI ROHM-BH1751FVI Datasheet
495Kb / 17P
Digital 16bit Serial Output Type Ambient Light Sensor IC
BH1715FVC ROHM-BH1715FVC_10 Datasheet
404Kb / 17P
Digital 16bit Serial Output Type Ambient Light Sensor IC
BH1730FVC ROHM-BH1730FVC Datasheet
456Kb / 21P
Digital 16bit Serial Output Type Ambient Light Sensor IC
BH1721FVC ROHM-BH1721FVC_11 Datasheet
463Kb / 19P
Digital 16bit Serial Output Type Ambient Light Sensor IC
BH1726NUC ROHM-BH1726NUC Datasheet
1Mb / 20P
Digital 16bit Serial Output Type Ambient Light Sensor IC
BU27030NUC ROHM-BU27030NUC Datasheet
1Mb / 16P
Digital 16bit Serial Output Type Ambient Light Sensor IC
06.Dec.2019 Rev.002
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com