Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BH1750FVI Datasheet(PDF) 11 Page - Rohm

Part # BH1750FVI
Description  Digital 16bit Serial Output Type Ambient Light Sensor IC
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BH1750FVI Datasheet(HTML) 11 Page - Rohm

Back Button BH1750FVI Datasheet HTML 7Page - Rohm BH1750FVI Datasheet HTML 8Page - Rohm BH1750FVI Datasheet HTML 9Page - Rohm BH1750FVI Datasheet HTML 10Page - Rohm BH1750FVI Datasheet HTML 11Page - Rohm BH1750FVI Datasheet HTML 12Page - Rohm BH1750FVI Datasheet HTML 13Page - Rohm BH1750FVI Datasheet HTML 14Page - Rohm BH1750FVI Datasheet HTML 15Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
BH1750FVI
Technical Note
11/17
www.rohm.com
2009.04- Rev.B
© 2009 ROHM Co., Ltd. All rights reserved.
Adjust measurement result for influence of optical window. ( sensor sensitivity adjusting )
BH1750FVI is possible to change sensor sensitivity. And it is possible to cancel the optical window influence ( difference with
/ without optical window ) by using this function. Adjust is done by changing measurement time. For example, when
transmission rate of optical window is 50% ( measurement result becomes 0.5 times if optical window is set ), influence of
optical window is ignored by changing sensor sensitivity from default to 2 times
Sensor sensitivity is shift by changing the value of MTreg ( measurement time regisiter ). MTreg value has to set 2 times if
target of sensor sensitivity is 2 times. Measurement time is also set 2 times when MTreg value is changed from default to 2
times.
ex) Procedure for changing target sensor sensitivity to 2 times.
Please change Mtreg from ”0100_0101” ( default ) to ”1000_1010” ( default * 2 ).
1) Changing High bit of MTreg
ST
Slave Address
R/W
0
Ack
01000_100
Ack
SP
2) Changing Low bit of MTreg
ST
Slave Address
R/W
0
Ack
011_01010
Ack
SP
3) Input Measurement Command
ST
Slave Address
R/W
0
Ack
0001_0000
Ack
SP
* This example is High Resolution mode, but it accepts the other measurement.
4) After about 240ms, measurement result is registered to Data Register.
( High Resolution mode is typically 120ms, but measurement time is set twice. )
The below table is seeing the changable range of MTreg.
Min.
Typ.
Max.
changable
range of MTreg
binary
0001_1111
( sensitivity : default * 0.45 )
0100_0101
default
1111_1110
( sensitivity : default * 3.68 )
decimal
31
( sensitivity : default * 0.45 )
69
default
254
( sensitivity : default * 3.68 )
It is possilbe to detect 0.23lx by using this function at H-resolution mode. And it is possilbe to detect 0.11lx by using this
function at H-resolution mode2.
The below formula is to calculate illuminance per 1 count.
H-reslution mode : Illuminance per 1 count ( lx / count ) = 1 / 1.2 *( 69 / X )
H-reslution mode2 : Illuminance per 1 count ( lx / count ) = 1 / 1.2 *( 69 / X ) / 2
1.2 : Measurement accuracy
69 : Default value of MTreg ( dec )
X : MTreg value
The below table is seeing the detail of resolution.
Mtreg の値
lx / count
at H-resolutin mode
lx / count
at H-resolution mode2
0001_1111
1.85
0.93
0100_0101
0.83
0.42
1111_1110
0.23
0.11


Similar Part No. - BH1750FVI

ManufacturerPart #DatasheetDescription
logo
Rohm
BH1750FVI ROHM-BH1750FVI Datasheet
399Kb / 18P
   Digital 16bit Serial Output Type Ambient Light Sensor IC
BH1750FVI-TR ROHM-BH1750FVI-TR Datasheet
399Kb / 18P
   Digital 16bit Serial Output Type Ambient Light Sensor IC
BH1750FVI ROHM-BH1750FVI_10 Datasheet
399Kb / 18P
   Digital 16bit Serial Output Type Ambient Light Sensor IC
More results

Similar Description - BH1750FVI

ManufacturerPart #DatasheetDescription
logo
Rohm
BH1730FVC ROHM-BH1730FVC Datasheet
456Kb / 21P
   Digital 16bit Serial Output Type Ambient Light Sensor IC
BH1710FVC ROHM-BH1710FVC_09 Datasheet
464Kb / 16P
   Digital 16bit Serial Output Type Ambient Light Sensor IC
BH1721FVC ROHM-BH1721FVC Datasheet
325Kb / 16P
   Digital 16bit Serial Output Type Ambient Light Sensor IC
BH1721FVC ROHM-BH1721FVC_11 Datasheet
463Kb / 19P
   Digital 16bit Serial Output Type Ambient Light Sensor IC
BH1780GLI ROHM-BH1780GLI Datasheet
220Kb / 14P
   Digital 16bit Serial Output Type Ambient Light Sensor IC
BH1751FVI ROHM-BH1751FVI Datasheet
495Kb / 17P
   Digital 16bit Serial Output Type Ambient Light Sensor IC
BH1715FVC ROHM-BH1715FVC_10 Datasheet
404Kb / 17P
   Digital 16bit Serial Output Type Ambient Light Sensor IC
BH1715FVC ROHM-BH1715FVC Datasheet
447Kb / 16P
   Digital 16bit Serial Output Type Ambient Light Sensor IC
BU27030NUC ROHM-BU27030NUC Datasheet
1Mb / 16P
   Digital 16bit Serial Output Type Ambient Light Sensor IC
06.Dec.2019 Rev.002
BH1726NUC ROHM-BH1726NUC Datasheet
1Mb / 20P
   Digital 16bit Serial Output Type Ambient Light Sensor IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com