Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BD9018KV Datasheet(PDF) 9 Page - Rohm

Part # BD9018KV
Description  Step-down,High-efficiency Switching Regulators (Controller type)
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD9018KV Datasheet(HTML) 9 Page - Rohm

Back Button BD9018KV Datasheet HTML 5Page - Rohm BD9018KV Datasheet HTML 6Page - Rohm BD9018KV Datasheet HTML 7Page - Rohm BD9018KV Datasheet HTML 8Page - Rohm BD9018KV Datasheet HTML 9Page - Rohm BD9018KV Datasheet HTML 10Page - Rohm BD9018KV Datasheet HTML 11Page - Rohm BD9018KV Datasheet HTML 12Page - Rohm BD9018KV Datasheet HTML 13Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
Technical Note
9/16
BD9018KV
www.rohm.com
2010.02 - Rev.A
c
2010 ROHM Co., Ltd. All rights reserved.
A
COMP
FB
C
R
Feedback
-1 8 0
-9 0
0
90
18 0
A
0
0
-90
-180
(a)
GBW(b)
-180°
Phase margin
-90°
-20dB/decade
Gain
[dB]
Phase
[deg]
Fig. 25
Fig. 26
Resonance point phase delay-180°
fr =
[Hz]
1
2π√LC
1
2π√LC
fr =
[Hz]:Resonance Point
fESR =
[Hz] :Phase lead
1
2πRESRC
Phase delay-90°
(8) Method for determining phase compensation
In switching regulator applications, the phase needs to be compensated in accordance with the operating conditions as
well as the used external parts. In case the margin is not enough, then the output may possibly overshoot or undershoot
when the load current, input voltage or switching frequency rapidly changes.
The compensation technique is described below.
Conditions for application stability
Feedback stability conditions are as follows:
At the unity (0-dB) gain, the phase delay is 150° or less (i.e., phase margin is at least 30°):
Since the DC/DC converter application is sampled according to the switching frequency, GBW (frequency at 0-dB gain) of the overall system
should be set to 1/10 or less of the switching frequency. The following section summarizes the targeted characteristics of this application.
At the unity (0-dB) gain, the phase delay is 150˚ or less (i.e. the phase margin is 30˚ or more).
The GBW for this occasion is 1/10 or less of the switching frequency.
Responsiveness is determined with restrictions on the GBW. To improve responsiveness, higher switching frequency should be provided.
The key to achieving successful stabilization using phase compensation is to cancel the secondary phase margin/delay
(-180°) generated by LC resonance, by employing a dual phase lead. In short, adding two phase leads stabilizes the
application.
GBW (the frequency at unity gain) is determined by the phase compensation capacitor connected to the error amp. Thus,
a larger capacitor will serve to lower GBW if desired.
General use integrator (low-pass filter) ② Integrator open loop characteristics
Fig. 23
Fig. 24
The error amp is provided with phase compensation similar to that depicted in figures ① and ② above and thus
serves as the system’s low-pass filter.
In DC/DC converter applications, R is established parallel to the feedback resistance.
When electrolytic or other high-ESR output capacitors are used:
Phase compensation is relatively simple for applications employing high-ESR output capacitors (on the order of several
Ω
). In DC/DC converter applications, where LC resonance circuits are always incorporated, the phase margin at these
locations is -180°. However, wherever ESR is present, a 90° phase lead is generated, limiting the net phase margin to
-90° in the presence of ESR. Since the desired phase margin is in a range less than 150°, this is a highly advantageous
approach in terms of the phase margin. However, it also has the drawback of increasing output voltage ripple
components.
LC resonance circuit
ESR connected
Vcc
Vo
L
C
1
2πRCA
point (a) fa =
1.25[Hz]
1
2πRC
point (b) fa = GBW
[Hz]
Vcc
Vo
L
C
RESR


Similar Part No. - BD9018KV

ManufacturerPart #DatasheetDescription
logo
Power Innovations Ltd
BD901 POINN-BD901 Datasheet
115Kb / 6P
   NPN SILICON POWER DARLINGTONS
logo
Bourns Electronic Solut...
BD901 BOURNS-BD901 Datasheet
107Kb / 5P
   NPN SILICON POWER DARLINGTONS
logo
Savantic, Inc.
BD901 SAVANTIC-BD901 Datasheet
101Kb / 3P
   Silicon NPN Power Transistors
logo
Inchange Semiconductor ...
BD901 ISC-BD901 Datasheet
134Kb / 3P
   Silicon NPN Power Transistors
logo
Continental Device Indi...
BD901 CDIL-BD901 Datasheet
86Kb / 3P
   DARLINGTON PLASTIC POWER TRANSISTORS
More results

Similar Description - BD9018KV

ManufacturerPart #DatasheetDescription
logo
Rohm
BD9040FV ROHM-BD9040FV_09 Datasheet
585Kb / 19P
   Step-down,High-efficiency Switching Regulators (Controller type)
BD9011EKN ROHM-BD9011EKN_08 Datasheet
1Mb / 30P
   Step-down, High-efficiency Switching Regulators (Controller type)
BD8303MUV-E2 ROHM-BD8303MUV-E2 Datasheet
398Kb / 18P
   Step-up/down, High-efficiency Switching Regulators (Controller type)
BD8303MUV ROHM-BD8303MUV Datasheet
380Kb / 16P
   Step-up/down, High-efficiency Switching Regulators (Controller type)
logo
Linear Technology
LTC1148 LINER-LTC1148 Datasheet
384Kb / 20P
   High Efficiency Synchronous Step-Down Switching Regulators
LTC1148-5 LINER-LTC1148-5_15 Datasheet
247Kb / 20P
   High Efficiency Synchronous Step-Down Switching Regulators
LTC1149 LINER-LTC1149_15 Datasheet
333Kb / 20P
   High Efficiency Synchronous Step-Down Switching Regulators
LTC1159 LINER-LTC1159_15 Datasheet
290Kb / 20P
   High Efficiency Synchronous Step-Down Switching Regulators
LTC1148 LINER-LTC1148_04 Datasheet
237Kb / 20P
   High Efficiency Synchronous Step-Down Switching Regulators
LTC1148 LINER-LTC1148_15 Datasheet
247Kb / 20P
   High Efficiency Synchronous Step-Down Switching Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com