Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BD9018KV Datasheet(PDF) 2 Page - Rohm

Part # BD9018KV
Description  Step-down,High-efficiency Switching Regulators (Controller type)
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD9018KV Datasheet(HTML) 2 Page - Rohm

  BD9018KV Datasheet HTML 1Page - Rohm BD9018KV Datasheet HTML 2Page - Rohm BD9018KV Datasheet HTML 3Page - Rohm BD9018KV Datasheet HTML 4Page - Rohm BD9018KV Datasheet HTML 5Page - Rohm BD9018KV Datasheet HTML 6Page - Rohm BD9018KV Datasheet HTML 7Page - Rohm BD9018KV Datasheet HTML 8Page - Rohm BD9018KV Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
Technical Note
2/16
BD9018KV
www.rohm.com
2010.02 - Rev.A
c
2010 ROHM Co., Ltd. All rights reserved.
Recommend operating range (Ta=25℃)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Input voltage 1
VCC,EXTVCC
3.9 *1 *2
12
30
V
Input voltage 2
VCCCL
3 *1 *2
12
VCC
V
BOOT-SW voltage
BOOT-SW
3.9
5
VREG5
V
Oscillator frequency
OSC
250
300
550
kHz
Synchronous frequency
SYNC
OSC
-
600 *2
kHz
Synchronous frequency
pulse width (ON Time)
Ton
0.2
1/(2×SYNC)
-
μ
sec
Synchronous frequency
pulse width (OFF Time)
Toff
0.2
1/(2×SYNC)
-
μ
sec
*1 In case of using less than 6V, Short VCC, EXTVCC and VREG5.
Moreover, it is the voltage range when 4.5V or greater is once supplied to the input.
*2 Should not exceed OSC×2
This product is not designed to provide resistance against radiation.
Electrical characteristics (Unless otherwise specified, Ta=25℃ VCC=12V STB=5V EN1,2=5V)
Parameter
Symbol
Limit
Unit
Conditions
Min.
Typ.
Max.
VIN bias current
IIN
-
5
10
mA
Shutdown mode current
IST
-
0
10
μ
A
EN1,EN2=0V , VREG5 OFF
EN1,2 low voltage
VENth1
GND
-
1.0
V
When each EN is OFF,
each ch is OFF
EN1,2 high voltage
VENth2
2.6
-
Vcc
V
When EN is ON,
each ch is ON
EN1,2 input current
IEN
12
23
48
μ
A
VEN=5V
VREG5 Block]
VREG5 output voltage
VREG5
4.7
4.95
5.2
V
IREF=6mA
Under Voltage Lock Out Block]
VREG5 threshold voltage
VREG_UVLO
3.5
3.7
3.9
V
VREG:Sweep down
VREG5 hysteresis voltage
DVREG_UVLO
100
200
400
mV
VREG:Sweep up
Oscillator]
Oscillator frequency
FOSC
270
300
330
kHz
RT=100 kΩ
Synchronous frequency
Fsync
-
500
-
kHz
RT=100 kΩ,SYNC=500kHz
SYNC pulse low voltage
Vsynclow
GNC
-
0.5
V
SYNC pulse high voltage
Vsynchigh
2.5
-
7
V
SYNC input current
Isync
10
20
40
μ
A
Vsync=5V
Error Amp Block]
VO input bias current
IVo+
-
-
1
μ
A
Feedback reference voltage
VOB
0.792
0.800
0.808
V
Soft start block]
Charge current
ISS
6.5
10
13.5
μ
A
VSS=1V
Discharge current
IDIS
0.6
1.7
3
mA
VSS=1V,VCC=3V
Maximum voltage
Vss_MAX
2.05
2.25
2.45
V
Standby voltage
Vss_STB
-
-
0.3
V
VCC=0.3V
Over Current Protection Block]
CL threshold voltage
Vswth
70
90
110
V
CL input current 1,2
Iswin
-
-
10
μ
A
Output short detection voltage
Vosh
0.46
0.56
0.66
V
VFB
Output short release voltage
Vodet
0.51
0.61
0.71
V
VFB
PGOOD]
PGOOD output L current
IPGOODL
0.56
0.7
-
mA
PGOOD=1V,FB=0V
PGOOD output H current
IPGOODH
-
0
3
μ
A
PGOOD=5V
Over voltage detection voltage
VFBO
0.874
0.92
0.966
V
VFB


Similar Part No. - BD9018KV

ManufacturerPart #DatasheetDescription
logo
Power Innovations Ltd
BD901 POINN-BD901 Datasheet
115Kb / 6P
   NPN SILICON POWER DARLINGTONS
logo
Bourns Electronic Solut...
BD901 BOURNS-BD901 Datasheet
107Kb / 5P
   NPN SILICON POWER DARLINGTONS
logo
Savantic, Inc.
BD901 SAVANTIC-BD901 Datasheet
101Kb / 3P
   Silicon NPN Power Transistors
logo
Inchange Semiconductor ...
BD901 ISC-BD901 Datasheet
134Kb / 3P
   Silicon NPN Power Transistors
logo
Continental Device Indi...
BD901 CDIL-BD901 Datasheet
86Kb / 3P
   DARLINGTON PLASTIC POWER TRANSISTORS
More results

Similar Description - BD9018KV

ManufacturerPart #DatasheetDescription
logo
Rohm
BD9040FV ROHM-BD9040FV_09 Datasheet
585Kb / 19P
   Step-down,High-efficiency Switching Regulators (Controller type)
BD9011EKN ROHM-BD9011EKN_08 Datasheet
1Mb / 30P
   Step-down, High-efficiency Switching Regulators (Controller type)
BD8303MUV-E2 ROHM-BD8303MUV-E2 Datasheet
398Kb / 18P
   Step-up/down, High-efficiency Switching Regulators (Controller type)
BD8303MUV ROHM-BD8303MUV Datasheet
380Kb / 16P
   Step-up/down, High-efficiency Switching Regulators (Controller type)
logo
Linear Technology
LTC1148 LINER-LTC1148 Datasheet
384Kb / 20P
   High Efficiency Synchronous Step-Down Switching Regulators
LTC1148-5 LINER-LTC1148-5_15 Datasheet
247Kb / 20P
   High Efficiency Synchronous Step-Down Switching Regulators
LTC1149 LINER-LTC1149_15 Datasheet
333Kb / 20P
   High Efficiency Synchronous Step-Down Switching Regulators
LTC1159 LINER-LTC1159_15 Datasheet
290Kb / 20P
   High Efficiency Synchronous Step-Down Switching Regulators
LTC1148 LINER-LTC1148_04 Datasheet
237Kb / 20P
   High Efficiency Synchronous Step-Down Switching Regulators
LTC1148 LINER-LTC1148_15 Datasheet
247Kb / 20P
   High Efficiency Synchronous Step-Down Switching Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com