Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BD9018KV Datasheet(PDF) 10 Page - Rohm

Part # BD9018KV
Description  Step-down,High-efficiency Switching Regulators (Controller type)
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD9018KV Datasheet(HTML) 10 Page - Rohm

Back Button BD9018KV Datasheet HTML 6Page - Rohm BD9018KV Datasheet HTML 7Page - Rohm BD9018KV Datasheet HTML 8Page - Rohm BD9018KV Datasheet HTML 9Page - Rohm BD9018KV Datasheet HTML 10Page - Rohm BD9018KV Datasheet HTML 11Page - Rohm BD9018KV Datasheet HTML 12Page - Rohm BD9018KV Datasheet HTML 13Page - Rohm BD9018KV Datasheet HTML 14Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
Technical Note
10/16
BD9018KV
www.rohm.com
2010.02 - Rev.A
c
2010 ROHM Co., Ltd. All rights reserved.
FB
R2
A
COMP
Vo
C2
C1
R1
FB
R2
A
COMP
Vo
C2
R1
R3
Fig. 29
1
2π√LC
Since ESR changes the phase characteristics, only one phase lead need be provided for high-ESR applications. Please
choose one of the following methods to add the phase lead.
Add C to feedback resistor
Add R3 to aggregator
Fig. 27
Fig. 28
Phase lead fz =
[Hz]
Phase lead fz =
[Hz]
Set the phase lead frequency close to the LC resonance frequency in order to cancel the LC resonance.
When using ceramic, OS-CON, or other low-ESR capacitors for the output capacitor:
Where low-ESR (on the order of tens of mΩ) output capacitors are employed, a two phase-lead insertion scheme is
required, but this is different from the approach described in figure ③~⑥, since in this case the LC resonance gives
rise to a 180° phase margin/delay. Here, a phase compensation method such as that shown in figure ⑦ below can
be implemented.
Phase compensation provided by secondary (dual) phase lead
Phase lead fz1 =
[Hz]
Phase lead fz2 =
[Hz]
LC resonance frequency fr =
[Hz]
Once the phase-lead frequency is determined, it should be set close to the LC resonance frequency.
This technique simplifies the phase topology of the DCDC Converter. Therefore, it might need a certain amount
of trial-and-error process. There are many factors (The PCB board layout, Output Current, etc.)that can affect
the DCDC characteristics. Please verify and confirm using practical applications.
1
2πC1R1
1
2πC2R3
1
2πR1C1
1
2πR3C2
FB
R2
A
COMP
Vo
C2
R1
R3
C1


Similar Part No. - BD9018KV

ManufacturerPart #DatasheetDescription
logo
Power Innovations Ltd
BD901 POINN-BD901 Datasheet
115Kb / 6P
NPN SILICON POWER DARLINGTONS
logo
Bourns Electronic Solut...
BD901 BOURNS-BD901 Datasheet
107Kb / 5P
NPN SILICON POWER DARLINGTONS
logo
Savantic, Inc.
BD901 SAVANTIC-BD901 Datasheet
101Kb / 3P
Silicon NPN Power Transistors
logo
Inchange Semiconductor ...
BD901 ISC-BD901 Datasheet
134Kb / 3P
Silicon NPN Power Transistors
logo
Continental Device Indi...
BD901 CDIL-BD901 Datasheet
86Kb / 3P
DARLINGTON PLASTIC POWER TRANSISTORS
More results

Similar Description - BD9018KV

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1148 LINER-LTC1148 Datasheet
384Kb / 20P
High Efficiency Synchronous Step-Down Switching Regulators
LTC1148 LINER-LTC1148_04 Datasheet
237Kb / 20P
High Efficiency Synchronous Step-Down Switching Regulators
logo
Rohm
BD8303MUV ROHM-BD8303MUV Datasheet
380Kb / 16P
Step-up/down, High-efficiency Switching Regulators (Controller type)
BD9011EKN ROHM-BD9011EKN_08 Datasheet
1Mb / 30P
Step-down, High-efficiency Switching Regulators (Controller type)
BD9040FV ROHM-BD9040FV_09 Datasheet
585Kb / 19P
Step-down,High-efficiency Switching Regulators (Controller type)
BD8303MUV-E2 ROHM-BD8303MUV-E2 Datasheet
398Kb / 18P
Step-up/down, High-efficiency Switching Regulators (Controller type)
logo
Linear Technology
LTC1148 LINER-LTC1148_15 Datasheet
247Kb / 20P
High Efficiency Synchronous Step-Down Switching Regulators
LTC1148-5 LINER-LTC1148-5_15 Datasheet
247Kb / 20P
High Efficiency Synchronous Step-Down Switching Regulators
LTC1149 LINER-LTC1149_15 Datasheet
333Kb / 20P
High Efficiency Synchronous Step-Down Switching Regulators
LTC1159 LINER-LTC1159_15 Datasheet
290Kb / 20P
High Efficiency Synchronous Step-Down Switching Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com