Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TA0281A Datasheet(PDF) 2 Page - TAI-SAW TECHNOLOGY CO., LTD.

Part # TA0281A
Description  SAW Filter 915 MHz
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Direct Link  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.

TA0281A Datasheet(HTML) 2 Page - TAI-SAW TECHNOLOGY CO., LTD.

  TA0281A Datasheet HTML 1Page - TAI-SAW TECHNOLOGY CO., LTD. TA0281A Datasheet HTML 2Page - TAI-SAW TECHNOLOGY CO., LTD. TA0281A Datasheet HTML 3Page - TAI-SAW TECHNOLOGY CO., LTD. TA0281A Datasheet HTML 4Page - TAI-SAW TECHNOLOGY CO., LTD. TA0281A Datasheet HTML 5Page - TAI-SAW TECHNOLOGY CO., LTD. TA0281A Datasheet HTML 6Page - TAI-SAW TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
TAI-SAW TECHNOLOGY CO., LTD.
2
TST DCC
Release document
TAI-SAW TECHNOLOGY CO., LTD.
No. 3, Industrial 2nd Rd., Ping-Chen Industrial District,
Taoyuan, 324, Taiwan, R.O.C.
TEL: 886-3-4690038
FAX: 886-3-4697532
E-mail: tstsales@mail.taisaw.com
Web: www.taisaw.com
SAW Filter 915 MHz
MODEL NO.: TA0281A
REV. NO.:5
A. MAXIMUM RATING:
1.Input Power Level: 15 dBm
2.DC voltage: 5 V
3.Operating Temperature: -40
°C to +85°C
4.Storage Temperature: -40
°C to +85°C
B. ELECTRICAL CHARACTERISTICS:
Item
Min.
Typ.
Max.
Center frequency
Fc
MHz
-
915
-
Insertion loss
902 ~ 928 MHz
IL
(dB)
-
2.2
3.5
Amplitude ripple
902 ~ 928 MHz
(dB)
-
0.6
2.0
VSWR
902 ~ 928 MHz
-
1.6
2.3
Attenuation (Reference level from 0 dB)
D.C. ~ 800 MHz
(dB)
50
63
-
800 ~ 880 MHz
(dB)
40
48
-
960 ~ 1080 MHz
(dB)
32
39
-
1080 ~ 1500 MHz
(dB)
45
65
-
1500 ~ 3000 MHz
(dB)
22
28
-
Source impedance
Zs
(
Ω)
-
50
-
Load impedance
ZL
(
Ω)
-
50
-
Note1. No matching network required for operation at 50
RoHS Compliant
Lead free
Lead-free soldering


Similar Part No. - TA0281A

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TA0281A TAI-SAW-TA0281A Datasheet
7Mb / 8P
   Your Best Partner For Frequency Devices
logo
Golledge Electronics Lt...
TA0281A GOLLEDGE-TA0281A Datasheet
535Kb / 5P
   SAW Filter 915MHz
More results

Similar Description - TA0281A

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TA1042A TAI-SAW-TA1042A Datasheet
948Kb / 7P
   SAW Filter 915 MHz
TA1363A TAI-SAW-TA1363A Datasheet
429Kb / 7P
   SAW Filter 915 MHz
TA1392A TAI-SAW-TA1392A Datasheet
476Kb / 7P
   SAW Filter 915 MHz
TA1392B TAI-SAW-TA1392B Datasheet
559Kb / 7P
   SAW Filter 915 MHz
logo
TriQuint Semiconductor
856327 TRIQUINT-856327_15 Datasheet
552Kb / 6P
   915 MHz SAW filter
logo
TAI-SAW TECHNOLOGY CO.,...
TA1561A TAI-SAW-TA1561A Datasheet
152Kb / 8P
   SAW Filter 915 MHz
logo
TriQuint Semiconductor
856327 TRIQUINT-856327 Datasheet
458Kb / 5P
   915 MHz SAW Filter
logo
TAI-SAW TECHNOLOGY CO.,...
TA2294A TAI-SAW-TA2294A Datasheet
484Kb / 7P
   SAW Filter 915 MHz
TA1719A TAI-SAW-TA1719A Datasheet
272Kb / 7P
   SAW Filter 915 MHz
TA1042B TAI-SAW-TA1042B Datasheet
1Mb / 7P
   SAW Filter 915 MHz
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com