Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

APT30DQ120BG Datasheet(PDF) 2 Page - Microsemi Corporation

Part # APT30DQ120BG
Description  ULTRAFAST SOFT RECOVERY RECTIFIER DIODE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

APT30DQ120BG Datasheet(HTML) 2 Page - Microsemi Corporation

  APT30DQ120BG Datasheet HTML 1Page - Microsemi Corporation APT30DQ120BG Datasheet HTML 2Page - Microsemi Corporation APT30DQ120BG Datasheet HTML 3Page - Microsemi Corporation APT30DQ120BG Datasheet HTML 4Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
APT30DQ120B_S(G)
DYNAMIC CHARACTERISTICS
MIN
TYP
MAX
-
26
-
320
-
545
-
4
-
-
435
-
2100
-
9
-
-
180
-
2975
-
28
UNIT
ns
nC
Amps
ns
nC
Amps
ns
nC
Amps
Characteristic
Reverse Recovery Time
Reverse Recovery Time
Reverse Recovery Charge
Maximum Reverse Recovery Current
Reverse Recovery Time
Reverse Recovery Charge
Maximum Reverse Recovery Current
Reverse Recovery Time
Reverse Recovery Charge
Maximum Reverse Recovery Current
Symbol
t
rr
t
rr
Q
rr
I
RRM
t
rr
Q
rr
I
RRM
t
rr
Q
rr
I
RRM
Test Conditions
I
F
= 30A, di
F
/dt = -200A/µs
V
R
= 800V, T
C
= 25°C
I
F
= 30A, di
F
/dt = -200A/µs
V
R
= 800V, T
C
= 125°C
I
F
= 30A, di
F
/dt = -1000A/µs
V
R
= 800V, T
C
= 125°C
I
F
= 1A, di
F
/dt = -100A/µs, V
R
= 30V, T
J
= 25°C
THERMAL AND MECHANICAL CHARACTERISTICS
Characteristic / Test Conditions
Junction-to-Case Thermal Resistance
Package Weight
Maximum Mounting Torque
Symbol
RθJC
W
T
Torque
MIN
TYP
MAX
.80
0.22
5.9
10
1.1
UNIT
°C/W
oz
g
lb•in
N•m
10-5
10-4
10-3
10-2
10-1
1.0
RECTANGULAR PULSE DURATION (seconds)
FIGURE 1. MAXIMUM EFFECTIVE TRANSIENT THERMAL IMPEDANCE, JUNCTION-TO-CASE vs. PULSE DURATION
0.90
0.80
0.70
0.60
0.50
0.40
0.30
0.20
0.10
0
0.5
SINGLE PULSE
0.1
0.3
0.7
0.05
Peak TJ = PDM x ZθJC + TC
Duty Factor D =
t1/t
2
t2
t1
Note:
D = 0.9
Microsemi reserves the right to change, without notice, the specifications and information contained herein.


Similar Part No. - APT30DQ120BG

ManufacturerPart #DatasheetDescription
logo
Advanced Power Technolo...
APT30DQ120BG ADPOW-APT30DQ120BG Datasheet
90Kb / 2P
   ULTRAFAST SOFT RECOVERY RECTIFIER DIODE
More results

Similar Description - APT30DQ120BG

ManufacturerPart #DatasheetDescription
logo
Advanced Power Technolo...
APT15D60B ADPOW-APT15D60B Datasheet
54Kb / 4P
   ULTRAFAST SOFT RECOVERY RECTIFIER DIODE
APT30D60H ADPOW-APT30D60H Datasheet
30Kb / 2P
   ULTRAFAST SOFT RECOVERY RECTIFIER DIODE
APT15D40C ADPOW-APT15D40C Datasheet
30Kb / 2P
   ULTRAFAST SOFT RECOVERY RECTIFIER DIODE
APT15D40K ADPOW-APT15D40K Datasheet
22Kb / 2P
   ULTRAFAST SOFT RECOVERY RECTIFIER DIODE
APT15D60C ADPOW-APT15D60C Datasheet
30Kb / 2P
   ULTRAFAST SOFT RECOVERY RECTIFIER DIODE
logo
Microsemi Corporation
APT8DQ60K3CT MICROSEMI-APT8DQ60K3CT Datasheet
128Kb / 4P
   ULTRAFAST SOFT RECOVERY RECTIFIER DIODE
APT8DQ60K MICROSEMI-APT8DQ60K Datasheet
262Kb / 4P
   ULTRAFAST SOFT RECOVERY RECTIFIER DIODE
APT8DQ60KCT MICROSEMI-APT8DQ60KCT Datasheet
255Kb / 4P
   ULTRAFAST SOFT RECOVERY RECTIFIER DIODE
logo
Advanced Power Technolo...
APT15D60BCT ADPOW-APT15D60BCT_05 Datasheet
125Kb / 4P
   ULTRAFAST SOFT RECOVERY RECTIFIER DIODE
logo
Microsemi Corporation
APT15DQ100BCT MICROSEMI-APT15DQ100BCT Datasheet
249Kb / 4P
   ULTRAFAST SOFT RECOVERY RECTIFIER DIODE
logo
Advanced Power Technolo...
APT30D100BCT ADPOW-APT30D100BCT_05 Datasheet
126Kb / 4P
   ULTRAFAST SOFT RECOVERY RECTIFIER DIODE
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com