Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

APT30DQ120BG Datasheet(PDF) 3 Page - Microsemi Corporation

Part # APT30DQ120BG
Description  ULTRAFAST SOFT RECOVERY RECTIFIER DIODE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

APT30DQ120BG Datasheet(HTML) 3 Page - Microsemi Corporation

  APT30DQ120BG Datasheet HTML 1Page - Microsemi Corporation APT30DQ120BG Datasheet HTML 2Page - Microsemi Corporation APT30DQ120BG Datasheet HTML 3Page - Microsemi Corporation APT30DQ120BG Datasheet HTML 4Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
APT30DQ120B_S(G)
TYPICAL PERFORMANCE CURVES
T
J
= 125°C
V
R
= 800V
15A
30A
60A
t
rr
Q
rr
Q
rr
t
rr
I
RRM
600
500
400
300
200
100
0
35
30
25
20
15
10
5
0
Duty cycle = 0.5
T
J
= 175°C
0
25
50
75
100
125
150
25
50
75
100
125
150
175
1
10
100 200
50
45
40
35
30
25
20
15
10
5
0
1.2
1.0
0.8
0.6
0.4
0.2
0.0
200
180
160
140
120
100
80
60
40
20
0
T
J
, JUNCTION TEMPERATURE (°C)
Case Temperature (°C)
Figure 6. Dynamic Parameters vs. Junction Temperature
Figure 7. Maximum Average Forward Current vs. CaseTemperature
V
R
, REVERSE VOLTAGE (V)
Figure 8. Junction Capacitance vs. Reverse Voltage
200
180
160
140
120
100
80
60
40
20
0
5000
4000
3000
2000
1000
0
V
F
, ANODE-TO-CATHODE VOLTAGE (V)
-di
F
/dt, CURRENT RATE OF CHANGE(A/µs)
Figure 2. Forward Current vs. Forward Voltage
Figure 3. Reverse Recovery Time vs. Current Rate of Change
-di
F
/dt, CURRENT RATE OF CHANGE (A/µs)
-di
F
/dt, CURRENT RATE OF CHANGE (A/µs)
Figure 4. Reverse Recovery Charge vs. Current Rate of Change
Figure 5. Reverse Recovery Current vs. Current Rate of Change
0
1
2
3
4
5
0
200
400
600
800
1000
1200
0
200
400
600
800
1000
1200
0
200
400
600
800
1000
1200
T
J
= 125°C
V
R
= 800V
60A
15A
30A
T
J
= 125°C
V
R
= 800V
60A
30A
15A
T
J
= 175°C
T
J
= -55°C
T
J
= 25°C
T
J
= 125°C


Similar Part No. - APT30DQ120BG

ManufacturerPart #DatasheetDescription
logo
Advanced Power Technolo...
APT30DQ120BG ADPOW-APT30DQ120BG Datasheet
90Kb / 2P
   ULTRAFAST SOFT RECOVERY RECTIFIER DIODE
More results

Similar Description - APT30DQ120BG

ManufacturerPart #DatasheetDescription
logo
Advanced Power Technolo...
APT15D60B ADPOW-APT15D60B Datasheet
54Kb / 4P
   ULTRAFAST SOFT RECOVERY RECTIFIER DIODE
APT30D60H ADPOW-APT30D60H Datasheet
30Kb / 2P
   ULTRAFAST SOFT RECOVERY RECTIFIER DIODE
APT15D40C ADPOW-APT15D40C Datasheet
30Kb / 2P
   ULTRAFAST SOFT RECOVERY RECTIFIER DIODE
APT15D40K ADPOW-APT15D40K Datasheet
22Kb / 2P
   ULTRAFAST SOFT RECOVERY RECTIFIER DIODE
APT15D60C ADPOW-APT15D60C Datasheet
30Kb / 2P
   ULTRAFAST SOFT RECOVERY RECTIFIER DIODE
logo
Microsemi Corporation
APT8DQ60K3CT MICROSEMI-APT8DQ60K3CT Datasheet
128Kb / 4P
   ULTRAFAST SOFT RECOVERY RECTIFIER DIODE
APT8DQ60K MICROSEMI-APT8DQ60K Datasheet
262Kb / 4P
   ULTRAFAST SOFT RECOVERY RECTIFIER DIODE
APT8DQ60KCT MICROSEMI-APT8DQ60KCT Datasheet
255Kb / 4P
   ULTRAFAST SOFT RECOVERY RECTIFIER DIODE
logo
Advanced Power Technolo...
APT15D60BCT ADPOW-APT15D60BCT_05 Datasheet
125Kb / 4P
   ULTRAFAST SOFT RECOVERY RECTIFIER DIODE
logo
Microsemi Corporation
APT15DQ100BCT MICROSEMI-APT15DQ100BCT Datasheet
249Kb / 4P
   ULTRAFAST SOFT RECOVERY RECTIFIER DIODE
logo
Advanced Power Technolo...
APT30D100BCT ADPOW-APT30D100BCT_05 Datasheet
126Kb / 4P
   ULTRAFAST SOFT RECOVERY RECTIFIER DIODE
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com