Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VG26VS18165C Datasheet(PDF) 7 Page - Vanguard International Semiconductor

Part # VG26VS18165C
Description  1,048,576 x 16 - Bit CMOS Dynamic RAM
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VML [Vanguard International Semiconductor]
Direct Link  http://www.vis.com.tw
Logo VML - Vanguard International Semiconductor

VG26VS18165C Datasheet(HTML) 7 Page - Vanguard International Semiconductor

Back Button VG26VS18165C Datasheet HTML 3Page - Vanguard International Semiconductor VG26VS18165C Datasheet HTML 4Page - Vanguard International Semiconductor VG26VS18165C Datasheet HTML 5Page - Vanguard International Semiconductor VG26VS18165C Datasheet HTML 6Page - Vanguard International Semiconductor VG26VS18165C Datasheet HTML 7Page - Vanguard International Semiconductor VG26VS18165C Datasheet HTML 8Page - Vanguard International Semiconductor VG26VS18165C Datasheet HTML 9Page - Vanguard International Semiconductor VG26VS18165C Datasheet HTML 10Page - Vanguard International Semiconductor VG26VS18165C Datasheet HTML 11Page - Vanguard International Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 27 page
background image
Document:1G5-0147
Rev.1
Page 7
VIS
VG26(V)(S)18165C
1,048,576 x 16 - Bit
CMOS Dynamic RAM
DC Characteristics ; 5-Volt Version (Cont.)
(Ta = 0 to + 70°C, VCC = + 5V
%,VSS = 0V)
Notes:
1. ICC is specified as an average current. It depends on output loading condition and cycle rate when the
device is selected. ICC max is specified at the output open condition.
2. Address can be changed once or less while RAS = VIL.
3. For ICC4, address can be changed once or less within one EDO page mode cycle time.
Parameter
Symbol
Test Conditions
VG26(V)(S)18165C
Unit
Notes
-5
-6
Min
Max
Min
Max
Input leakage current
ILI
+ 0.5V
-5
5
-5
5
Output leakage current
ILO
+ 0.5V
Dout = Disable
-5
5
-5
5
Output high Voltage
VOH
IOH = - 5mA
2.4
-
2.4
-
V
Output low voltage
VOL
IOL = + 4.2mA
-
0.4
-
0.4
V
10
±
0V
V
I N
V
C C
µA
0V
V
OUT
V
CC
µA


Similar Part No. - VG26VS18165C

ManufacturerPart #DatasheetDescription
logo
Vanguard International ...
VG26VS17400E VML-VG26VS17400E Datasheet
209Kb / 25P
   4,194,304 x 4 - Bit CMOS Dynamic RAM
VG26VS17400FJ VML-VG26VS17400FJ Datasheet
208Kb / 25P
   4,194,304 x 4 - Bit CMOS Dynamic RAM
VG26VS17405FJ VML-VG26VS17405FJ Datasheet
244Kb / 27P
   4,194,304 x 4 - Bit CMOS Dynamic RAM
More results

Similar Description - VG26VS18165C

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
GM71V18163C HYNIX-GM71V18163C Datasheet
113Kb / 11P
   1,048,576 WORDS x 16 BIT CMOS DYNAMIC RAM
GM71C18163C HYNIX-GM71C18163C Datasheet
112Kb / 11P
   1,048,576 WORDS x 16 BIT CMOS DYNAMIC RAM
logo
Toshiba Semiconductor
TC514400APL TOSHIBA-TC514400APL Datasheet
626Kb / 21P
   1,048,576 x 4 BIT DYNAMIC RAM
TC514410AP TOSHIBA-TC514410AP Datasheet
754Kb / 21P
   1,048,576 x 4 BIT DYNAMIC RAM
TC514400J TOSHIBA-TC514400J Datasheet
628Kb / 19P
   1,048,576 x 4 BIT DYNAMIC RAM
TC514402AP TOSHIBA-TC514402AP Datasheet
656Kb / 22P
   1,048,576 x 4 BIT DYNAMIC RAM
TC514400JL TOSHIBA-TC514400JL Datasheet
623Kb / 19P
   1,048,576 x 4 BIT DYNAMIC RAM
TC514400AP TOSHIBA-TC514400AP Datasheet
595Kb / 21P
   1,048,576 x 4 BIT DYNAMIC RAM
TC514402J TOSHIBA-TC514402J Datasheet
718Kb / 22P
   1,048,576 x 4 BIT DYNAMIC RAM
TC514410J TOSHIBA-TC514410J Datasheet
731Kb / 22P
   1,048,576 x 4 BIT DYNAMIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com