Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VG26VS18165C Datasheet(PDF) 6 Page - Vanguard International Semiconductor

Part # VG26VS18165C
Description  1,048,576 x 16 - Bit CMOS Dynamic RAM
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VML [Vanguard International Semiconductor]
Direct Link  http://www.vis.com.tw
Logo VML - Vanguard International Semiconductor

VG26VS18165C Datasheet(HTML) 6 Page - Vanguard International Semiconductor

Back Button VG26VS18165C Datasheet HTML 2Page - Vanguard International Semiconductor VG26VS18165C Datasheet HTML 3Page - Vanguard International Semiconductor VG26VS18165C Datasheet HTML 4Page - Vanguard International Semiconductor VG26VS18165C Datasheet HTML 5Page - Vanguard International Semiconductor VG26VS18165C Datasheet HTML 6Page - Vanguard International Semiconductor VG26VS18165C Datasheet HTML 7Page - Vanguard International Semiconductor VG26VS18165C Datasheet HTML 8Page - Vanguard International Semiconductor VG26VS18165C Datasheet HTML 9Page - Vanguard International Semiconductor VG26VS18165C Datasheet HTML 10Page - Vanguard International Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 27 page
background image
Document:1G5-0147
Rev.1
Page 6
VIS
VG26(V)(S)18165C
1,048,576 x 16 - Bit
CMOS Dynamic RAM
DC Characteristics; 5- Volt Verion
(Ta = 0 to + 70 °C, VCC= + 5V
%,VSS = 0V)
Parameter
Symbol
Test Conditions
VG26(V)(S)18165C
Unit
Notes
-5
-6
Min
Max
Min
Max
Operating current
ICC1
RAS cycling
LCAS / UCAS cycling
tRC = min
-
120
-
110
mA
1, 2
Standby
Current
Low
power
S-version
ICC2
TTL interface
RAS, LCAS / UCAS = VIH
Dout = High-Z
-
2
-
2
mA
CMOS interface
RAS,
-0.2V
Dout = High-Z
-
0.25
-
0.25
mA
Standard
power
version
TTL interface
RAS,LCAS / UCAS = VIH
Dout = High-Z
2
-
2
mA
CMOS interface
RAS,
-0.2V
Dout = High-Z
1
-
1
mA
RAS-only
refresh current
ICC3
RAS cycling,
LCAS / UCAS = VIH
tRC = min
-
120
-
110
mA
1, 2
EDO page mode
current
ICC4
tRC = min
-
90
-
80
mA
1, 3
CAS-before-RAS
refresh current
ICC5
tRC = min
RAS, LCAS / UCAS cycling
-
120
-
110
mA
1, 2
Self-refresh current
(S - Version)
ICC8
-
350
-
350
CAS- before- RAS long
refresh current
(S-Version)
ICC9
Standby: VCC-
CAS before RAS refresh:
2048 cycles / 128ms
RAS,LCAS / UCAS:
VCC-
(Max)
Dout = High-Z,
-
500
-
500
10
±
CAS
Vcc
CAS
Vcc
t
RAS
100
µs
µA
0.2V
RAS
0V
V
IL
0.2V
0.2V
V
IH
V
IH
t
RAS
300ns
µA


Similar Part No. - VG26VS18165C

ManufacturerPart #DatasheetDescription
logo
Vanguard International ...
VG26VS17400E VML-VG26VS17400E Datasheet
209Kb / 25P
   4,194,304 x 4 - Bit CMOS Dynamic RAM
VG26VS17400FJ VML-VG26VS17400FJ Datasheet
208Kb / 25P
   4,194,304 x 4 - Bit CMOS Dynamic RAM
VG26VS17405FJ VML-VG26VS17405FJ Datasheet
244Kb / 27P
   4,194,304 x 4 - Bit CMOS Dynamic RAM
More results

Similar Description - VG26VS18165C

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
GM71V18163C HYNIX-GM71V18163C Datasheet
113Kb / 11P
   1,048,576 WORDS x 16 BIT CMOS DYNAMIC RAM
GM71C18163C HYNIX-GM71C18163C Datasheet
112Kb / 11P
   1,048,576 WORDS x 16 BIT CMOS DYNAMIC RAM
logo
Toshiba Semiconductor
TC514400APL TOSHIBA-TC514400APL Datasheet
626Kb / 21P
   1,048,576 x 4 BIT DYNAMIC RAM
TC514410AP TOSHIBA-TC514410AP Datasheet
754Kb / 21P
   1,048,576 x 4 BIT DYNAMIC RAM
TC514400J TOSHIBA-TC514400J Datasheet
628Kb / 19P
   1,048,576 x 4 BIT DYNAMIC RAM
TC514402AP TOSHIBA-TC514402AP Datasheet
656Kb / 22P
   1,048,576 x 4 BIT DYNAMIC RAM
TC514400JL TOSHIBA-TC514400JL Datasheet
623Kb / 19P
   1,048,576 x 4 BIT DYNAMIC RAM
TC514400AP TOSHIBA-TC514400AP Datasheet
595Kb / 21P
   1,048,576 x 4 BIT DYNAMIC RAM
TC514402J TOSHIBA-TC514402J Datasheet
718Kb / 22P
   1,048,576 x 4 BIT DYNAMIC RAM
TC514410J TOSHIBA-TC514410J Datasheet
731Kb / 22P
   1,048,576 x 4 BIT DYNAMIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com