Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VG26VS18165C Datasheet(PDF) 5 Page - Vanguard International Semiconductor

Part # VG26VS18165C
Description  1,048,576 x 16 - Bit CMOS Dynamic RAM
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VML [Vanguard International Semiconductor]
Direct Link  http://www.vis.com.tw
Logo VML - Vanguard International Semiconductor

VG26VS18165C Datasheet(HTML) 5 Page - Vanguard International Semiconductor

  VG26VS18165C Datasheet HTML 1Page - Vanguard International Semiconductor VG26VS18165C Datasheet HTML 2Page - Vanguard International Semiconductor VG26VS18165C Datasheet HTML 3Page - Vanguard International Semiconductor VG26VS18165C Datasheet HTML 4Page - Vanguard International Semiconductor VG26VS18165C Datasheet HTML 5Page - Vanguard International Semiconductor VG26VS18165C Datasheet HTML 6Page - Vanguard International Semiconductor VG26VS18165C Datasheet HTML 7Page - Vanguard International Semiconductor VG26VS18165C Datasheet HTML 8Page - Vanguard International Semiconductor VG26VS18165C Datasheet HTML 9Page - Vanguard International Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 27 page
background image
Document:1G5-0147
Rev.1
Page 5
VIS
VG26(V)(S)18165C
1,048,576 x 16 - Bit
CMOS Dynamic RAM
Absolute Maximum Ratings
Recommended DC Operating Conditions
Capacitance
Ta = 25°C, VCC = 5V
% or 3.3V
%, f = 1MHz
Note: 1. Capacitance measured with effective capacitance measuring method.
2. RAS,
LCAS and UCAS = VIH to disable Dout.
Parameter
Symbol
Value
Unit
5V
Voltage on any pin relative to Vss
3.3V
VT
-1.0 to + 7.0
-0.5 to + 4.6
V
5V
Supply voltage relative to Vss
3.3V
VCC
-1.0 to + 7.0
-0.5 to + 4.6
V
Short circuit output current
IOUT
50
mA
Power dissipation
PD
1.0
W
Operating temperature
TOPT
0 to + 70
¢J
Storage temperature
TSTG
-55 to + 125
¢J
Parameter/Condition
Symbol
5 Volt Version
3.3 Volt Version
Unit
Min
Typ
Max
Min
Typ
Max
Supply Voltage
VCC
4.5
5.0
5.5
3.0
3.3
3.6
V
Input High Voltage, all inputs
VIH
2.4
-
VCC + 1.0
2.0
- VCC + 0.3
V
Input Low Voltage, all inputs
VIL
-1.0
-
0.8
-0.3
-
0.8
V
Parameter
Symbol
Typ
Max
Unit
Note
Input capacitance (Address)
CI1
-
5
pF
1
Input capacitance
(RAS , LCAS , UCAS, OE, WE)
CI2
-
7
pF
1
Output capacitance
(Data-in, Data-out)
CI/O
-
7
pF
1, 2
10
±
10
±


Similar Part No. - VG26VS18165C

ManufacturerPart #DatasheetDescription
logo
Vanguard International ...
VG26VS17400E VML-VG26VS17400E Datasheet
209Kb / 25P
   4,194,304 x 4 - Bit CMOS Dynamic RAM
VG26VS17400FJ VML-VG26VS17400FJ Datasheet
208Kb / 25P
   4,194,304 x 4 - Bit CMOS Dynamic RAM
VG26VS17405FJ VML-VG26VS17405FJ Datasheet
244Kb / 27P
   4,194,304 x 4 - Bit CMOS Dynamic RAM
More results

Similar Description - VG26VS18165C

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
GM71V18163C HYNIX-GM71V18163C Datasheet
113Kb / 11P
   1,048,576 WORDS x 16 BIT CMOS DYNAMIC RAM
GM71C18163C HYNIX-GM71C18163C Datasheet
112Kb / 11P
   1,048,576 WORDS x 16 BIT CMOS DYNAMIC RAM
logo
Toshiba Semiconductor
TC514400APL TOSHIBA-TC514400APL Datasheet
626Kb / 21P
   1,048,576 x 4 BIT DYNAMIC RAM
TC514410AP TOSHIBA-TC514410AP Datasheet
754Kb / 21P
   1,048,576 x 4 BIT DYNAMIC RAM
TC514400J TOSHIBA-TC514400J Datasheet
628Kb / 19P
   1,048,576 x 4 BIT DYNAMIC RAM
TC514402AP TOSHIBA-TC514402AP Datasheet
656Kb / 22P
   1,048,576 x 4 BIT DYNAMIC RAM
TC514400JL TOSHIBA-TC514400JL Datasheet
623Kb / 19P
   1,048,576 x 4 BIT DYNAMIC RAM
TC514400AP TOSHIBA-TC514400AP Datasheet
595Kb / 21P
   1,048,576 x 4 BIT DYNAMIC RAM
TC514402J TOSHIBA-TC514402J Datasheet
718Kb / 22P
   1,048,576 x 4 BIT DYNAMIC RAM
TC514410J TOSHIBA-TC514410J Datasheet
731Kb / 22P
   1,048,576 x 4 BIT DYNAMIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com