Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HY27UF082G2B Datasheet(PDF) 23 Page - Hynix Semiconductor

Part # HY27UF082G2B
Description  2Gb NAND FLASH
Download  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HY27UF082G2B Datasheet(HTML) 23 Page - Hynix Semiconductor

Back Button HY27UF082G2B Datasheet HTML 19Page - Hynix Semiconductor HY27UF082G2B Datasheet HTML 20Page - Hynix Semiconductor HY27UF082G2B Datasheet HTML 21Page - Hynix Semiconductor HY27UF082G2B Datasheet HTML 22Page - Hynix Semiconductor HY27UF082G2B Datasheet HTML 23Page - Hynix Semiconductor HY27UF082G2B Datasheet HTML 24Page - Hynix Semiconductor HY27UF082G2B Datasheet HTML 25Page - Hynix Semiconductor HY27UF082G2B Datasheet HTML 26Page - Hynix Semiconductor HY27UF082G2B Datasheet HTML 27Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 54 page
background image
Rev 0.2 / Jan. 2008
23
1
HY27UF(08/16)2G2B Series
2Gbit (256Mx8bit) NAND Flash
DEVICE IDENTIFIER CYCLE
DESCRIPTION
1st
Manufacturer Code
2nd
Device Identifier
3rd
Internal chip number, cell Type, etc.
4th
Page Size, Block Size, Spare Size, Organization
5th
Multiplane information
Table 15: Device Identifier Coding
Part Number
Voltage
Bus
Width
1st cycle
(Manufacture Code)
2nd cycle
(Device Code)
3rd
cycle
4th
cycle
5th
cycle
HY27UF082G2B
3.3V
x8
ADh
DAh
10h
95h
44h
HY27UF162G2B
3.3V
x16
ADh
CAh
10h
D5h
44h
Table 16: Read ID Data Table
IO
Page Program
Block Erase
Read
Cache Read
CODING
0
Pass / Fail
Pass / Fail
NA
NA
Pass: ‘0’ Fail: ‘1’
1NA
NA
NA
NA
-
2NA
NA
NA
NA
-
3NA
NA
NA
NA
-
4NA
NA
NA
NA
-
5
Ready / Busy
Ready / Busy
Ready /
Busy
P/E/R
Controller Bit
Active: ‘0’ Idle:’1’
6
Ready / Busy
Ready / Busy
Ready /
Busy
Ready/Busy
Busy: ‘0’ Ready:’1’
7
Write Protect
Write Protect
Write
Protect
NA
Protected: ‘0’
Not Protected: ‘1’
Table 14 : Status Register Coding


Similar Part No. - HY27UF082G2B

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HY27UF082G2A HYNIX-HY27UF082G2A Datasheet
348Kb / 45P
   2Gbit (256Mx8bit/128Mx16bit) NAND Flash
More results

Similar Description - HY27UF082G2B

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K9F2G08U0C SAMSUNG-K9F2G08U0C Datasheet
707Kb / 39P
   2Gb C-die NAND Flash
logo
Micron Technology
MT29F2G16AADWPDTR MICRON-MT29F2G16AADWPDTR Datasheet
808Kb / 88P
   2Gb x8, x16: NAND Flash Memory
logo
KIOXIA Corporation
TC58CYG1S3HRAIG KIOXIA-TC58CYG1S3HRAIG Datasheet
2Mb / 43P
   2Gb, 1.8V Serial Interface NAND
TC58CVG1S3HRAIG KIOXIA-TC58CVG1S3HRAIG Datasheet
2Mb / 43P
   2Gb, 3.3V Serial Interface NAND
TC58CVG1S3HRAIJ KIOXIA-TC58CVG1S3HRAIJ Datasheet
1Mb / 49P
   2Gb, 3.3V Serial Interface NAND
TC58CYG1S3HRAIJ KIOXIA-TC58CYG1S3HRAIJ Datasheet
1Mb / 49P
   2Gb 1.8V Serial Interface NAND
logo
Micron Technology
MT29F1G08 MICRON-MT29F1G08 Datasheet
103Kb / 1P
   NAND Flash
logo
Transcend Information. ...
TS2GMP820 TRANSCEND-TS2GMP820 Datasheet
93Kb / 4P
   2GB/4GB USB Flash Drive
TS2GMP320 TRANSCEND-TS2GMP320 Datasheet
143Kb / 4P
   2GB/4GB USB Flash Drive
logo
Samsung semiconductor
K9F1G08U0D SAMSUNG-K9F1G08U0D Datasheet
687Kb / 38P
   1Gb NAND Flash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com