Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HY27UF082G2B Datasheet(PDF) 20 Page - Hynix Semiconductor

Part # HY27UF082G2B
Description  2Gb NAND FLASH
Download  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HY27UF082G2B Datasheet(HTML) 20 Page - Hynix Semiconductor

Back Button HY27UF082G2B Datasheet HTML 16Page - Hynix Semiconductor HY27UF082G2B Datasheet HTML 17Page - Hynix Semiconductor HY27UF082G2B Datasheet HTML 18Page - Hynix Semiconductor HY27UF082G2B Datasheet HTML 19Page - Hynix Semiconductor HY27UF082G2B Datasheet HTML 20Page - Hynix Semiconductor HY27UF082G2B Datasheet HTML 21Page - Hynix Semiconductor HY27UF082G2B Datasheet HTML 22Page - Hynix Semiconductor HY27UF082G2B Datasheet HTML 23Page - Hynix Semiconductor HY27UF082G2B Datasheet HTML 24Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 54 page
background image
Rev 0.2 / Jan. 2008
20
1
HY27UF(08/16)2G2B Series
2Gbit (256Mx8bit) NAND Flash
Parameter
Symbol
Test Conditions
3.3Volt
Unit
Min
Typ
Max
Operating
Current
Sequential
Read
ICC1
tRC=25ns
CE=VIL, IOUT=0mA
-15
30
mA
Program
ICC2
-
-
15
30
mA
Erase
ICC3
-
-
15
30
mA
Stand-by Current (TTL)
ICC4
CE=VIH,
WP=0V/Vcc
-1
mA
Stand-by Current (CMOS)
ICC5
CE=Vcc-0.2,
WP=0V/Vcc
-10
50
uA
Input Leakage Current
ILI
VIN=0 to Vcc (max)
-
-
±
10
uA
Output Leakage Current
ILO
VOUT =0 to Vcc (max)
-
-
±
10
uA
Input High Voltage
VIH
-
0.8xVcc
-
Vcc+0.3
V
Input Low Voltage
VIL
-
-0.3
-
0.2xVcc
V
Output High Voltage Level
VOH
IOH=-400uA
2.4
-
-
V
Output Low Voltage Level
VOL
IOL=2.1mA
-
-
0.4
V
Output Low Current (R/B)
IOL
(R/B)
VOL=0.4V
8
10
-
mA
Table 9: DC and Operating Characteristics
Parameter
Value
3.3Volt
Input Pulse Levels
0V to VCC
Input Rise and Fall Times
5ns
Input and Output Timing Levels
VCC/2
Output Load (2.7V - 3.6V)
1 TTL GATE and CL=50pF
Table 10: AC Conditions


Similar Part No. - HY27UF082G2B

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HY27UF082G2A HYNIX-HY27UF082G2A Datasheet
348Kb / 45P
   2Gbit (256Mx8bit/128Mx16bit) NAND Flash
More results

Similar Description - HY27UF082G2B

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K9F2G08U0C SAMSUNG-K9F2G08U0C Datasheet
707Kb / 39P
   2Gb C-die NAND Flash
logo
Micron Technology
MT29F2G16AADWPDTR MICRON-MT29F2G16AADWPDTR Datasheet
808Kb / 88P
   2Gb x8, x16: NAND Flash Memory
logo
KIOXIA Corporation
TC58CYG1S3HRAIG KIOXIA-TC58CYG1S3HRAIG Datasheet
2Mb / 43P
   2Gb, 1.8V Serial Interface NAND
TC58CVG1S3HRAIG KIOXIA-TC58CVG1S3HRAIG Datasheet
2Mb / 43P
   2Gb, 3.3V Serial Interface NAND
TC58CVG1S3HRAIJ KIOXIA-TC58CVG1S3HRAIJ Datasheet
1Mb / 49P
   2Gb, 3.3V Serial Interface NAND
TC58CYG1S3HRAIJ KIOXIA-TC58CYG1S3HRAIJ Datasheet
1Mb / 49P
   2Gb 1.8V Serial Interface NAND
logo
Micron Technology
MT29F1G08 MICRON-MT29F1G08 Datasheet
103Kb / 1P
   NAND Flash
logo
Transcend Information. ...
TS2GMP820 TRANSCEND-TS2GMP820 Datasheet
93Kb / 4P
   2GB/4GB USB Flash Drive
TS2GMP320 TRANSCEND-TS2GMP320 Datasheet
143Kb / 4P
   2GB/4GB USB Flash Drive
logo
Samsung semiconductor
K9F1G08U0D SAMSUNG-K9F1G08U0D Datasheet
687Kb / 38P
   1Gb NAND Flash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com