Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HY27UF082G2B Datasheet(PDF) 18 Page - Hynix Semiconductor

Part # HY27UF082G2B
Description  2Gb NAND FLASH
Download  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HY27UF082G2B Datasheet(HTML) 18 Page - Hynix Semiconductor

Back Button HY27UF082G2B Datasheet HTML 14Page - Hynix Semiconductor HY27UF082G2B Datasheet HTML 15Page - Hynix Semiconductor HY27UF082G2B Datasheet HTML 16Page - Hynix Semiconductor HY27UF082G2B Datasheet HTML 17Page - Hynix Semiconductor HY27UF082G2B Datasheet HTML 18Page - Hynix Semiconductor HY27UF082G2B Datasheet HTML 19Page - Hynix Semiconductor HY27UF082G2B Datasheet HTML 20Page - Hynix Semiconductor HY27UF082G2B Datasheet HTML 21Page - Hynix Semiconductor HY27UF082G2B Datasheet HTML 22Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 54 page
background image
Rev 0.2 / Jan. 2008
18
1
HY27UF(08/16)2G2B Series
2Gbit (256Mx8bit) NAND Flash
Table 7 : Valid Blocks Numbers
NOTE:
1. The 1st block is guaranteed to be a valid block at the time of shipment.
Parameter
Symbol
Min
Typ
Max
Unit
Valid Block
Number
NVB
2008
-
2048
Blocks
Symbol
Parameter
Value
Unit
TA
Ambient Operating Temperature (Commercial Temperature Range)
0 to 70
Ambient Operating Temperature (Industrial Temperature Range)
-40 to 85
TBIAS
Temperature Under Bias
-50 to 125
TSTG
Storage Temperature
-65 to 150
V
VIO(2)
Input or Output Voltage
-0.6 to 4.6
V
Vcc
Supply Voltage
-0.6 to 4.6
V
Table 8: Absolute maximum ratings
NOTE:
1. Except for the rating “Operating Temperature Range”, stresses above those listed in the Table “Absolute
Maximum Ratings” may cause permanent damage to the device. These are stress ratings only and operation of
the device at these or any other conditions above those indicated in the Operating sections of this specification is
not implied. Exposure to Absolute Maximum Rating conditions for extended periods may affect device reliability.
Refer also to the Hynix SURE Program and other relevant quality documents.
2. Minimum Voltage may undershoot to -2V during transition and for less than 20ns during transitions.


Similar Part No. - HY27UF082G2B

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HY27UF082G2A HYNIX-HY27UF082G2A Datasheet
348Kb / 45P
   2Gbit (256Mx8bit/128Mx16bit) NAND Flash
More results

Similar Description - HY27UF082G2B

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K9F2G08U0C SAMSUNG-K9F2G08U0C Datasheet
707Kb / 39P
   2Gb C-die NAND Flash
logo
Micron Technology
MT29F2G16AADWPDTR MICRON-MT29F2G16AADWPDTR Datasheet
808Kb / 88P
   2Gb x8, x16: NAND Flash Memory
logo
KIOXIA Corporation
TC58CYG1S3HRAIG KIOXIA-TC58CYG1S3HRAIG Datasheet
2Mb / 43P
   2Gb, 1.8V Serial Interface NAND
TC58CVG1S3HRAIG KIOXIA-TC58CVG1S3HRAIG Datasheet
2Mb / 43P
   2Gb, 3.3V Serial Interface NAND
TC58CVG1S3HRAIJ KIOXIA-TC58CVG1S3HRAIJ Datasheet
1Mb / 49P
   2Gb, 3.3V Serial Interface NAND
TC58CYG1S3HRAIJ KIOXIA-TC58CYG1S3HRAIJ Datasheet
1Mb / 49P
   2Gb 1.8V Serial Interface NAND
logo
Micron Technology
MT29F1G08 MICRON-MT29F1G08 Datasheet
103Kb / 1P
   NAND Flash
logo
Transcend Information. ...
TS2GMP820 TRANSCEND-TS2GMP820 Datasheet
93Kb / 4P
   2GB/4GB USB Flash Drive
TS2GMP320 TRANSCEND-TS2GMP320 Datasheet
143Kb / 4P
   2GB/4GB USB Flash Drive
logo
Samsung semiconductor
K9F1G08U0D SAMSUNG-K9F1G08U0D Datasheet
687Kb / 38P
   1Gb NAND Flash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com