Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HY27UF082G2B Datasheet(PDF) 16 Page - Hynix Semiconductor

Part # HY27UF082G2B
Description  2Gb NAND FLASH
Download  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HY27UF082G2B Datasheet(HTML) 16 Page - Hynix Semiconductor

Back Button HY27UF082G2B Datasheet HTML 12Page - Hynix Semiconductor HY27UF082G2B Datasheet HTML 13Page - Hynix Semiconductor HY27UF082G2B Datasheet HTML 14Page - Hynix Semiconductor HY27UF082G2B Datasheet HTML 15Page - Hynix Semiconductor HY27UF082G2B Datasheet HTML 16Page - Hynix Semiconductor HY27UF082G2B Datasheet HTML 17Page - Hynix Semiconductor HY27UF082G2B Datasheet HTML 18Page - Hynix Semiconductor HY27UF082G2B Datasheet HTML 19Page - Hynix Semiconductor HY27UF082G2B Datasheet HTML 20Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 54 page
background image
Rev 0.2 / Jan. 2008
16
1
HY27UF(08/16)2G2B Series
2Gbit (256Mx8bit) NAND Flash
3.13 Cache Read
Cache read operation allows automatic download of consecutive pages. Immediately after 1st latency end, while user
can start reading out data, device internally starts reading following page.
Start address of 1st page is at page start (A<10:0>=00h), after 1st latency time (tr) , automatic data download will
be uninterrupted. In fact latency time is 25us, while download of a page require at least 100us for x8 device. (50us for
x16device).
The Cache Read function may be issued after the Read function is complete (SR[6] is set to one). The host may enter
the address of the next page to be read from the Flash array. Data output always begins at column address 00h. If
the host does not enter an address to retrieve, the next sequential page is read. When the Cache Read function is
issued, SR[6] is cleared to zero (busy). After the operation is begun SR[6] is set to one (ready) and the host may
begin to read the data from the previous Read or Cache Read function. Issuing an additional Cache Read function
copies the data most recently read from the array into the page register. When no more pages are to be read, the
final page is copied into the page register by issuing the 3Fh command. The host may begin to read data from the
page register when SR[6]is set to one (ready). When the 31h and 3Fh commands are issued, SR[6] shall be cleared
to zero (busy) until the page has finished being copied from the Flash array.
The host shall not issue a sequential Read Cache (31h) command after the last page of the device is read.
Refer to Figure 15.
Cache Read operation must be done only block by block if system needs to avoid reading also reading from invalid
blocks.


Similar Part No. - HY27UF082G2B

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HY27UF082G2A HYNIX-HY27UF082G2A Datasheet
348Kb / 45P
   2Gbit (256Mx8bit/128Mx16bit) NAND Flash
More results

Similar Description - HY27UF082G2B

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K9F2G08U0C SAMSUNG-K9F2G08U0C Datasheet
707Kb / 39P
   2Gb C-die NAND Flash
logo
Micron Technology
MT29F2G16AADWPDTR MICRON-MT29F2G16AADWPDTR Datasheet
808Kb / 88P
   2Gb x8, x16: NAND Flash Memory
logo
KIOXIA Corporation
TC58CYG1S3HRAIG KIOXIA-TC58CYG1S3HRAIG Datasheet
2Mb / 43P
   2Gb, 1.8V Serial Interface NAND
TC58CVG1S3HRAIG KIOXIA-TC58CVG1S3HRAIG Datasheet
2Mb / 43P
   2Gb, 3.3V Serial Interface NAND
TC58CVG1S3HRAIJ KIOXIA-TC58CVG1S3HRAIJ Datasheet
1Mb / 49P
   2Gb, 3.3V Serial Interface NAND
TC58CYG1S3HRAIJ KIOXIA-TC58CYG1S3HRAIJ Datasheet
1Mb / 49P
   2Gb 1.8V Serial Interface NAND
logo
Micron Technology
MT29F1G08 MICRON-MT29F1G08 Datasheet
103Kb / 1P
   NAND Flash
logo
Transcend Information. ...
TS2GMP820 TRANSCEND-TS2GMP820 Datasheet
93Kb / 4P
   2GB/4GB USB Flash Drive
TS2GMP320 TRANSCEND-TS2GMP320 Datasheet
143Kb / 4P
   2GB/4GB USB Flash Drive
logo
Samsung semiconductor
K9F1G08U0D SAMSUNG-K9F1G08U0D Datasheet
687Kb / 38P
   1Gb NAND Flash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com