Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HY27UF082G2B Datasheet(PDF) 14 Page - Hynix Semiconductor

Part # HY27UF082G2B
Description  2Gb NAND FLASH
Download  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HY27UF082G2B Datasheet(HTML) 14 Page - Hynix Semiconductor

Back Button HY27UF082G2B Datasheet HTML 10Page - Hynix Semiconductor HY27UF082G2B Datasheet HTML 11Page - Hynix Semiconductor HY27UF082G2B Datasheet HTML 12Page - Hynix Semiconductor HY27UF082G2B Datasheet HTML 13Page - Hynix Semiconductor HY27UF082G2B Datasheet HTML 14Page - Hynix Semiconductor HY27UF082G2B Datasheet HTML 15Page - Hynix Semiconductor HY27UF082G2B Datasheet HTML 16Page - Hynix Semiconductor HY27UF082G2B Datasheet HTML 17Page - Hynix Semiconductor HY27UF082G2B Datasheet HTML 18Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 54 page
background image
Rev 0.2 / Jan. 2008
14
1
HY27UF(08/16)2G2B Series
2Gbit (256Mx8bit) NAND Flash
3.6 Copy-back Program
Copy-Back program with Read for Copy-Back is configured to quickly and efficiently rewrite data stored in one page
without data reloading when the bit error is not in data stored. Since the time-consuming re-loading cycles are
removed, the system performance is improved. The benefit is especially obvious when a portion of a block is updated
and the rest of the block also needs to be copied to the newly assigned free block. Copy-Back operation is a sequen-
tial execution of Read for Copy-Back and of copy-back program with the destination page address. A read operation
with "35h" command and the address of the source page moves the whole 2112byte data into the internal data buffer.
A bit error is checked by sequential reading the data output. In the case where there is no bit error, the data do not
need to be reloaded. Therefore Copy-Back program operation is initiated by issuing Page-Copy Data-Input command
(85h) with destination page address. Actual programming operation begins after Program Confirm command (10h) is
issued. Once the program process starts, the Read Status Register command (70h) may be entered to read the status
register. The system controller can detect the completion of a program cycle by monitoring the R/B output, or the Sta-
tus bit(I/O 6) of the Status Register.
When the Copy-Back Program is complete, the Write Status Bit(I/O 0) may be checked(Figure 18 & Figure 18). The
command register remains in Read Status command mode until another valid command is written to the command
register. During copy-back program, data modification is possible using random data input command (85h) as shown
in Figure19.
Copy-back program operation is allowed only within same plane.
3.7 Multi-Plane Copy-Back Program
The copy-back program is configured to quickly and efficiently rewrite data stored in one page without utilizing an
external memory. Since the time-consuming cycles of serial access and re-loading cycles are removed, the system
performance is greatly improved. The benefit is especially obvious when a portion of a block needs to be updated and
the rest of the block also need to be copied to the newly assigned free block.
The operation for performing a copy-back program is a sequential execution of page-read without serial access and
copying-program with the address of destination page. A read operation with "35h" command and the address of the
source page moves the whole 2112byte data into the internal data buffer. As soon as the device returns to Ready
state, optional data read-out is allowed by toggling RE (See Figure 23), or Copy Back command (85h) with the
address cycles of destination page may be written. The Program Confirm command (10h) is required to actually begin
the programming operation. Data input cycle for modifying a portion or multiple distant portions of the source page is
allowed as shown in Figure 23.
Most NAND devices require 2 bit external ECC only due to copy back operation while 1 bit ECC can be enough for all
other operation. Reason is that during read for copy back + copy back program sequence a bit error due to charge
loss is not checked by external error detection/correction scheme. On the contrary, 2Gbit NAND includes automatic
Error Detection Code during copy back operation: thanks to this, 2 bit external ECC is no more required, with signifi-
cant advantage for customers that can always use single bit ECC. More details on EDC operation are available in sec-
tion 3.8.


Similar Part No. - HY27UF082G2B

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HY27UF082G2A HYNIX-HY27UF082G2A Datasheet
348Kb / 45P
   2Gbit (256Mx8bit/128Mx16bit) NAND Flash
More results

Similar Description - HY27UF082G2B

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K9F2G08U0C SAMSUNG-K9F2G08U0C Datasheet
707Kb / 39P
   2Gb C-die NAND Flash
logo
Micron Technology
MT29F2G16AADWPDTR MICRON-MT29F2G16AADWPDTR Datasheet
808Kb / 88P
   2Gb x8, x16: NAND Flash Memory
logo
KIOXIA Corporation
TC58CYG1S3HRAIG KIOXIA-TC58CYG1S3HRAIG Datasheet
2Mb / 43P
   2Gb, 1.8V Serial Interface NAND
TC58CVG1S3HRAIG KIOXIA-TC58CVG1S3HRAIG Datasheet
2Mb / 43P
   2Gb, 3.3V Serial Interface NAND
TC58CVG1S3HRAIJ KIOXIA-TC58CVG1S3HRAIJ Datasheet
1Mb / 49P
   2Gb, 3.3V Serial Interface NAND
TC58CYG1S3HRAIJ KIOXIA-TC58CYG1S3HRAIJ Datasheet
1Mb / 49P
   2Gb 1.8V Serial Interface NAND
logo
Micron Technology
MT29F1G08 MICRON-MT29F1G08 Datasheet
103Kb / 1P
   NAND Flash
logo
Transcend Information. ...
TS2GMP820 TRANSCEND-TS2GMP820 Datasheet
93Kb / 4P
   2GB/4GB USB Flash Drive
TS2GMP320 TRANSCEND-TS2GMP320 Datasheet
143Kb / 4P
   2GB/4GB USB Flash Drive
logo
Samsung semiconductor
K9F1G08U0D SAMSUNG-K9F1G08U0D Datasheet
687Kb / 38P
   1Gb NAND Flash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com