Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HY27UF082G2B Datasheet(PDF) 13 Page - Hynix Semiconductor

Part # HY27UF082G2B
Description  2Gb NAND FLASH
Download  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HY27UF082G2B Datasheet(HTML) 13 Page - Hynix Semiconductor

Back Button HY27UF082G2B Datasheet HTML 9Page - Hynix Semiconductor HY27UF082G2B Datasheet HTML 10Page - Hynix Semiconductor HY27UF082G2B Datasheet HTML 11Page - Hynix Semiconductor HY27UF082G2B Datasheet HTML 12Page - Hynix Semiconductor HY27UF082G2B Datasheet HTML 13Page - Hynix Semiconductor HY27UF082G2B Datasheet HTML 14Page - Hynix Semiconductor HY27UF082G2B Datasheet HTML 15Page - Hynix Semiconductor HY27UF082G2B Datasheet HTML 16Page - Hynix Semiconductor HY27UF082G2B Datasheet HTML 17Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 54 page
background image
Rev 0.2 / Jan. 2008
13
1
HY27UF(08/16)2G2B Series
2Gbit (256Mx8bit) NAND Flash
3.3 Multi Plane Program
Device supports multiple plane program: it is possible to program in parallel 2 pages, one per each plane.
A multiple plane program cycle consists of a double serial data loading period in which up to 4224bytes of data may be
loaded into the data register, followed by a non-volatile programming period where the loaded data is programmed
into the appropriate cell. The serial data loading period begins by inputting the Serial Data Input command (80h), fol-
lowed by the five cycle address inputs and then serial data for the 1st page. Address for this page must be within 1st
plane (A<18>=0). The data of 1st page other than those to be programmed do not need to be loaded. The device
supports random data input exactly like page program operation. The Dummy Page Program Confirm command (11h)
stops 1st page data input and the device becomes busy for a short time (tDBSY). Once it has become ready again, 81h
command must be issued, followed by 2nd page address (5 cycles) and its serial data input. Address for this page
must be within 2nd plane (A<18>=1). The data of 2nd page other than those to be programmed do not need to be
loaded. Program Confirm command (10h) makes parallel programming of both pages start. User can check operation
status by R/B pin or read status register command, as if it were a normal page program; status register command is
also available during Dummy Busy time (tDBSY). In case of fail in 1st or 2nd page program, fail bit of status register
will be set: Device supports pass/fail status of each plane. Figure 21 details the sequence.
3.4 Block Erase
The Erase operation is done on a block basis. Block address loading is accomplished in there cycles initiated by an
Erase Setup command (60h). Only address A18 to A28 is valid while A12 to A17 is ignored (x8). The Erase Confirm
command (D0h) following the block address loading initiates the internal erasing process. This two step sequence of
setup followed by execution command ensures that memory contents are not accidentally erased due to external noise
conditions. At the rising edge of WE after the erase confirm command input, the internal write controller handles erase
and erase verify.
Once the erase process starts, the Read Status Register command may be entered to read the status register.
The system controller can detect the completion of an erase by monitoring the R/B output, or the Status bit (I/O 6) of
the Status Register. Only the Read Status command and Reset command are valid while erasing is in progress. When
the erase operation is completed, the Write Status Bit (I/O 0) may be checked.
Figure 20 details the sequence.
3.5 Multi Plane Erase
Multiple plane erase, allows parallel erase of two blocks, one per each memory plane.
Block erase setup command (60h) must be repeated two times, each time followed by 1st block and 2nd block address
respectively (3 cycles each). As for block erase, D0h command makes embedded operation start. Multiplane erase
does not need any Dummy Busy Time between 1st and 2nd block address insertion. Address limitation required for
multiple plane program applies also to multiple plane erase, as well as operation progress can be checked like for mul-
tiple plane program. Figure 22 details the sequence


Similar Part No. - HY27UF082G2B

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HY27UF082G2A HYNIX-HY27UF082G2A Datasheet
348Kb / 45P
   2Gbit (256Mx8bit/128Mx16bit) NAND Flash
More results

Similar Description - HY27UF082G2B

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K9F2G08U0C SAMSUNG-K9F2G08U0C Datasheet
707Kb / 39P
   2Gb C-die NAND Flash
logo
Micron Technology
MT29F2G16AADWPDTR MICRON-MT29F2G16AADWPDTR Datasheet
808Kb / 88P
   2Gb x8, x16: NAND Flash Memory
logo
KIOXIA Corporation
TC58CYG1S3HRAIG KIOXIA-TC58CYG1S3HRAIG Datasheet
2Mb / 43P
   2Gb, 1.8V Serial Interface NAND
TC58CVG1S3HRAIG KIOXIA-TC58CVG1S3HRAIG Datasheet
2Mb / 43P
   2Gb, 3.3V Serial Interface NAND
TC58CVG1S3HRAIJ KIOXIA-TC58CVG1S3HRAIJ Datasheet
1Mb / 49P
   2Gb, 3.3V Serial Interface NAND
TC58CYG1S3HRAIJ KIOXIA-TC58CYG1S3HRAIJ Datasheet
1Mb / 49P
   2Gb 1.8V Serial Interface NAND
logo
Micron Technology
MT29F1G08 MICRON-MT29F1G08 Datasheet
103Kb / 1P
   NAND Flash
logo
Transcend Information. ...
TS2GMP820 TRANSCEND-TS2GMP820 Datasheet
93Kb / 4P
   2GB/4GB USB Flash Drive
TS2GMP320 TRANSCEND-TS2GMP320 Datasheet
143Kb / 4P
   2GB/4GB USB Flash Drive
logo
Samsung semiconductor
K9F1G08U0D SAMSUNG-K9F1G08U0D Datasheet
687Kb / 38P
   1Gb NAND Flash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com