Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

G7L Datasheet(PDF) 12 Page - Omron Electronics LLC

Part # G7L
Description  General Purpose Relay
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

G7L Datasheet(HTML) 12 Page - Omron Electronics LLC

Back Button G7L Datasheet HTML 6Page - Omron Electronics LLC G7L Datasheet HTML 7Page - Omron Electronics LLC G7L Datasheet HTML 8Page - Omron Electronics LLC G7L Datasheet HTML 9Page - Omron Electronics LLC G7L Datasheet HTML 10Page - Omron Electronics LLC G7L Datasheet HTML 11Page - Omron Electronics LLC G7L Datasheet HTML 12Page - Omron Electronics LLC G7L Datasheet HTML 13Page - Omron Electronics LLC G7L Datasheet HTML 14Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
316
General Purpose Relay
G7L
Precautions
■ Handling
• To preserve initial performance, do not drop or otherwise subject
the power relay to shock.
• The case is not designed to be removed during normal handling
and operation. Doing so may affect performance.
• Use the power relay in a dry environment free from excessive dust,
SO
2, H2S, or organic gas.
• Do not allow a voltage greater than the maximum allowable coil
voltage to be applied continuously.
• Do not use the power relay outside of specified voltages and cur-
rents.
• Do not allow the ambient operating temperature to exceed the
specified limit.
■ Installation
• Although there are not specific limits on the installation site, it
should be as dry and dust-free as possible.
• PCB terminal-equipped relays weigh approximately 100 g. Be sure
that the PCB is strong enough to support them. We recommend
dual-side through-hole PCBs to reduce solder cracking from heat
stress.
• Quick-connect terminals can be connected to fast on receptacle
#250 and positive-lock connectors.
• Allow suitable slack on leads when wiring, and do not subject the
terminals to excessive force.
■ Cleaning PCB Terminals
• PCB terminals have semi-sealed construction which prevents flux
from entering the relay base. It is recommended that the user
should apply a tape seal over the vent hole prior to wave soldering
or cleaning. The tape should then be removed after processing.
■ Operating Coil
• As a rule, either a battery or a DC power supply with a maximum
5% ripple is used for the operating voltage for DC relays. Before
using a rectified AC supply, confirm that the ripple is not greater
than 5%. Ripple greater than this can lead to variations in the oper-
ating and reset voltages.
As excessive ripple can generate beats, the insertion of a
smoothing capacitor is recommended as shown below.
• When driving a transistor, check the leakage current and connect a
bleeder resistor if necessary.
• Momentary voltage drops on coil input voltage should not exceed
one second duration after contact mating with no shock or vibra-
tion.
■ Applications
• Compressors for package air conditioners and heater switching
controllers
• Switching controllers for power tools or motors
• Power controllers for water heaters
• Power controllers for dryers
• Lamp control, motor drivers, and power supply switching in copy
machines, facsimiles, and other OA equipment
• Lighting controllers
• Power controllers for packers or food processing equipment
• Magnetron control in microwaves


Similar Part No. - G7L

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
G7L-1A OMRON-G7L-1A Datasheet
3Mb / 13P
A High-capacity, High-dielectric-strength Relay Compatible with Momentary Voltage Drops
G7L-1A-B OMRON-G7L-1A-B Datasheet
3Mb / 13P
A High-capacity, High-dielectric-strength Relay Compatible with Momentary Voltage Drops
G7L-1A-B OMRON-G7L-1A-B Datasheet
3Mb / 13P
A High-capacity, High-dielectric-strength Relay Compatible with Momentary Voltage Drops
G7L-1A-B OMRON-G7L-1A-B Datasheet
878Kb / 27P
General-purpose Relays and Power Relays Sockets
01/07
G7L-1A-B-CB OMRON-G7L-1A-B-CB Datasheet
3Mb / 18P
General Purpose Relay
More results

Similar Description - G7L

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
G2RS ETC-G2RS Datasheet
193Kb / 11P
General-purpose Relay
logo
Omron Electronics LLC
LY2L4N OMRON-LY2L4N Datasheet
438Kb / 15P
General Purpose Relay
G4B OMRON-G4B Datasheet
137Kb / 5P
General Purpose Relay
G7J-2A2B-BAC50 OMRON-G7J-2A2B-BAC50 Datasheet
810Kb / 10P
General Purpose Relay
PT08QN OMRON-PT08QN Datasheet
300Kb / 13P
General Purpose Relay
PT14-0 OMRON-PT14-0 Datasheet
674Kb / 16P
General Purpose Relay
logo
GOOD SKY ELECTRIC CO., ...
EZ-SS-112DMGF GOODSKY-EZ-SS-112DMGF Datasheet
587Kb / 3P
General Purpose Relay
GL-S-112DMPFC GOODSKY-GL-S-112DMPFC Datasheet
420Kb / 2P
General Purpose Relay
GSA GOODSKY-GSA Datasheet
362Kb / 2P
General Purpose Relay
GU-SS-112DMCF1-5 GOODSKY-GU-SS-112DMCF1-5 Datasheet
362Kb / 4P
General Purpose Relay
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com