Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HY5PS12421F-E3 Datasheet(PDF) 31 Page - Hynix Semiconductor

Part # HY5PS12421F-E3
Description  512Mb DDR2 SDRAM
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HY5PS12421F-E3 Datasheet(HTML) 31 Page - Hynix Semiconductor

Back Button HY5PS12421F-E3 Datasheet HTML 27Page - Hynix Semiconductor HY5PS12421F-E3 Datasheet HTML 28Page - Hynix Semiconductor HY5PS12421F-E3 Datasheet HTML 29Page - Hynix Semiconductor HY5PS12421F-E3 Datasheet HTML 30Page - Hynix Semiconductor HY5PS12421F-E3 Datasheet HTML 31Page - Hynix Semiconductor HY5PS12421F-E3 Datasheet HTML 32Page - Hynix Semiconductor HY5PS12421F-E3 Datasheet HTML 33Page - Hynix Semiconductor HY5PS12421F-E3 Datasheet HTML 34Page - Hynix Semiconductor HY5PS12421F-E3 Datasheet HTML 35Page - Hynix Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 31 / 35 page
background image
Rev. 1.4 / July 2006
31
1HY5PS12421(L)F
HY5PS12821(L)F
HY5PS121621(L)F
9. tIS and tIH (input setup and hold) derating
1) For all input signals the total tIS(setup time) and tIH(hold) time) required is calculated by adding the datasheet value
to the derating value listed in above Table.
Setup(tIS) nominal slew rate for a rising signal is defined as the slew rate between the last crossing of VREF(dc) and
the first crossing of VIH(ac)min. Setup(tIS) nominal slew rate for a falling signal is defined as the slew rate between the
last crossing of VREF(dc) and the first crossing of VIL(ac)max. If the actual signal is always earlier than the nominal
slew rate for line between shaded ‘VREF(dc) to ac region’, use nominal slew rate for derating value(see fig a.) If the
actual signal is later than the nominal slew rate line anywhere between shaded ‘VREF(dc) to ac region’, the slew rate of
a tangent line to the actual signal from the ac level to dc level is used for derating value(see Fig b.)
Hold(tIH) nominal slew rate for a rising signal is defined as the slew rate between the last crossing of VIL(dc)max and
the first crossing of VREF(dc). Hold(tIH) nominal slew rate for a falling signal is defined as the slew rate between the
last crossing of VREF(dc). If the actual signal is always later than the nominal slew rate line between shaded ‘dc to
VREF(dc) region’, use nominal slew rate for derating value(see Fig.c) If the actual signal is earlier than the nominal slew
rate line anywhere between shaded ‘dc to VREF(dc) region’, the slew rate of a tangent line to the actual signal from the
dc level to VREF(dc) level is used for derating value(see Fig d.)
Although for slow rates the total setup time might be negative(i.e. a valid input signal will not have reached VIH/IL(ac) at
the time of the rising clock transition) a valid input signal is still required to complete the transition and reach VIH/IL(ac).
For slew rates in between the values listed in table, the derating values may obtained by linear interpolation.
These values are typically not subject to production test. They are verified by design and characterization.
△tIS
△tIH
△tIS
△tIH
△tIS
△tIH
Units
Notes
4.0
+187
+94
TBD
TBD
TBD
TBD
ps
1
3.5
+179
+89
TBD
TBD
TBD
TBD
ps
1
3.0
+167
+83
TBD
TBD
TBD
TBD
ps
1
2.5
+150
+75
TBD
TBD
TBD
TBD
ps
1
2.0
+125
+45
TBD
TBD
TBD
TBD
ps
1
1.5
+83
+21
TBD
TBD
TBD
TBD
ps
1
1.0
+0
0
TBDTBD
TBDTBD
ps
1
0.9
-11
-14
TBD
TBD
TBD
TBD
ps
1
0.8
-25
-31
TBD
TBD
TBD
TBD
ps
1
0.7
-43
-54
TBD
TBD
TBD
TBD
ps
1
0.6
-67
-83
TBD
TBD
TBD
TBD
ps
1
0.5
-100
-125
TBD
TBD
TBD
TBD
ps
1
0.4
-150
-188
TBD
TBD
TBD
TBD
ps
1
0.3
-223
-292
TBD
TBD
TBD
TBD
ps
1
0.25
-250
-375
TBD
TBD
TBD
TBD
ps
1
0.2
-500
-500
TBD
TBD
TBD
TBD
ps
1
0.15
-750
-708
TBD
TBD
TBD
TBD
ps
1
0.1
-1250
-1125
TBD
TBD
TBD
TBD
ps
1
tIS, tIH Derating Values
Command /
Address
Slew
rate(V/ns)
2.0 V/ns
CK, CK Differential Slew Rate
1.5 V/ns
1.0 V/ns


Similar Part No. - HY5PS12421F-E3

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HY5PS12421F-3 HYNIX-HY5PS12421F-3 Datasheet
623Kb / 35P
   512Mb DDR2 SDRAM
HY5PS12421F-5 HYNIX-HY5PS12421F-5 Datasheet
623Kb / 35P
   512Mb DDR2 SDRAM
More results

Similar Description - HY5PS12421F-E3

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HY5PS12421AFP HYNIX-HY5PS12421AFP Datasheet
1Mb / 37P
   512Mb DDR2 SDRAM
H5PS5162FFR-C HYNIX-H5PS5162FFR-C Datasheet
530Kb / 39P
   512Mb DDR2 SDRAM
HY5PS12421F HYNIX-HY5PS12421F Datasheet
623Kb / 35P
   512Mb DDR2 SDRAM
HY5PS12421FP HYNIX-HY5PS12421FP Datasheet
622Kb / 35P
   512Mb DDR2 SDRAM
H5PS5182GFR HYNIX-H5PS5182GFR Datasheet
1Mb / 64P
   512Mb DDR2 SDRAM
logo
Nanya Technology Corpor...
NT5TU64M8EE NANYA-NT5TU64M8EE Datasheet
3Mb / 96P
   DDR2 512Mb SDRAM
logo
Hynix Semiconductor
HY5PS12421CFP-E3I HYNIX-HY5PS12421CFP-E3I Datasheet
618Kb / 38P
   512Mb DDR2 SDRAM
HY5PS12421CFP-E3 HYNIX-HY5PS12421CFP-E3 Datasheet
619Kb / 38P
   512Mb DDR2 SDRAM
H5PS5162FFR-E3 HYNIX-H5PS5162FFR-E3 Datasheet
530Kb / 39P
   512Mb DDR2 SDRAM
HY5PS12421BFP-E3 HYNIX-HY5PS12421BFP-E3 Datasheet
628Kb / 38P
   512Mb DDR2 SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com