Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HY5PS12421F-E3 Datasheet(PDF) 23 Page - Hynix Semiconductor

Part # HY5PS12421F-E3
Description  512Mb DDR2 SDRAM
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HY5PS12421F-E3 Datasheet(HTML) 23 Page - Hynix Semiconductor

Back Button HY5PS12421F-E3 Datasheet HTML 19Page - Hynix Semiconductor HY5PS12421F-E3 Datasheet HTML 20Page - Hynix Semiconductor HY5PS12421F-E3 Datasheet HTML 21Page - Hynix Semiconductor HY5PS12421F-E3 Datasheet HTML 22Page - Hynix Semiconductor HY5PS12421F-E3 Datasheet HTML 23Page - Hynix Semiconductor HY5PS12421F-E3 Datasheet HTML 24Page - Hynix Semiconductor HY5PS12421F-E3 Datasheet HTML 25Page - Hynix Semiconductor HY5PS12421F-E3 Datasheet HTML 26Page - Hynix Semiconductor HY5PS12421F-E3 Datasheet HTML 27Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 35 page
background image
Rev. 1.4 / July 2006
23
1HY5PS12421(L)F
HY5PS12821(L)F
HY5PS121621(L)F
Parameter
Symbol
DDR2-667
Unit
Note
min
max
Four Active Window for 1KB page size products
tFAW
37.5
-
ns
Four Active Window for 2KB page size products
tFAW
50
-
ns
CAS to CAS command delay
tCCD
2
tCK
Write recovery time
tWR
15
-
ns
Auto precharge write recovery + precharge time
tDAL
WR+tRP
-
tCK
14
Internal write to read command delay
tWTR
7.5
-
ns
Internal read to precharge command delay
tRTP
7.5
ns
3
Exit self refresh to a non-read command
tXSNR
tRFC + 10
ns
Exit self refresh to a read command
tXSRD
200
-
tCK
Exit precharge power down to any non-read command
tXP
2
-
tCK
Exit active power down to read command
tXARD
2
tCK
1
Exit active power down to read command
(Slow exit, Lower power)
tXARDS
6 - AL
tCK
1, 2
CKE minimum pulse width
(high and low pulse width)
tCKE
3
tCK
ODT turn-on delay
tAOND
22
tCK
ODT turn-on
tAON
tAC(min)
tAC(max)+0.7
ns
6,16
ODT turn-on(Power-Down mode)
tAONPD
tAC(min)+2
2tCK+tAC(max)
+1
ns
ODT turn-off delay
tAOFD
2.5
2.5
tCK
ODT turn-off
tAOF
tAC(min)
tAC(max)+ 0.6
ns
17
ODT turn-off (Power-Down mode)
tAOFPD
tAC(min)+2
2.5tCK+tAC(ma
x)+1
ns
ODT to power down entry latency
tANPD
3
tCK
ODT power down exit latency
tAXPD
8
tCK
OCD drive mode output delay
tOIT
0
12
ns
Minimum time clocks remains ON after CKE asynchronously drops
LOW
tDelay
tIS+tCK+tIH
ns
15
-Continued


Similar Part No. - HY5PS12421F-E3

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HY5PS12421F-3 HYNIX-HY5PS12421F-3 Datasheet
623Kb / 35P
   512Mb DDR2 SDRAM
HY5PS12421F-5 HYNIX-HY5PS12421F-5 Datasheet
623Kb / 35P
   512Mb DDR2 SDRAM
More results

Similar Description - HY5PS12421F-E3

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HY5PS12421AFP HYNIX-HY5PS12421AFP Datasheet
1Mb / 37P
   512Mb DDR2 SDRAM
H5PS5162FFR-C HYNIX-H5PS5162FFR-C Datasheet
530Kb / 39P
   512Mb DDR2 SDRAM
HY5PS12421F HYNIX-HY5PS12421F Datasheet
623Kb / 35P
   512Mb DDR2 SDRAM
HY5PS12421FP HYNIX-HY5PS12421FP Datasheet
622Kb / 35P
   512Mb DDR2 SDRAM
H5PS5182GFR HYNIX-H5PS5182GFR Datasheet
1Mb / 64P
   512Mb DDR2 SDRAM
logo
Nanya Technology Corpor...
NT5TU64M8EE NANYA-NT5TU64M8EE Datasheet
3Mb / 96P
   DDR2 512Mb SDRAM
logo
Hynix Semiconductor
HY5PS12421CFP-E3I HYNIX-HY5PS12421CFP-E3I Datasheet
618Kb / 38P
   512Mb DDR2 SDRAM
HY5PS12421CFP-E3 HYNIX-HY5PS12421CFP-E3 Datasheet
619Kb / 38P
   512Mb DDR2 SDRAM
H5PS5162FFR-E3 HYNIX-H5PS5162FFR-E3 Datasheet
530Kb / 39P
   512Mb DDR2 SDRAM
HY5PS12421BFP-E3 HYNIX-HY5PS12421BFP-E3 Datasheet
628Kb / 38P
   512Mb DDR2 SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com