Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HY5PS12421F-E3 Datasheet(PDF) 18 Page - Hynix Semiconductor

Part # HY5PS12421F-E3
Description  512Mb DDR2 SDRAM
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HY5PS12421F-E3 Datasheet(HTML) 18 Page - Hynix Semiconductor

Back Button HY5PS12421F-E3 Datasheet HTML 14Page - Hynix Semiconductor HY5PS12421F-E3 Datasheet HTML 15Page - Hynix Semiconductor HY5PS12421F-E3 Datasheet HTML 16Page - Hynix Semiconductor HY5PS12421F-E3 Datasheet HTML 17Page - Hynix Semiconductor HY5PS12421F-E3 Datasheet HTML 18Page - Hynix Semiconductor HY5PS12421F-E3 Datasheet HTML 19Page - Hynix Semiconductor HY5PS12421F-E3 Datasheet HTML 20Page - Hynix Semiconductor HY5PS12421F-E3 Datasheet HTML 21Page - Hynix Semiconductor HY5PS12421F-E3 Datasheet HTML 22Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 35 page
background image
Rev. 1.4 / July 2006
18
1HY5PS12421(L)F
HY5PS12821(L)F
HY5PS121621(L)F
For purposes of IDD testing, the following parameters are to be utilized
Detailed IDD7
The detailed timings are shown below for IDD7. Changes will be required if timing parameter changes are made to the specification.
Legend: A = Active; RA = Read with Autoprecharge; D = Deselect
IDD7: Operating Current: All Bank Interleave Read operation
All banks are being interleaved at minimum tRC(IDD) without violating tRRD(IDD) using a burst length of 4. Control and address bus
inputs are STABLE during DESELECTs. IOUT = 0mA
Timing Patterns for 4 bank devices x4/ x8/ x16
-DDR2-400 4/4/4: A0 RA0 A1 RA1 A2 RA2 A3 RA3 D D D D D
-DDR2-400 3/3/3: A0 RA0 A1 RA1 A2 RA2 A3 RA3 D D D D
-DDR2-533 5/4/4: A0 RA0 D A1 RA1 D A2 RA2 D A3 RA3 D D D D D
-DDR2-533 4/4/4: A0 RA0 D A1 RA1 D A2 RA2 D A3 RA3 D D D D D
Timing Patterns for 8 bank devices x4/8
-DDR2-400 all bins: A0 RA0 A1 RA1 A2 RA2 A3 RA3 A4 RA4 A5 RA5 A6 RA6 A7 RA7
-DDR2-533 all bins: A0 RA0 A1 RA1 A2 RA2 A3 RA3 D D A4 RA4 A5 RA5 A6 RA6 A7 RA7 D D
Timing Patterns for 8 bank devices x16
-DDR2-400 all bins: A0 RA0 A1 RA1 A2 RA2 A3 RA3 D D A4 RA4 A5 RA5 A6 RA6 A7 RA7 D D
-DDR2-533 all bins: A0 RA0 D A1 RA1 D A2 RA2 D A3 RA3 D D D A4 RA4 D A5 D A6 RA6 D A7 RA7 D D D
DDR2-667
DDR2-533
DDR2-400
Parameter
5-5-5
4-4-4
3-3-3
Units
CL(IDD)
5
4
3
tCK
tRCD(IDD)
15
15
15
ns
tRC(IDD)
60
60
55
ns
tRRD(IDD)-x4/x8
7.5
7.5
7.5
ns
tRRD(IDD)-x16
910
10
ns
tCK(IDD)
33.755
ns
tRASmin(IDD)
45
45
40
ns
tRASmax(IDD)
70000
70000
70000
ns
tRP(IDD)
15
15
15
ns
tRFC(IDD)-256Mb
75
75
75
ns
tRFC(IDD)-512Mb
105
105
105
ns
tRFC(IDD)-1Gb
127.5
127.5
127.5
ns
tRFC(IDD)-2Gb
197.5
197.5
197.5
ns


Similar Part No. - HY5PS12421F-E3

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HY5PS12421F-3 HYNIX-HY5PS12421F-3 Datasheet
623Kb / 35P
512Mb DDR2 SDRAM
HY5PS12421F-5 HYNIX-HY5PS12421F-5 Datasheet
623Kb / 35P
512Mb DDR2 SDRAM
More results

Similar Description - HY5PS12421F-E3

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HY5PS12421AFP HYNIX-HY5PS12421AFP Datasheet
1Mb / 37P
512Mb DDR2 SDRAM
H5PS5162FFR-C HYNIX-H5PS5162FFR-C Datasheet
530Kb / 39P
512Mb DDR2 SDRAM
HY5PS12421F HYNIX-HY5PS12421F Datasheet
623Kb / 35P
512Mb DDR2 SDRAM
HY5PS12421FP HYNIX-HY5PS12421FP Datasheet
622Kb / 35P
512Mb DDR2 SDRAM
H5PS5182GFR HYNIX-H5PS5182GFR Datasheet
1Mb / 64P
512Mb DDR2 SDRAM
logo
Nanya Technology Corpor...
NT5TU64M8EE NANYA-NT5TU64M8EE Datasheet
3Mb / 96P
DDR2 512Mb SDRAM
logo
Hynix Semiconductor
HY5PS12421CFP-E3I HYNIX-HY5PS12421CFP-E3I Datasheet
618Kb / 38P
512Mb DDR2 SDRAM
HY5PS12421CFP-E3 HYNIX-HY5PS12421CFP-E3 Datasheet
619Kb / 38P
512Mb DDR2 SDRAM
H5PS5162FFR-E3 HYNIX-H5PS5162FFR-E3 Datasheet
530Kb / 39P
512Mb DDR2 SDRAM
HY5PS12421BFP-E3 HYNIX-HY5PS12421BFP-E3 Datasheet
628Kb / 38P
512Mb DDR2 SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com