Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HY5PS12421F-E3 Datasheet(PDF) 13 Page - Hynix Semiconductor

Part # HY5PS12421F-E3
Description  512Mb DDR2 SDRAM
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HY5PS12421F-E3 Datasheet(HTML) 13 Page - Hynix Semiconductor

Back Button HY5PS12421F-E3 Datasheet HTML 9Page - Hynix Semiconductor HY5PS12421F-E3 Datasheet HTML 10Page - Hynix Semiconductor HY5PS12421F-E3 Datasheet HTML 11Page - Hynix Semiconductor HY5PS12421F-E3 Datasheet HTML 12Page - Hynix Semiconductor HY5PS12421F-E3 Datasheet HTML 13Page - Hynix Semiconductor HY5PS12421F-E3 Datasheet HTML 14Page - Hynix Semiconductor HY5PS12421F-E3 Datasheet HTML 15Page - Hynix Semiconductor HY5PS12421F-E3 Datasheet HTML 16Page - Hynix Semiconductor HY5PS12421F-E3 Datasheet HTML 17Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 35 page
background image
Rev. 1.4 / July 2006
13
1HY5PS12421(L)F
HY5PS12821(L)F
HY5PS121621(L)F
3.2.4 Differential Input AC logic Level
1. VIN(DC) specifies the allowable DC execution of each input of differential pair such as CK, CK, DQS, DQS, LDQS, LDQS, UDQS and
UDQS.
2. VID(DC) specifies the input differential voltage |VTR -VCP | required for switching, where VTR is the true input (such as CK, DQS, LDQS
or UDQS) level and VCP is the complementary input (such as CK, DQS, LDQS or UDQS) level. The minimum value is equal to VIH(DC) - V
IL(DC)
.
Notes:
1. VID(AC) specifies the input differential voltage |VTR -VCP | required for switching, where VTR is the true input signal (such as CK, DQS,
LDQS or UDQS) and VCP is the complementary input signal (such as CK, DQS, LDQS or UDQS). The minimum value is equal to V IH(AC)
- V IL(AC).
2. The typical value of VIX(AC) is expected to be about 0.5 * VDDQ of the transmitting device and VIX(AC) is expected to track variations in
VDDQ . VIX(AC) indicates the voltage at which differential input signals must cross.
3.2.5 Differential AC output parameters
Notes:
1. The typical value of VOX(AC) is expected to be about 0.5 * V DDQ of the transmitting device and VOX(AC) is expected to track variations
in VDDQ . VOX(AC) indicates the voltage at which differential output signals must cross.
Symbol
Parameter
Min.
Max.
Units
Notes
V
ID (ac)
ac differential input voltage
0.5
VDDQ + 0.6
V
1
V
IX (ac)
ac differential cross point voltage
0.5 * VDDQ - 0.175
0.5 * VDDQ + 0.175
V
2
Symbol
Parameter
Min.
Max.
Units
Notes
V
OX (ac)
ac differential cross point voltage
0.5 * VDDQ - 0.125
0.5 * VDDQ + 0.125
V
1
VDDQ
Crossing point
VSSQ
VTR
VCP
VID
VIX or VOX
< Differential signal levels >


Similar Part No. - HY5PS12421F-E3

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HY5PS12421F-3 HYNIX-HY5PS12421F-3 Datasheet
623Kb / 35P
   512Mb DDR2 SDRAM
HY5PS12421F-5 HYNIX-HY5PS12421F-5 Datasheet
623Kb / 35P
   512Mb DDR2 SDRAM
More results

Similar Description - HY5PS12421F-E3

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HY5PS12421AFP HYNIX-HY5PS12421AFP Datasheet
1Mb / 37P
   512Mb DDR2 SDRAM
H5PS5162FFR-C HYNIX-H5PS5162FFR-C Datasheet
530Kb / 39P
   512Mb DDR2 SDRAM
HY5PS12421F HYNIX-HY5PS12421F Datasheet
623Kb / 35P
   512Mb DDR2 SDRAM
HY5PS12421FP HYNIX-HY5PS12421FP Datasheet
622Kb / 35P
   512Mb DDR2 SDRAM
H5PS5182GFR HYNIX-H5PS5182GFR Datasheet
1Mb / 64P
   512Mb DDR2 SDRAM
logo
Nanya Technology Corpor...
NT5TU64M8EE NANYA-NT5TU64M8EE Datasheet
3Mb / 96P
   DDR2 512Mb SDRAM
logo
Hynix Semiconductor
HY5PS12421CFP-E3I HYNIX-HY5PS12421CFP-E3I Datasheet
618Kb / 38P
   512Mb DDR2 SDRAM
HY5PS12421CFP-E3 HYNIX-HY5PS12421CFP-E3 Datasheet
619Kb / 38P
   512Mb DDR2 SDRAM
H5PS5162FFR-E3 HYNIX-H5PS5162FFR-E3 Datasheet
530Kb / 39P
   512Mb DDR2 SDRAM
HY5PS12421BFP-E3 HYNIX-HY5PS12421BFP-E3 Datasheet
628Kb / 38P
   512Mb DDR2 SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com