Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HY5PS12421F-E3 Datasheet(PDF) 10 Page - Hynix Semiconductor

Part # HY5PS12421F-E3
Description  512Mb DDR2 SDRAM
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HY5PS12421F-E3 Datasheet(HTML) 10 Page - Hynix Semiconductor

Back Button HY5PS12421F-E3 Datasheet HTML 6Page - Hynix Semiconductor HY5PS12421F-E3 Datasheet HTML 7Page - Hynix Semiconductor HY5PS12421F-E3 Datasheet HTML 8Page - Hynix Semiconductor HY5PS12421F-E3 Datasheet HTML 9Page - Hynix Semiconductor HY5PS12421F-E3 Datasheet HTML 10Page - Hynix Semiconductor HY5PS12421F-E3 Datasheet HTML 11Page - Hynix Semiconductor HY5PS12421F-E3 Datasheet HTML 12Page - Hynix Semiconductor HY5PS12421F-E3 Datasheet HTML 13Page - Hynix Semiconductor HY5PS12421F-E3 Datasheet HTML 14Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 35 page
background image
Rev. 1.4 / July 2006
10
1HY5PS12421(L)F
HY5PS12821(L)F
HY5PS121621(L)F
2. Maximum DC Ratings
2.1 Absolute Maximum DC Ratings
2.2 Operating Temperature Condition
Symbol
Parameter
Rating
Units
Notes
VDD
Voltage on VDD pin relative to Vss
- 1.0 V ~ 2.3 V
V
1
VDDQ
Voltage on VDDQ pin relative to Vss
- 0.5 V ~ 2.3 V
V
1
VDDL
Voltage on VDDL pin relative to Vss
- 0.5 V ~ 2.3 V
V
1
V
IN
, VOUT
Voltage on any pin relative to Vss
- 0.5 V ~ 2.3 V
V
1
T
STG
Storage Temperature
-55 to +100
°C
1, 2
1. .
Stresses greater than those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. This is a
stress rating only and functional operation of the device at these or any other conditions above those indicated in the operational
sections of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect reli-
ability.
2. Storage Temperature is the case surface temperature on the center/top side of the DRAM. For the measurement conditions.
Please refer to JESD51-2 standard.
Symbol
Parameter
Rating
Units
Notes
Toper
Operating Temperature
0 to 85
°C
1,2
1. Operating Temperature is the case surface temperature on the center/top side of the DRAM. For the measurement conditions,
please refer to JESD51-2 standard.
2. The operating temperature range are the temperature where all DRAM specification will be supported. Outside of this temperature
rang, even it is still within the limit of stress condition, some deviation on portion of operation specification may be required. During
operation, the DRAM case temperature must be maintained between 0 ~ 85
°C under all other specification parameters. However,
in some applications, it is desirable to operate the DRAM up to 95
°C case temperature. Therefore 2 spec options may exist.
1) Supporting 0 - 85
°C with full JEDEC AC & DC specifications. This is the minimum requirements for all operating tempera-
ture options.
2) Supporting 0 - 85
°C and being able to extend to 95°C with doubling auto-refresh commands in frequency to a 32 ms
period(tRFI=3.9us).
Note; Currently the periodic Self-Refresh interval is hard coded within the DRAM to a specific value.
There is a migration plan to support higher temperature Self-Refresh entry via the control of EMRS(2) bit A7. However, since
Self-Refresh control function is a migrated process. For our DDR2 module user, it is imperative to check SPD Byte 49 Bit 0
to ensure the DRAM parts support higher than 85
°C case temperature Self-Refresh entry.
1) if SPD Byte 49 Bit 0 is a “0” means DRAM does not support Self-Refresh at higher than 85
°C, then system have to ensure
the DRAM is at or below 85
°C case temperature before initiating Self-Refresh operation.
2) if SPD Byte 49 Bit 0 is a “1” means DRAM supports Self-Refresh at higher than 85
°C case temperature, then system can
use register bit A7 at EMRS(2) control DRAM to operate at proper Self-Refresh rate for higher temperature. Please also
refer to EMRS(2) register definition section and DDR2 DIMM SPD definition for details.


Similar Part No. - HY5PS12421F-E3

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HY5PS12421F-3 HYNIX-HY5PS12421F-3 Datasheet
623Kb / 35P
   512Mb DDR2 SDRAM
HY5PS12421F-5 HYNIX-HY5PS12421F-5 Datasheet
623Kb / 35P
   512Mb DDR2 SDRAM
More results

Similar Description - HY5PS12421F-E3

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HY5PS12421AFP HYNIX-HY5PS12421AFP Datasheet
1Mb / 37P
   512Mb DDR2 SDRAM
H5PS5162FFR-C HYNIX-H5PS5162FFR-C Datasheet
530Kb / 39P
   512Mb DDR2 SDRAM
HY5PS12421F HYNIX-HY5PS12421F Datasheet
623Kb / 35P
   512Mb DDR2 SDRAM
HY5PS12421FP HYNIX-HY5PS12421FP Datasheet
622Kb / 35P
   512Mb DDR2 SDRAM
H5PS5182GFR HYNIX-H5PS5182GFR Datasheet
1Mb / 64P
   512Mb DDR2 SDRAM
logo
Nanya Technology Corpor...
NT5TU64M8EE NANYA-NT5TU64M8EE Datasheet
3Mb / 96P
   DDR2 512Mb SDRAM
logo
Hynix Semiconductor
HY5PS12421CFP-E3I HYNIX-HY5PS12421CFP-E3I Datasheet
618Kb / 38P
   512Mb DDR2 SDRAM
HY5PS12421CFP-E3 HYNIX-HY5PS12421CFP-E3 Datasheet
619Kb / 38P
   512Mb DDR2 SDRAM
H5PS5162FFR-E3 HYNIX-H5PS5162FFR-E3 Datasheet
530Kb / 39P
   512Mb DDR2 SDRAM
HY5PS12421BFP-E3 HYNIX-HY5PS12421BFP-E3 Datasheet
628Kb / 38P
   512Mb DDR2 SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com