Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HY5DU573222FP-28 Datasheet(PDF) 3 Page - Hynix Semiconductor

Part # HY5DU573222FP-28
Description  256M(8Mx32) GDDR SDRAM
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HY5DU573222FP-28 Datasheet(HTML) 3 Page - Hynix Semiconductor

  HY5DU573222FP-28 Datasheet HTML 1Page - Hynix Semiconductor HY5DU573222FP-28 Datasheet HTML 2Page - Hynix Semiconductor HY5DU573222FP-28 Datasheet HTML 3Page - Hynix Semiconductor HY5DU573222FP-28 Datasheet HTML 4Page - Hynix Semiconductor HY5DU573222FP-28 Datasheet HTML 5Page - Hynix Semiconductor HY5DU573222FP-28 Datasheet HTML 6Page - Hynix Semiconductor HY5DU573222FP-28 Datasheet HTML 7Page - Hynix Semiconductor HY5DU573222FP-28 Datasheet HTML 8Page - Hynix Semiconductor HY5DU573222FP-28 Datasheet HTML 9Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 30 page
background image
1HY5DU573222F(P)
Rev. 1.1 / May. 2005
3
DESCRIPTION
The Hynix HY5DU573222 is a 268,435,456-bit CMOS Double Data Rate(DDR) Synchronous DRAM, ideally suited for
the point-to-point applications which requires high bandwidth.
The Hynix 8Mx32 DDR SDRAMs offer fully synchronous operations referenced to both rising and falling edges of the
clock. While all addresses and control inputs are latched on the rising edges of the CK (falling edges of the /CK), Data,
Data strobes and Write data masks inputs are sampled on both rising and falling edges of it. The data paths are inter-
nally pipelined and 2-bit prefetched to achieve very high bandwidth. All input and output voltage levels are compatible
with SSTL_2.
FEATURES
The Hynix HY5DU573222F(P) guarantee until
200MHz speed at DLL_off condition
•2.5V VDD and VDDQ wide range max power supply
supports
All inputs and outputs are compatible with SSTL_2
interface
12mm x 12mm, 144ball FBGA with 0.8mm pin pitch
Fully differential clock inputs (CK, /CK) operation
Double data rate interface
Source synchronous - data transaction aligned to
bidirectional data strobe (DQS0 ~ DQS3)
Data outputs on DQS edges when read (edged DQ)
Data inputs on DQS centers when write (centered
DQ)
Data(DQ) and Write masks(DM) latched on the both
rising and falling edges of the data strobe
All addresses and control inputs except Data, Data
strobes and Data masks latched on the rising edges
of the clock
Write mask byte controls by DM (DM0 ~ DM3)
Programmable /CAS Latency 5 / 4 / 3 supported
Programmable Burst Length 2 / 4 / 8 with both
sequential and interleave mode
Internal 4 bank operations with single pulsed /RAS
tRAS Lock-Out function supported
Auto refresh and self refresh supported
4096 refresh cycles / 32ms
Half strength and Matched Impedance driver option
ORDERING INFORMATION
Note) Hynix supports Lead free parts for each speed grade with same specification, except Lead free materials.
We'll add "P" character after "F" for Lead free product.
For example, the part number of 300MHz Lead free product is HY5DU573222FP-33.
Part No.
Power Supply
Clock
Frequency
Max Data Rate
interface
Package
HY5DU573222F(P)-2
VDD/ VDDQ = 2.5V
500MHz
1000Mbps/pin
SSTL_2
12mm x 12mm
144Ball FBGA
HY5DU573222F(P)-22
450MHz
900Mbps/pin
HY5DU573222F(P)-25
400MHz
800Mbps/pin
HY5DU573222F(P)-28
350MHz
700Mbps/pin
HY5DU573222F(P)-33
300MHz
600Mbps/pin
HY5DU573222F(P)-36
275MHz
550Mbps/pin
HY5DU573222F(P)-4
250MHz
500Mbps/pin
HY5DU573222F(P)-5
200MHz
400Mbps/pin


Similar Part No. - HY5DU573222FP-28

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HY5DU573222AFM HYNIX-HY5DU573222AFM Datasheet
1Mb / 30P
   256M(8Mx32) GDDR SDRAM
HY5DU573222AFM-25 HYNIX-HY5DU573222AFM-25 Datasheet
1Mb / 30P
   256M(8Mx32) GDDR SDRAM
HY5DU573222AFM-28 HYNIX-HY5DU573222AFM-28 Datasheet
1Mb / 30P
   256M(8Mx32) GDDR SDRAM
HY5DU573222AFM-33 HYNIX-HY5DU573222AFM-33 Datasheet
1Mb / 30P
   256M(8Mx32) GDDR SDRAM
HY5DU573222AFM-36 HYNIX-HY5DU573222AFM-36 Datasheet
1Mb / 30P
   256M(8Mx32) GDDR SDRAM
More results

Similar Description - HY5DU573222FP-28

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HY5DS573222F HYNIX-HY5DS573222F Datasheet
1,014Kb / 28P
   256M(8Mx32) GDDR SDRAM
HY5DU573222AFM HYNIX-HY5DU573222AFM Datasheet
1Mb / 30P
   256M(8Mx32) GDDR SDRAM
logo
Samsung semiconductor
K4D553235F-GC SAMSUNG-K4D553235F-GC Datasheet
386Kb / 18P
   256M GDDR SDRAM
logo
Hynix Semiconductor
HY5DU561622ETP HYNIX-HY5DU561622ETP Datasheet
197Kb / 30P
   256M(16Mx16) gDDR SDRAM
HY5DU561622CTP HYNIX-HY5DU561622CTP Datasheet
198Kb / 30P
   256M(16Mx16) gDDR SDRAM
logo
White Electronic Design...
WED3DL328V WEDC-WED3DL328V Datasheet
1Mb / 27P
   8Mx32 SDRAM
logo
Samsung semiconductor
K4D553238F SAMSUNG-K4D553238F Datasheet
309Kb / 17P
   256Mbit GDDR SDRAM
K4D551638F-TC SAMSUNG-K4D551638F-TC Datasheet
206Kb / 16P
   256Mbit GDDR SDRAM
K4M563233D SAMSUNG-K4M563233D Datasheet
65Kb / 8P
   8Mx32 Mobile SDRAM 90FBGA
K4D263238G-GC SAMSUNG-K4D263238G-GC Datasheet
325Kb / 20P
   128Mbit GDDR SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com