Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HY5DU573222FP-28 Datasheet(PDF) 21 Page - Hynix Semiconductor

Part # HY5DU573222FP-28
Description  256M(8Mx32) GDDR SDRAM
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HY5DU573222FP-28 Datasheet(HTML) 21 Page - Hynix Semiconductor

Back Button HY5DU573222FP-28 Datasheet HTML 17Page - Hynix Semiconductor HY5DU573222FP-28 Datasheet HTML 18Page - Hynix Semiconductor HY5DU573222FP-28 Datasheet HTML 19Page - Hynix Semiconductor HY5DU573222FP-28 Datasheet HTML 20Page - Hynix Semiconductor HY5DU573222FP-28 Datasheet HTML 21Page - Hynix Semiconductor HY5DU573222FP-28 Datasheet HTML 22Page - Hynix Semiconductor HY5DU573222FP-28 Datasheet HTML 23Page - Hynix Semiconductor HY5DU573222FP-28 Datasheet HTML 24Page - Hynix Semiconductor HY5DU573222FP-28 Datasheet HTML 25Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 30 page
background image
1HY5DU573222F(P)
Rev. 1.1 / May. 2005
21
ABSOLUTE MAXIMUM RATINGS
Note : Operation at above absolute maximum rating can adversely affect device reliability
DC OPERATING CONDITIONS (TA=0 to 70oC, Voltage referenced to VSS = 0V)
1. VDDQ must not exceed the level of VDD.
2. VIL (min) is acceptable -1.5V AC pulse width with
≤ 5ns of duration.
3. VREF is expected to be equal to 0.5*VDDQ of the transmitting device, and to track variations in the DC level of the same.
Peak to peak noise on VREF may not exceed
± 2% of the DC value.
DC CHARACTERISTICS I (TA=0 to 70oC, Voltage referenced to VSS = 0V)
Note : 1. VIN = 0 to 3.6V, All other pins are not tested under VIN =0V. 2. DOUT is disabled, VOUT=0 to 2.7V
Parameter
Symbol
Rating
Unit
Ambient Temperature
TA
0 ~ 70
oC
Storage Temperature
TSTG
-55 ~ 125
oC
Voltage on Any Pin relative to VSS
VIN, VOUT
-0.5 ~ 3.6
V
Voltage on VDD relative to VSS
VDD
-0.5 ~ 3.6
V
Voltage on VDDQ relative to VSS
VDDQ
-0.5 ~ 3.6
V
Output Short Circuit Current
IOS
50
mA
Power Dissipation
PD
2W
Soldering Temperature
⋅ Time
TSOLDER
260
⋅ 10
oC ⋅ sec
Parameter
Symbol
Min
Typ.
Max
Unit
Note
Power Supply Voltage
VDD
2.375
2.5
2.7
V
1
Power Supply Voltage
VDDQ
2.375
2.5
2.7
V
1
Input High Voltage
VIH
VREF + 0.15
-
VDDQ + 0.3
V
Input Low Voltage
VIL
-0.3
-
VREF - 0.15
V
2
Termination Voltage
VTT
VREF - 0.04
VREF
VREF + 0.04
V
Reference Voltage
VREF
0.49*VDDQ
0.5*VDDQ
0.51*VDDQ
V3
Parameter
Symbol
Min.
Max
Unit
Note
Input Leakage Current
ILI
-2
2
uA
1
Output Leakage Current
ILO
-5
5
uA
2
Output High Voltage
VOH
VTT + 0.76
-
V
IOH = -15.2mA
Output Low Voltage
VOL
-VTT - 0.76
V
IOL = +15.2mA


Similar Part No. - HY5DU573222FP-28

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HY5DU573222AFM HYNIX-HY5DU573222AFM Datasheet
1Mb / 30P
   256M(8Mx32) GDDR SDRAM
HY5DU573222AFM-25 HYNIX-HY5DU573222AFM-25 Datasheet
1Mb / 30P
   256M(8Mx32) GDDR SDRAM
HY5DU573222AFM-28 HYNIX-HY5DU573222AFM-28 Datasheet
1Mb / 30P
   256M(8Mx32) GDDR SDRAM
HY5DU573222AFM-33 HYNIX-HY5DU573222AFM-33 Datasheet
1Mb / 30P
   256M(8Mx32) GDDR SDRAM
HY5DU573222AFM-36 HYNIX-HY5DU573222AFM-36 Datasheet
1Mb / 30P
   256M(8Mx32) GDDR SDRAM
More results

Similar Description - HY5DU573222FP-28

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HY5DS573222F HYNIX-HY5DS573222F Datasheet
1,014Kb / 28P
   256M(8Mx32) GDDR SDRAM
HY5DU573222AFM HYNIX-HY5DU573222AFM Datasheet
1Mb / 30P
   256M(8Mx32) GDDR SDRAM
logo
Samsung semiconductor
K4D553235F-GC SAMSUNG-K4D553235F-GC Datasheet
386Kb / 18P
   256M GDDR SDRAM
logo
Hynix Semiconductor
HY5DU561622ETP HYNIX-HY5DU561622ETP Datasheet
197Kb / 30P
   256M(16Mx16) gDDR SDRAM
HY5DU561622CTP HYNIX-HY5DU561622CTP Datasheet
198Kb / 30P
   256M(16Mx16) gDDR SDRAM
logo
White Electronic Design...
WED3DL328V WEDC-WED3DL328V Datasheet
1Mb / 27P
   8Mx32 SDRAM
logo
Samsung semiconductor
K4D553238F SAMSUNG-K4D553238F Datasheet
309Kb / 17P
   256Mbit GDDR SDRAM
K4D551638F-TC SAMSUNG-K4D551638F-TC Datasheet
206Kb / 16P
   256Mbit GDDR SDRAM
K4M563233D SAMSUNG-K4M563233D Datasheet
65Kb / 8P
   8Mx32 Mobile SDRAM 90FBGA
K4D263238G-GC SAMSUNG-K4D263238G-GC Datasheet
325Kb / 20P
   128Mbit GDDR SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com