Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HY5DU573222FP-28 Datasheet(PDF) 20 Page - Hynix Semiconductor

Part # HY5DU573222FP-28
Description  256M(8Mx32) GDDR SDRAM
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HY5DU573222FP-28 Datasheet(HTML) 20 Page - Hynix Semiconductor

Back Button HY5DU573222FP-28 Datasheet HTML 16Page - Hynix Semiconductor HY5DU573222FP-28 Datasheet HTML 17Page - Hynix Semiconductor HY5DU573222FP-28 Datasheet HTML 18Page - Hynix Semiconductor HY5DU573222FP-28 Datasheet HTML 19Page - Hynix Semiconductor HY5DU573222FP-28 Datasheet HTML 20Page - Hynix Semiconductor HY5DU573222FP-28 Datasheet HTML 21Page - Hynix Semiconductor HY5DU573222FP-28 Datasheet HTML 22Page - Hynix Semiconductor HY5DU573222FP-28 Datasheet HTML 23Page - Hynix Semiconductor HY5DU573222FP-28 Datasheet HTML 24Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 30 page
background image
1HY5DU573222F(P)
Rev. 1.1 / May. 2005
20
EXTENDED MODE REGISTER SET (EMRS)
The Extended Mode Register controls functions beyond those controlled by the Mode Register; these additional func-
tions include DLL enable/disable, output driver strength selection(optional). These functions are controlled via the bits
shown below. The Extended Mode Register is programmed via the Mode Register Set command ( BA0=1 and BA1=0)
and will retain the stored information until it is programmed again or the device loses power.
The Extended Mode Register must be loaded when all banks are idle and no bursts are in progress, and the controller
must wait the specified time before initiating any subsequent operation. Violating either of these requirements will
result in unspecified operation.
BA1
BA0
A11
A10
A9
A8
A7
A6
A5
A4
A3
A2
A1
A0
0
1
RFU*
DS
RFU*
DS
DS
DLL
A0
DLL enable
0Enable
1Diable
BA0
MRS Type
0MRS
1EMRS
A6
A1
Output Driver Impedance Control
00
Full
0
1
Half
10
RFU*
11
Weak
* All bits in RFU address fields must be programmed to Zero, all other states are reserved for future usage.


Similar Part No. - HY5DU573222FP-28

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HY5DU573222AFM HYNIX-HY5DU573222AFM Datasheet
1Mb / 30P
   256M(8Mx32) GDDR SDRAM
HY5DU573222AFM-25 HYNIX-HY5DU573222AFM-25 Datasheet
1Mb / 30P
   256M(8Mx32) GDDR SDRAM
HY5DU573222AFM-28 HYNIX-HY5DU573222AFM-28 Datasheet
1Mb / 30P
   256M(8Mx32) GDDR SDRAM
HY5DU573222AFM-33 HYNIX-HY5DU573222AFM-33 Datasheet
1Mb / 30P
   256M(8Mx32) GDDR SDRAM
HY5DU573222AFM-36 HYNIX-HY5DU573222AFM-36 Datasheet
1Mb / 30P
   256M(8Mx32) GDDR SDRAM
More results

Similar Description - HY5DU573222FP-28

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HY5DS573222F HYNIX-HY5DS573222F Datasheet
1,014Kb / 28P
   256M(8Mx32) GDDR SDRAM
HY5DU573222AFM HYNIX-HY5DU573222AFM Datasheet
1Mb / 30P
   256M(8Mx32) GDDR SDRAM
logo
Samsung semiconductor
K4D553235F-GC SAMSUNG-K4D553235F-GC Datasheet
386Kb / 18P
   256M GDDR SDRAM
logo
Hynix Semiconductor
HY5DU561622ETP HYNIX-HY5DU561622ETP Datasheet
197Kb / 30P
   256M(16Mx16) gDDR SDRAM
HY5DU561622CTP HYNIX-HY5DU561622CTP Datasheet
198Kb / 30P
   256M(16Mx16) gDDR SDRAM
logo
White Electronic Design...
WED3DL328V WEDC-WED3DL328V Datasheet
1Mb / 27P
   8Mx32 SDRAM
logo
Samsung semiconductor
K4D553238F SAMSUNG-K4D553238F Datasheet
309Kb / 17P
   256Mbit GDDR SDRAM
K4D551638F-TC SAMSUNG-K4D551638F-TC Datasheet
206Kb / 16P
   256Mbit GDDR SDRAM
K4M563233D SAMSUNG-K4M563233D Datasheet
65Kb / 8P
   8Mx32 Mobile SDRAM 90FBGA
K4D263238G-GC SAMSUNG-K4D263238G-GC Datasheet
325Kb / 20P
   128Mbit GDDR SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com