Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HY5DU573222FP-28 Datasheet(PDF) 18 Page - Hynix Semiconductor

Part # HY5DU573222FP-28
Description  256M(8Mx32) GDDR SDRAM
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HY5DU573222FP-28 Datasheet(HTML) 18 Page - Hynix Semiconductor

Back Button HY5DU573222FP-28 Datasheet HTML 14Page - Hynix Semiconductor HY5DU573222FP-28 Datasheet HTML 15Page - Hynix Semiconductor HY5DU573222FP-28 Datasheet HTML 16Page - Hynix Semiconductor HY5DU573222FP-28 Datasheet HTML 17Page - Hynix Semiconductor HY5DU573222FP-28 Datasheet HTML 18Page - Hynix Semiconductor HY5DU573222FP-28 Datasheet HTML 19Page - Hynix Semiconductor HY5DU573222FP-28 Datasheet HTML 20Page - Hynix Semiconductor HY5DU573222FP-28 Datasheet HTML 21Page - Hynix Semiconductor HY5DU573222FP-28 Datasheet HTML 22Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 30 page
background image
1HY5DU573222F(P)
Rev. 1.1 / May. 2005
18
BURST DEFINITION
BURST LENGTH & TYPE
Read and write accesses to the DDR SDRAM are burst oriented, with the burst length being programmable. The burst
length determines the maximum number of column locations that can be accessed for a given Read or Write com-
mand. Burst lengths of 2, 4 or 8 locations are available for both the sequential and the interleaved burst types.
Reserved states should not be used, as unknown operation or incompatibility with future versions may result.
When a Read or Write command is issued, a block of columns equal to the burst length is effectively selected. All
accesses for that burst take place within this block, meaning that the burst wraps within the block if a boundary is
reached. The block is uniquely selected by A1-Ai when the burst length is set to two, by A2-Ai when the burst length is
set to four and by A3-Ai when the burst length is set to eight (where Ai is the most significant column address bit for a
given configuration). The remaining (least significant) address bit(s) is (are) used to select the starting location within
the block. The programmed burst length applies to both Read and Write bursts.
Accesses within a given burst may be programmed to be either sequential or interleaved; this is referred to as the
burst type and is selected via bit A3. The ordering of accesses within a burst is determined by the burst length, the
burst type and the starting column address, as shown in Burst Definitionon Table
Burst Length
Starting Address (A2,A1,A0)
Sequential
Interleave
2
XX0
0, 1
0, 1
XX1
1, 0
1, 0
4
X00
0, 1, 2, 3
0, 1, 2, 3
X01
1, 2, 3, 0
1, 0, 3, 2
X10
2, 3, 0, 1
2, 3, 0, 1
X11
3, 0, 1, 2
3, 2, 1, 0
8
000
0, 1, 2, 3, 4, 5, 6, 7
0, 1, 2, 3, 4, 5, 6, 7
001
1, 2, 3, 4, 5, 6, 7, 0
1, 0, 3, 2, 5, 4, 7, 6
010
2, 3, 4, 5, 6, 7, 0, 1
2, 3, 0, 1, 6, 7, 4, 5
011
3, 4, 5, 6, 7, 0, 1, 2
3, 2, 1, 0, 7, 6, 5, 4
100
4, 5, 6, 7, 0, 1, 2, 3
4, 5, 6, 7, 0, 1, 2, 3
101
5, 6, 7, 0, 1, 2, 3, 4
5, 4, 7, 6, 1, 0, 3, 2
110
6, 7, 0, 1, 2, 3, 4, 5
6, 7, 4, 5, 2, 3, 0, 1
111
7, 0, 1, 2, 3, 4, 5, 6
7, 6, 5, 4, 3, 2, 1, 0


Similar Part No. - HY5DU573222FP-28

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HY5DU573222AFM HYNIX-HY5DU573222AFM Datasheet
1Mb / 30P
   256M(8Mx32) GDDR SDRAM
HY5DU573222AFM-25 HYNIX-HY5DU573222AFM-25 Datasheet
1Mb / 30P
   256M(8Mx32) GDDR SDRAM
HY5DU573222AFM-28 HYNIX-HY5DU573222AFM-28 Datasheet
1Mb / 30P
   256M(8Mx32) GDDR SDRAM
HY5DU573222AFM-33 HYNIX-HY5DU573222AFM-33 Datasheet
1Mb / 30P
   256M(8Mx32) GDDR SDRAM
HY5DU573222AFM-36 HYNIX-HY5DU573222AFM-36 Datasheet
1Mb / 30P
   256M(8Mx32) GDDR SDRAM
More results

Similar Description - HY5DU573222FP-28

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HY5DS573222F HYNIX-HY5DS573222F Datasheet
1,014Kb / 28P
   256M(8Mx32) GDDR SDRAM
HY5DU573222AFM HYNIX-HY5DU573222AFM Datasheet
1Mb / 30P
   256M(8Mx32) GDDR SDRAM
logo
Samsung semiconductor
K4D553235F-GC SAMSUNG-K4D553235F-GC Datasheet
386Kb / 18P
   256M GDDR SDRAM
logo
Hynix Semiconductor
HY5DU561622ETP HYNIX-HY5DU561622ETP Datasheet
197Kb / 30P
   256M(16Mx16) gDDR SDRAM
HY5DU561622CTP HYNIX-HY5DU561622CTP Datasheet
198Kb / 30P
   256M(16Mx16) gDDR SDRAM
logo
White Electronic Design...
WED3DL328V WEDC-WED3DL328V Datasheet
1Mb / 27P
   8Mx32 SDRAM
logo
Samsung semiconductor
K4D553238F SAMSUNG-K4D553238F Datasheet
309Kb / 17P
   256Mbit GDDR SDRAM
K4D551638F-TC SAMSUNG-K4D551638F-TC Datasheet
206Kb / 16P
   256Mbit GDDR SDRAM
K4M563233D SAMSUNG-K4M563233D Datasheet
65Kb / 8P
   8Mx32 Mobile SDRAM 90FBGA
K4D263238G-GC SAMSUNG-K4D263238G-GC Datasheet
325Kb / 20P
   128Mbit GDDR SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com