Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HY5DU573222F-22 Datasheet(PDF) 26 Page - Hynix Semiconductor

Part # HY5DU573222F-22
Description  256M(8Mx32) GDDR SDRAM
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HY5DU573222F-22 Datasheet(HTML) 26 Page - Hynix Semiconductor

Back Button HY5DU573222F-22 Datasheet HTML 22Page - Hynix Semiconductor HY5DU573222F-22 Datasheet HTML 23Page - Hynix Semiconductor HY5DU573222F-22 Datasheet HTML 24Page - Hynix Semiconductor HY5DU573222F-22 Datasheet HTML 25Page - Hynix Semiconductor HY5DU573222F-22 Datasheet HTML 26Page - Hynix Semiconductor HY5DU573222F-22 Datasheet HTML 27Page - Hynix Semiconductor HY5DU573222F-22 Datasheet HTML 28Page - Hynix Semiconductor HY5DU573222F-22 Datasheet HTML 29Page - Hynix Semiconductor HY5DU573222F-22 Datasheet HTML 30Page - Hynix Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 26 / 30 page
background image
1HY5DU573222F(P)
Rev. 1.1 / May. 2005
26
AC CHARACTERISTICS - I (continue)
Parameter
Symbol
33
36
4
5
Unit Note
Min
Max
Min
Max
Min
Max
Min
Max
Row Cycle Time
tRC
15
-14
-13
-10
-
CK
Auto Refresh Row Cycle Time
tRFC
17
-16
-15
-12
-
CK
Row Active Time
tRAS
10
100K
9
100K
8
100K
7
100K
CK
Row Address to Column Address Delay for
Read
tRCDRD
6
-
5-5-4-
CK
Row Address to Column Address Delay for
Write
tRCDWR
3
-
2-2-2-
CK
Row Active to Row Active Delay
tRRD
3
-
3-3-2-
CK
Column Address to Column Address Delay
tCCD
1
-
1-1-1-
CK
Row Precharge Time
tRP
6
-
5-5-4-
CK
Write Recovery Time
tWR
3
-
3-3-3-
CK
Last Data-In to Read Command
tDRL
2
-
2-2-2-
CK
Auto Precharge Write Recovery + Precharge
Time
tDAL
9
-
8-8-7-
CK
System Clock Cycle Time
CL=4
tCK
3.3
10
3.6
10
4
10
-
-
ns
CL=3
-
-
--
--
5
10
Clock High Level Width
tCH
0.45
0.55
0.45
0.55
0.45
0.55
0.45
0.55
CK
Clock Low Level Width
tCL
0.45
0.55
0.45
0.55
0.45
0.55
0.45
0.55
CK
Data-Out edge to Clock edge Skew
tAC
-0.6
0.6
-0.6
0.6
-0.6
0.6
-0.6
0.6
ns
DQS-Out edge to Clock edge Skew
tDQSCK
-0.6
0.6
-0.6
0.6
-0.6
0.6
-0.6
0.6
ns
DQS-Out edge to Data-Out edge Skew
tDQSQ
-
0.35
-
0.4
-
0.4
-
0.4
ns
Data-Out hold time from DQS
tQH
tHPmin
-tQHS
-
tHPmin
-tQHS
-
tHPmin
-tQHS
-
tHPmin
-tQHS
-
ns
1,6
Clock Half Period
tHP
tCH/L
min
-
tCH/L
min
-
tCH/L
min
-
tCH/L
min
-
ns
1,5
Data Hold Skew Factor
tQHS
-
0.35
-
0.4
-
0.4
-
0.4
ns
6
Input Setup Time
tIS
0.75
-
0.75
-
0.75
-
0.75
-
ns
2
Input Hold Time
tIH
0.75
-
0.75
-
0.75
-
0.75
-
ns
2
Write DQS High Level Width
tDQSH
0.4
0.6
0.4
0.6
0.4
0.6
0.4
0.6
CK
Write DQS Low Level Width
tDQSL
0.4
0.6
0.4
0.6
0.4
0.6
0.4
0.6
CK
Clock to First Rising edge of DQS-In
tDQSS
0.85
1.15
0.85
1.15
0.85
1.15
0.85
1.15
CK
Data-In Setup Time to DQS-In (DQ & DM)
tDS
0.35
-0.4
-0.4
-0.4
-
ns
3


Similar Part No. - HY5DU573222F-22

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HY5DU573222AFM HYNIX-HY5DU573222AFM Datasheet
1Mb / 30P
   256M(8Mx32) GDDR SDRAM
HY5DU573222AFM-25 HYNIX-HY5DU573222AFM-25 Datasheet
1Mb / 30P
   256M(8Mx32) GDDR SDRAM
HY5DU573222AFM-28 HYNIX-HY5DU573222AFM-28 Datasheet
1Mb / 30P
   256M(8Mx32) GDDR SDRAM
HY5DU573222AFM-33 HYNIX-HY5DU573222AFM-33 Datasheet
1Mb / 30P
   256M(8Mx32) GDDR SDRAM
HY5DU573222AFM-36 HYNIX-HY5DU573222AFM-36 Datasheet
1Mb / 30P
   256M(8Mx32) GDDR SDRAM
More results

Similar Description - HY5DU573222F-22

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HY5DS573222F HYNIX-HY5DS573222F Datasheet
1,014Kb / 28P
   256M(8Mx32) GDDR SDRAM
HY5DU573222AFM HYNIX-HY5DU573222AFM Datasheet
1Mb / 30P
   256M(8Mx32) GDDR SDRAM
logo
Samsung semiconductor
K4D553235F-GC SAMSUNG-K4D553235F-GC Datasheet
386Kb / 18P
   256M GDDR SDRAM
logo
Hynix Semiconductor
HY5DU561622ETP HYNIX-HY5DU561622ETP Datasheet
197Kb / 30P
   256M(16Mx16) gDDR SDRAM
HY5DU561622CTP HYNIX-HY5DU561622CTP Datasheet
198Kb / 30P
   256M(16Mx16) gDDR SDRAM
logo
White Electronic Design...
WED3DL328V WEDC-WED3DL328V Datasheet
1Mb / 27P
   8Mx32 SDRAM
logo
Samsung semiconductor
K4D553238F SAMSUNG-K4D553238F Datasheet
309Kb / 17P
   256Mbit GDDR SDRAM
K4D551638F-TC SAMSUNG-K4D551638F-TC Datasheet
206Kb / 16P
   256Mbit GDDR SDRAM
K4M563233D SAMSUNG-K4M563233D Datasheet
65Kb / 8P
   8Mx32 Mobile SDRAM 90FBGA
K4D263238G-GC SAMSUNG-K4D263238G-GC Datasheet
325Kb / 20P
   128Mbit GDDR SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com