![]() |
Electronic Components Datasheet Search |
|
HY5DU12822DFP-D43 Datasheet(PDF) 25 Page - Hynix Semiconductor |
|
|
HY5DU12822DFP-D43 Datasheet(HTML) 25 Page - Hynix Semiconductor |
25 / 29 page ![]() Rev 1.0 / May 2007 25 1 HY5DU12822DF(P) / HY5DU121622DF(P) 20.tQH = tHP - tQHS, where: tHP = minimum half clock period for any given cycle and is defined by clock high or clock low (tCH, tCL). tQHS accounts for 1) The pulse duration distortion of on-chip clock circuits; and 2) The worst case push--out of DQS on one transition followed by the worst case pull--in of DQ on the next transition, both of which are, separately, due to data pin skew and output pattern effects, and p-channel to n-channel variation of the output drivers. 21. tDQSQ: Consists of data pin skew and output pattern effects, and p-channel to n-channel variation of the output drivers for any given cycle. 22. tDAL = (tWR/tCK) + (tRP/tCK) For each of the terms above, if not already an integer, round to the next highest integer. Example: For DDR266B at CL=2.5 and tCK=7.5 ns tDAL = ((15 ns / 7.5 ns) + (20 ns / 7.5 ns)) clocks = ((2) + (3)) clocks = 5 clocks 23. In all circumstances, tXSNR can be satisfied using tXSNR = tRFCmin + 1*tCK 24. The only time that the clock frequency is allowed to change is during self-refresh mode. 25. If refresh timing or tDS/tDH is violated, data corruption may occur and the data must be re-written with valid data before a valid READ can be executed. |
Similar Part No. - HY5DU12822DFP-D43 |
|
Similar Description - HY5DU12822DFP-D43 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |