Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HY5DU12822DFP-D43 Datasheet(PDF) 17 Page - Hynix Semiconductor

Part # HY5DU12822DFP-D43
Description  512Mb DDR SDRAM
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HY5DU12822DFP-D43 Datasheet(HTML) 17 Page - Hynix Semiconductor

Back Button HY5DU12822DFP-D43 Datasheet HTML 13Page - Hynix Semiconductor HY5DU12822DFP-D43 Datasheet HTML 14Page - Hynix Semiconductor HY5DU12822DFP-D43 Datasheet HTML 15Page - Hynix Semiconductor HY5DU12822DFP-D43 Datasheet HTML 16Page - Hynix Semiconductor HY5DU12822DFP-D43 Datasheet HTML 17Page - Hynix Semiconductor HY5DU12822DFP-D43 Datasheet HTML 18Page - Hynix Semiconductor HY5DU12822DFP-D43 Datasheet HTML 19Page - Hynix Semiconductor HY5DU12822DFP-D43 Datasheet HTML 20Page - Hynix Semiconductor HY5DU12822DFP-D43 Datasheet HTML 21Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 29 page
background image
Rev 1.0 / May 2007
17
1
HY5DU12822DF(P) / HY5DU121622DF(P)
ABSOLUTE MAXIMUM RATINGS
Note: Operation at above absolute maximum rating can adversely affect device reliability
DC OPERATING CONDITIONS (TA=0 to 70 oC, Voltage referenced to VSS = 0V)
Note:
1. V
DDQ must not exceed the level of VDD.
2. V
IL (min) is acceptable -1.5V AC pulse width with < 5ns of duration.
3. V
REF is expected to be equal to 0.5*VDDQ of the transmitting device, and to track variations in the dc level of the same.
Peak to peak noise on V
REF may not exceed ± 2% of the DC value.
4. V
ID is the magnitude of the difference between the input level on CK and the input level on /CK.
Parameter
Symbol
Rating
Unit
Operating Temperature (Ambient)
T
A
0 ~ 70
oC
Storage Temperature
T
STG
-55 ~ 150
oC
Voltage on V
DD relative to VSS
V
DD
-1.0 ~ 3.6
V
Voltage on V
DDQ relative to VSS
V
DDQ
-1.0 ~ 3.6
V
Voltage on inputs relative to V
SS
V
INPUT
-1.0 ~ 3.6
V
Voltage on I/O pins relative to V
SS
V
IO
-0.5 ~3.6
V
Output Short Circuit Current
I
OS
50
mA
Soldering Temperature
⋅ Time
T
SOLDER
260
⋅ 10
oC ⋅ Sec
Parameter
Symbol
Min
Typ.
Max
Unit
Power Supply Voltage (DDR200, 266, 333)
V
DD
2.3
2.5
2.7
V
Power Supply Voltage (DDR200, 266, 333)1
V
DDQ
2.3
2.5
2.7
V
Power Supply Voltage (DDR400, 400Mbps/pin or
500Mbps/pin product)
V
DD
2.4
2.6
2.7
V
Power Supply Voltage (DDR400, 400Mbps/pin or
500Mbps/pin product)1
V
DDQ
2.4
2.6
2.7
V
Input High Voltage
V
IH
V
REF + 0.15
-
V
DDQ + 0.3
V
Input Low Voltage2
V
IL
-0.3
-
V
REF - 0.15
V
Termination Voltage
V
TT
V
REF - 0.04
V
REF
V
REF + 0.04
V
Reference Voltage3
V
REF
0.49*VDDQ
0.5*VDDQ
0.51*VDDQ
V
Input Voltage Level, CK and CK inputs
V
IN(DC)
-0.3
-
VDDQ+0.3
V
Input Differential Voltage, CK and CK inputs4
V
ID(DC)
0.36
-
VDDQ+0.6
V
V-I Matching: Pullup to Pulldown Current Ratio5
V
I(RATIO)
0.71
-
1.4
-
Input Leakage Current6
I
LI
-2
-
2
uA
Output Leakage Current7
I
LO
-5
-
5
uA
Normal Strength
Output Driver
(V
OUT=VTT ±
0.84)
Output High Current
(min V
DDQ, min VREF, min
V
TT)
I
OH
-16.8
-
-
mA
Output Low Current
(min V
DDQ, max VREF, max
V
TT)
I
OL
16.8
-
-
mA
Half Strength
Output Driver
(V
OUT=VTT ±
0.68)
Output High Current
(min V
DDQ, min VREF, min
V
TT)
I
OH
-13.6
-
-
mA
Output Low Current
(min V
DDQ, max VREF, max
V
TT)
I
OL
13.6
-
-
mA


Similar Part No. - HY5DU12822DFP-D43

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HY5DU12822DFP-D43I HYNIX-HY5DU12822DFP-D43I Datasheet
466Kb / 29P
512Mb DDR SDRAM
More results

Similar Description - HY5DU12822DFP-D43

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HY5DU12822B HYNIX-HY5DU12822B Datasheet
396Kb / 37P
512Mb DDR SDRAM
H5DU5182EFR-FAC HYNIX-H5DU5182EFR-FAC Datasheet
523Kb / 30P
512Mb DDR SDRAM
HY5DU12822DT-D43 HYNIX-HY5DU12822DT-D43 Datasheet
1Mb / 29P
512Mb DDR SDRAM
HY5DU12422BT HYNIX-HY5DU12422BT_06 Datasheet
692Kb / 31P
512Mb DDR SDRAM
H5DU5182ETR-FAC HYNIX-H5DU5182ETR-FAC Datasheet
352Kb / 29P
512Mb DDR SDRAM
HY5DU12422AT HYNIX-HY5DU12422AT Datasheet
381Kb / 33P
512Mb DDR SDRAM
H5DU5182ETR-FAI HYNIX-H5DU5182ETR-FAI Datasheet
353Kb / 29P
512Mb DDR SDRAM
HY5DU12822DFP-D43I HYNIX-HY5DU12822DFP-D43I Datasheet
466Kb / 29P
512Mb DDR SDRAM
HY5DU12422C HYNIX-HY5DU12422C_06 Datasheet
2Mb / 31P
512Mb DDR SDRAM
H5DU5182EFR-FAJ HYNIX-H5DU5182EFR-FAJ Datasheet
511Kb / 30P
512Mb DDR SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com