Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HY5DU12822DT-D43 Datasheet(PDF) 18 Page - Hynix Semiconductor

Part # HY5DU12822DT-D43
Description  512Mb DDR SDRAM
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HY5DU12822DT-D43 Datasheet(HTML) 18 Page - Hynix Semiconductor

Back Button HY5DU12822DT-D43 Datasheet HTML 14Page - Hynix Semiconductor HY5DU12822DT-D43 Datasheet HTML 15Page - Hynix Semiconductor HY5DU12822DT-D43 Datasheet HTML 16Page - Hynix Semiconductor HY5DU12822DT-D43 Datasheet HTML 17Page - Hynix Semiconductor HY5DU12822DT-D43 Datasheet HTML 18Page - Hynix Semiconductor HY5DU12822DT-D43 Datasheet HTML 19Page - Hynix Semiconductor HY5DU12822DT-D43 Datasheet HTML 20Page - Hynix Semiconductor HY5DU12822DT-D43 Datasheet HTML 21Page - Hynix Semiconductor HY5DU12822DT-D43 Datasheet HTML 22Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 29 page
background image
Rev. 1.0 / May 2007
18
1HY5DU12822D(L)TP
HY5DU121622D(L)TP
5. The ratio of the pullup current to the pulldown current is specified for the same temperature and voltage, over the entire temper-
ature and voltage range, for device drain to source voltages from 0.25V to 1.0V. For a given output, it represents the maximum dif-
ference between pullup and pulldown drivers due to process variation. The full variation in the ratio of the maximum to minimum
pullup and pulldown current will not exceed 1/7 for device drain to source voltages from 0.1 to 1.0.
6. V
IN=0 to VDD, All other pins are not tested under VIN =0V.
7. DQs are disabled, V
OUT=0 to VDDQ
IDD SPECIFICATION AND CONDITIONS (TA=0 to 70 oC, Voltage referenced to VSS = 0V)
Test Conditions
Test Condition
Symbol
Operating Current:
One bank; Active - Precharge; t
RC=tRC(min); tCK=tCK(min); DQ,DM and DQS inputs changing twice
per clock cycle; address and control inputs changing once per clock cycle
I
DD0
Operating Current:
One bank; Active - Read - Precharge;
Burst Length=2; t
RC=tRC(min); tCK=tCK(min); address and control inputs changing once per clock
cycle
I
DD1
Precharge Power Down Standby Current:
All banks idle; Power down mode; CKE=Low, t
CK=tCK(min)
I
DD2P
Idle Standby Current:
/CS=High, All banks idle; t
CK=tCK(min);
CKE=High; address and control inputs changing once per clock cycle.
V
IN=VREF for DQ, DQS and DM
I
DD2F
Idle Quiet Standby Current:
/CS>=Vih(min); All banks idle; CKE>=Vih(min); Addresses and other control inputs stable, Vin=Vref
for DQ, DQS and DM
I
DD2Q
Active Power Down Standby Current:
One bank active; Power down mode; CKE=Low, t
CK=tCK(min)
I
DD3P
Active Standby Current:
/CS=HIGH; CKE=HIGH; One bank; Active-Precharge; t
RC=tRAS(max); tCK=tCK(min);
DQ, DM and DQS inputs changing twice per clock cycle; Address and other control inputs changing
once per clock cycle
I
DD3N
Operating Current:
Burst=2; Reads; Continuous burst; One bank active; Address and control inputs changing once per
clock cycle; t
CK=tCK(min); IOUT=0mA
I
DD4R
Operating Current:
Burst=2; Writes; Continuous burst; One bank active; Address and control inputs changing once per
clock cycle; t
CK=tCK(min); DQ, DM and DQS inputs changing twice per clock cycle
I
DD4W
Auto Refresh Current:
t
RC=tRFC(min) - 8*tCK for DDR200 at 100Mhz, 10*tCK for DDR266A & DDR266B at 133Mhz;
distributed refresh
t
RC=tRFC(min) - 14*tCK for DDR400 at 200Mhz
I
DD5
Self Refresh Current:
CKE =< 0.2V; External clock on; t
CK=tCK(min)
I
DD6
Operating Current - Four Bank Operation:
Four bank interleaving with BL=4, Refer to the following page for detailed test condition
I
DD7


Similar Part No. - HY5DU12822DT-D43

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HY5DU12822DF-D43 HYNIX-HY5DU12822DF-D43 Datasheet
468Kb / 29P
   512Mb DDR SDRAM
HY5DU12822DF-H HYNIX-HY5DU12822DF-H Datasheet
468Kb / 29P
   512Mb DDR SDRAM
HY5DU12822DF-J HYNIX-HY5DU12822DF-J Datasheet
468Kb / 29P
   512Mb DDR SDRAM
HY5DU12822DF-K HYNIX-HY5DU12822DF-K Datasheet
468Kb / 29P
   512Mb DDR SDRAM
HY5DU12822DFP-D43 HYNIX-HY5DU12822DFP-D43 Datasheet
468Kb / 29P
   512Mb DDR SDRAM
More results

Similar Description - HY5DU12822DT-D43

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HY5DU12822B HYNIX-HY5DU12822B Datasheet
396Kb / 37P
   512Mb DDR SDRAM
H5DU5182EFR-FAC HYNIX-H5DU5182EFR-FAC Datasheet
523Kb / 30P
   512Mb DDR SDRAM
HY5DU12422BT HYNIX-HY5DU12422BT_06 Datasheet
692Kb / 31P
   512Mb DDR SDRAM
H5DU5182ETR-FAC HYNIX-H5DU5182ETR-FAC Datasheet
352Kb / 29P
   512Mb DDR SDRAM
HY5DU12422AT HYNIX-HY5DU12422AT Datasheet
381Kb / 33P
   512Mb DDR SDRAM
H5DU5182ETR-FAI HYNIX-H5DU5182ETR-FAI Datasheet
353Kb / 29P
   512Mb DDR SDRAM
HY5DU12822DFP-D43I HYNIX-HY5DU12822DFP-D43I Datasheet
466Kb / 29P
   512Mb DDR SDRAM
HY5DU12822DFP-D43 HYNIX-HY5DU12822DFP-D43 Datasheet
468Kb / 29P
   512Mb DDR SDRAM
HY5DU12422C HYNIX-HY5DU12422C_06 Datasheet
2Mb / 31P
   512Mb DDR SDRAM
H5DU5182EFR-FAJ HYNIX-H5DU5182EFR-FAJ Datasheet
511Kb / 30P
   512Mb DDR SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com