Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

V-10G-4A4-K Datasheet(PDF) 14 Page - Omron Electronics LLC

Part # V-10G-4A4-K
Description  Snap Action Switch
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

V-10G-4A4-K Datasheet(HTML) 14 Page - Omron Electronics LLC

Back Button V-10G-4A4-K Datasheet HTML 8Page - Omron Electronics LLC V-10G-4A4-K Datasheet HTML 9Page - Omron Electronics LLC V-10G-4A4-K Datasheet HTML 10Page - Omron Electronics LLC V-10G-4A4-K Datasheet HTML 11Page - Omron Electronics LLC V-10G-4A4-K Datasheet HTML 12Page - Omron Electronics LLC V-10G-4A4-K Datasheet HTML 13Page - Omron Electronics LLC V-10G-4A4-K Datasheet HTML 14Page - Omron Electronics LLC V-10G-4A4-K Datasheet HTML 15Page - Omron Electronics LLC V-10G-4A4-K Datasheet HTML 16Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
134
Snap Action Switch
V
Precautions
Be sure to read the precautions and information common to all Snap Action and Detection Switches, contained in the Technical User’s Guide,
“Snap Action Switches, Technical Information” for correct use.
■ Correct Use
Terminal Connection
To solder the lead to the solder terminal, apply a soldering iron rated
at 60 W max. quickly (within 5 seconds) with the actuator at the free
position.
Note that applying a soldering iron for too long a time or using one
that is rated at more than 60 W may degrade the switch characteris-
tics.
Use an appropriate mating connector for #187 or #250 quick connect
terminals.
Specifications Approved by TÜV Rheinland
According to EN61058-1
Appropriate Cable Size (mm2)
Operation
Make sure that the operating body pushes the switch actuator with
an adequate force when the switch is to be operated, and that it does
not touch the actuator when the switch is released.
Do not change the operating position by modifying the actuator.
Do not use the switch in a application where the operating speed is
extremely slow or the actuator is set in the midpoint between the free
position and operating position.
Install the pin plunger switch so that the operating force is applied in
alignment with the stroke of the actuator. The switch should be set so
that its stroke is in the range of 60 to 90% of the rated OT (minimum
value) when the switch has been operated.
■ Cautions
Insulation Distance
According to EN61058-1, the minimum insulation thickness for this
switch should be 1.1 mm and minimum clearance distance between
the terminal and mounting plate should be 1.0 mm. If the insulation
distance cannot be provided in the product incorporating the switch,
either use a switch with insulation barrier or use a separator to
ensure sufficient insulation distance.
Model
Solder terminal
V-10
0.75, 1.25, 2.0
V-15
1.25, 2.0


Similar Part No. - V-10G-4A4-K

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
V-10G-4A5-K OMRON-V-10G-4A5-K Datasheet
1Mb / 16P
   Snap Action Switch
More results

Similar Description - V-10G-4A4-K

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
V1141C4 OMRON-V1141C4 Datasheet
1Mb / 16P
   Snap Action Switch
logo
Highly Electric Co., Lt...
VS10N HIGHLY-VS10N Datasheet
947Kb / 3P
   SNAP ACTION SWITCH
logo
Omron Electronics LLC
SS5GL-13F OMRON-SS5GL-13F Datasheet
598Kb / 8P
   Snap Action Switch
V-15-1B5 OMRON-V-15-1B5 Datasheet
1Mb / 16P
   Snap Action Switch
SS-01-ED OMRON-SS-01-ED Datasheet
676Kb / 10P
   Snap Action Switch
A-20G OMRON-A-20G Datasheet
988Kb / 8P
   Snap Action Switch
logo
Highly Electric Co., Lt...
SRO HIGHLY-SRO Datasheet
7Mb / 4P
   SNAP ACTION SWITCH
Z15G HIGHLY-Z15G Datasheet
436Kb / 5P
   SNAP ACTION SWITCH
logo
Omron Electronics LLC
VX-5-1A2 OMRON-VX-5-1A2 Datasheet
681Kb / 8P
   Snap Action Switch
D2F OMRON-D2F Datasheet
703Kb / 8P
   Snap Action Switch
V15G1C25T OMRON-V15G1C25T Datasheet
1Mb / 16P
   Snap Action Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com