Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

V-10G-2C24-K Datasheet(PDF) 13 Page - Omron Electronics LLC

Part # V-10G-2C24-K
Description  Snap Action Switch
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

V-10G-2C24-K Datasheet(HTML) 13 Page - Omron Electronics LLC

Back Button V-10G-2C24-K Datasheet HTML 8Page - Omron Electronics LLC V-10G-2C24-K Datasheet HTML 9Page - Omron Electronics LLC V-10G-2C24-K Datasheet HTML 10Page - Omron Electronics LLC V-10G-2C24-K Datasheet HTML 11Page - Omron Electronics LLC V-10G-2C24-K Datasheet HTML 12Page - Omron Electronics LLC V-10G-2C24-K Datasheet HTML 13Page - Omron Electronics LLC V-10G-2C24-K Datasheet HTML 14Page - Omron Electronics LLC V-10G-2C24-K Datasheet HTML 15Page - Omron Electronics LLC V-10G-2C24-K Datasheet HTML 16Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
Snap Action Switch
V
133
Note: 1. Unless otherwise specified, all units are in millimeters and a tolerance of
±0.4 mm applies to all dimensions
2. The following illustrations are for quick-connect terminals (#250) (terminals C). Refer to Terminals section for the dimensions of other terminals.
3. The
@ in the model number is for the terminal code.
4. The illustrations show models with a suffix “K”, which have a hole size of 2.9 mm. Omit the “K” to obtain models with hole size = 3.1 mm.
5. The operating characteristics are for operation in the A direction (
).
Simulated Roller Lever Models
Short Hinge Roller Lever Models
Hinge Roller Lever Models
Accessories
Refer to the “V/VX/D3C Common Accessories” datasheet for information regarding VAL, VAM and VAV external actuators (sold separately).
V-15G4-1 5-K
V-10G4-1 5-K
V-10G4-1 4-K
3.5R
2.9
+0.13
–0.03
dia. holes
3.1
+0.13
–0.03
3.4
±0.15 dia.
t = 0.5 (see note)
t=0.5
Three, solder terminals
22.2
±0.1
27.8
2.8
(10)
15.9 18.8
10.3
±0.1
OP
PT
8.1
4.3
2.8
10.3
37.8
±0.8
32.6
±0.8
2.8
Note:
Stainless-steel lever
A
Characteristics
V-15G4-1
@5-K
V-10G4-1
@5-K
V-10G4-1
@4-K
OF max.
125 gf
60 gf
RF min.
14 gf
6 gf
PT max.
3.3 mm
OT min.
2.3 mm
MD max.
0.8 mm
OP
18.7
± 1.2 mm
4.8 dia.
× 4.8 (see note 2)
2.9
+0.13
–0.03
dia. holes
3.1
+0.13
–0.03
3.4
±0.15 dia.
t = 0.5 (see note 1)
22.2
±0.1
27.8
2.8
(10)
15.9 18.8
10.3
±0.1
OP
PT
8.1
5.1
10.3
37.8
±0.8
20.1
2.8
V-15G5-1 5-K
V-10G5-1 5-K
V-10G5-1 4-K
Note:
1.
Stainless-steel lever
2.
Oilless polyacetar resin roller
A
t=0.5
Three, solder terminals
Characteristics
V-15G5-1
@5-K
V-10G5-1
@5-K
V-10G5-1
@4-K
OF max.
240 gf
120 gf
RF min.
50 gf
15 gf
PT max.
1.5 mm
OT min.
1.0 mm
MD max.
0.5 mm
OP
20.7
± 0.6 mm
V-15G6-1 5-K
V-10G6-1 5-K
V-10G6-1 4-K
4.8 dia.
× 4.8 (see note 2)
2.9
+0.13
–0.03
dia. holes
3.1
+0.13
–0.03
3.4
±0.15 dia.
t = 0.5 (see note 1)
22.2
±0.1
27.8
2.8
(10)
15.9 18.8
10.3
±0.1
OP
PT
8.1
5.1
10.3
37.8
±0.8
34.0
±0.8
2.8
Note:
1.
Stainless-steel lever
2.
Oilless polyacetar resin roller
A
t=0.5
Three, solder terminals
Characteristics
V-15G6-1
@5-K
V-10G6-1
@5-K
V-10G6-1
@4-K
OF max.
125 gf
60 gf
RF min.
14 gf
6 gf
PT max.
3.3 mm
OT min.
2.3 mm
MD max.
0.8 mm
OP
20.7
± 1.6 mm


Similar Part No. - V-10G-2C24-K

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
V-10G-2C25-K OMRON-V-10G-2C25-K Datasheet
1Mb / 16P
Snap Action Switch
More results

Similar Description - V-10G-2C24-K

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
A-20G OMRON-A-20G Datasheet
988Kb / 8P
Snap Action Switch
D2F OMRON-D2F Datasheet
703Kb / 8P
Snap Action Switch
SS-01-ED OMRON-SS-01-ED Datasheet
676Kb / 10P
Snap Action Switch
VX-5-1A2 OMRON-VX-5-1A2 Datasheet
681Kb / 8P
Snap Action Switch
V15G1C25T OMRON-V15G1C25T Datasheet
1Mb / 16P
Snap Action Switch
SS5GL-13F OMRON-SS5GL-13F Datasheet
598Kb / 8P
Snap Action Switch
V1141C4 OMRON-V1141C4 Datasheet
1Mb / 16P
Snap Action Switch
V-15-1B5 OMRON-V-15-1B5 Datasheet
1Mb / 16P
Snap Action Switch
logo
Highly Electric Co., Lt...
SRO HIGHLY-SRO Datasheet
7Mb / 4P
SNAP ACTION SWITCH
VS10N HIGHLY-VS10N Datasheet
947Kb / 3P
SNAP ACTION SWITCH
Z15G HIGHLY-Z15G Datasheet
436Kb / 5P
SNAP ACTION SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com