Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

H5DU5182EFR-FAC Datasheet(PDF) 5 Page - Hynix Semiconductor

Part # H5DU5182EFR-FAC
Description  512Mb DDR SDRAM
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

H5DU5182EFR-FAC Datasheet(HTML) 5 Page - Hynix Semiconductor

  H5DU5182EFR-FAC Datasheet HTML 1Page - Hynix Semiconductor H5DU5182EFR-FAC Datasheet HTML 2Page - Hynix Semiconductor H5DU5182EFR-FAC Datasheet HTML 3Page - Hynix Semiconductor H5DU5182EFR-FAC Datasheet HTML 4Page - Hynix Semiconductor H5DU5182EFR-FAC Datasheet HTML 5Page - Hynix Semiconductor H5DU5182EFR-FAC Datasheet HTML 6Page - Hynix Semiconductor H5DU5182EFR-FAC Datasheet HTML 7Page - Hynix Semiconductor H5DU5182EFR-FAC Datasheet HTML 8Page - Hynix Semiconductor H5DU5182EFR-FAC Datasheet HTML 9Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 30 page
background image
Rev. 1.0 / Nov. 2009
5
1H5DU5182EFR
H5DU5162EFR
PIN DESCRIPTION
PIN
TYPE
DESCRIPTION
CK, /CK
Input
Clock: CK and /CK are differential clock inputs. All address and control input
signals are sampled on the crossing of the positive edge of CK and negative
edge of /CK. Output (read) data is referenced to the crossings of CK and /CK
(both directions of crossing).
CKE
Input
Clock Enable: CKE HIGH activates, and CKE LOW deactivates internal clock sig-
nals, and device input buffers and output drivers. Taking CKE LOW provides
PRECHARGE POWER DOWN and SELF REFRESH operation (all banks idle), or
ACTIVE POWER DOWN (row ACTIVE in any bank). CKE is synchronous for
POWER DOWN entry and exit, and for SELF REFRESH entry. CKE is asynchro-
nous for SELF REFRESH exit, and for output disable. CKE must be maintained
high throughout READ and WRITE accesses. Input buffers, excluding CK, /CK
and CKE are disabled during POWER DOWN. Input buffers, excluding CKE are
disabled during SELF REFRESH. CKE is an SSTL_2 input, but will detect an LVC-
MOS LOW level after VDD is applied.
/CS
Input
Chip Select: Enables or disables all inputs except CK, /CK, CKE, DQS and DM.
All commands are masked when CS is registered high. CS provides for external
bank selection on systems with multiple banks. CS is considered part of the
command code.
BA0, BA1
Input
Bank Address Inputs: BA0 and BA1 define to which bank an ACTIVE, Read,
Write or PRECHARGE command is being applied.
A0 ~ A12
Input
Address Inputs: Provide the row address for ACTIVE commands, and the col-
umn address and AUTO PRECHARGE bit for READ/WRITE commands, to select
one location out of the memory array in the respective bank. A10 is sampled
during a Precharge command to determine whether the PRECHARGE applies to
one bank (A10 LOW) or all banks (A10 HIGH). If only one bank is to be pre-
charged, the bank is selected by BA0, BA1. The address inputs also provide the
op code during a MODE REGISTER SET command. BA0 and BA1 define which
mode register is loaded during the MODE REGISTER SET command (MRS or
EMRS).
/RAS, /CAS, /
WE
Input
Command Inputs: /RAS, /CAS and /WE (along with /CS) define the command
being entered.
DM
(LDM,UDM)
Input
Input Data Mask: DM is an input mask signal for write data. Input data is
masked when DM is sampled HIGH along with that input data during a WRITE
access. DM is sampled on both edges of DQS. Although DM pins are input only,
the DM loading matches the DQ and DQS loading. For the x16, LDM corre-
sponds to the data on DQ0-Q7; UDM corresponds to the data on DQ8-Q15.
DQS
(LDQS,UDQS)
I/O
Data Strobe: Output with read data, input with write data. Edge aligned with
read data, centered in write data. Used to capture write data. For the x16,
LDQS corresponds to the data on DQ0-Q7; UDQS corresponds to the data on
DQ8-Q15.
DQ
I/O
Data input / output pin: Data bus
VDD/VSS
Supply
Power supply for internal circuits and input buffers.
VDDQ/VSSQ
Supply
Power supply for output buffers for noise immunity.
VREF
Supply
Reference voltage for inputs for SSTL interface.
NC
NC
No connection.


Similar Part No. - H5DU5182EFR-FAC

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
H5DU5182EFR-FAJ HYNIX-H5DU5182EFR-FAJ Datasheet
511Kb / 30P
   512Mb DDR SDRAM
More results

Similar Description - H5DU5182EFR-FAC

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HY5DU12822B HYNIX-HY5DU12822B Datasheet
396Kb / 37P
   512Mb DDR SDRAM
HY5DU12822DT-D43 HYNIX-HY5DU12822DT-D43 Datasheet
1Mb / 29P
   512Mb DDR SDRAM
HY5DU12422BT HYNIX-HY5DU12422BT_06 Datasheet
692Kb / 31P
   512Mb DDR SDRAM
H5DU5182ETR-FAC HYNIX-H5DU5182ETR-FAC Datasheet
352Kb / 29P
   512Mb DDR SDRAM
HY5DU12422AT HYNIX-HY5DU12422AT Datasheet
381Kb / 33P
   512Mb DDR SDRAM
H5DU5182ETR-FAI HYNIX-H5DU5182ETR-FAI Datasheet
353Kb / 29P
   512Mb DDR SDRAM
HY5DU12822DFP-D43I HYNIX-HY5DU12822DFP-D43I Datasheet
466Kb / 29P
   512Mb DDR SDRAM
HY5DU12822DFP-D43 HYNIX-HY5DU12822DFP-D43 Datasheet
468Kb / 29P
   512Mb DDR SDRAM
HY5DU12422C HYNIX-HY5DU12422C_06 Datasheet
2Mb / 31P
   512Mb DDR SDRAM
H5DU5182EFR-FAJ HYNIX-H5DU5182EFR-FAJ Datasheet
511Kb / 30P
   512Mb DDR SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com