Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

H5DU5182EFR-FAC Datasheet(PDF) 23 Page - Hynix Semiconductor

Part # H5DU5182EFR-FAC
Description  512Mb DDR SDRAM
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

H5DU5182EFR-FAC Datasheet(HTML) 23 Page - Hynix Semiconductor

Back Button H5DU5182EFR-FAC Datasheet HTML 19Page - Hynix Semiconductor H5DU5182EFR-FAC Datasheet HTML 20Page - Hynix Semiconductor H5DU5182EFR-FAC Datasheet HTML 21Page - Hynix Semiconductor H5DU5182EFR-FAC Datasheet HTML 22Page - Hynix Semiconductor H5DU5182EFR-FAC Datasheet HTML 23Page - Hynix Semiconductor H5DU5182EFR-FAC Datasheet HTML 24Page - Hynix Semiconductor H5DU5182EFR-FAC Datasheet HTML 25Page - Hynix Semiconductor H5DU5182EFR-FAC Datasheet HTML 26Page - Hynix Semiconductor H5DU5182EFR-FAC Datasheet HTML 27Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 30 page
background image
Rev. 1.0 / Nov. 2009
23
1H5DU5182EFR
H5DU5162EFR
- Continue
Parameter
Symbol
DDR500
DDR400B
DDR333
DDR266A
DDR266B
UNIT
Min
Max
Min
Max
Min
Max
Min
Max
Min
Max
Data-out high-impedance window
from CK,/CK10
tHZ
-0.65
0.65
-0.7
0.7
-0.7
0.7
-0.75
0.75
-0.75
0.75
ns
Data-out low-impedance window
from CK, /CK10
tLZ
-0.65
0.65
-0.7
0.7
-0.7
0.7
-0.75
0.75
-0.75
0.75
ns
Input Setup Time (fast slew
rate)14,16-18
tIS
0.6
-
0.6
-
0.75
-
0.9
-
0.9
-
ns
Input Hold Time (fast slew
rate)14,16-18
tIH
0.6
-
0.6
-
0.75
-
0.9
-
0.9
-
ns
Input Setup Time (slow slew
rate)15-18
tIS
0.6
-
0.7
-
0.8
-
1.0
-
1.0
-
ns
Input Hold Time (slow slew
rate)15-18
tIH
0.6
-
0.7
-
0.8
-
1.0
-
1.0
-
ns
Input Pulse Width17
tIPW
2.2
-
2.2
-
2.2
-
2.2
-
2.2
-
ns
Write DQS High Level Width
tDQSH
0.35
-
0.35
-
0.35
-
0.35
-
0.35
-
tCK
Write DQS Low Level Width
tDQSL
0.35
-
0.35
-
0.35
-
0.35
-
0.35
-
tCK
Clock to First Rising edge of DQS-
In
tDQSS
0.72
1.25
0.72
1.25
0.75
1.25
0.75
1.25
0.75
1.25
tCK
DQS falling edge to CK setup time
tDSS
0.2
-
0.2
-0.2
-0.2
-0.2
-tCK
DQS falling edge hold time from
CK
tDSH
0.2
-
0.2
-0.2
-0.2
-0.2
-tCK
DQ & DM input setup time25
tDS
0.4
-
0.4
-
0.45
-
0.5
-
0.5
-
ns
DQ & DM input hold time25
tDH
0.4
-
0.4
-
0.45
-
0.5
-
0.5
-
ns
DQ & DM Input Pulse Width17
tDIPW
1.6
-
1.75
-
1.75
-
1.75
-
1.75
-
ns
Read DQS Preamble Time
tRPRE
0.9
1.1
0.9
1.1
0.9
1.1
0.9
1.1
0.9
1.1
tCK
Read DQS Postamble Time
tRPST
0.4
0.6
0.4
0.6
0.4
0.6
0.4
0.6
0.4
0.6
tCK
Write DQS Preamble Setup Time12 tWPRES
0
-
0
-0
-
0
-
0
-
ns
Write DQS Preamble Hold Time
tWPREH 0.25
-
0.25
-
0.25
-
0.25
-
0.25
-
tCK
Write DQS Postamble Time11
tWPST
0.4
0.6
0.4
0.6
0.4
0.6
0.4
0.6
0.4
0.6
tCK
Mode Register Set Delay
tMRD
2
-
2
-2
-
2
-
2
-
tCK
Exit Self Refresh to non-Read
command23
tXSNR
75
-
75
-75
-
75
-
75
-
ns
Exit Self Refresh to Read
command
tXSRD
200
-
200
-
200
-
200
-
200
-
tCK
Average Periodic Refresh
Interval13,25
tREFI
-
7.8
-
7.8
-
7.8
-
7.8
-
7.8
us


Similar Part No. - H5DU5182EFR-FAC

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
H5DU5182EFR-FAJ HYNIX-H5DU5182EFR-FAJ Datasheet
511Kb / 30P
   512Mb DDR SDRAM
More results

Similar Description - H5DU5182EFR-FAC

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HY5DU12822B HYNIX-HY5DU12822B Datasheet
396Kb / 37P
   512Mb DDR SDRAM
HY5DU12822DT-D43 HYNIX-HY5DU12822DT-D43 Datasheet
1Mb / 29P
   512Mb DDR SDRAM
HY5DU12422BT HYNIX-HY5DU12422BT_06 Datasheet
692Kb / 31P
   512Mb DDR SDRAM
H5DU5182ETR-FAC HYNIX-H5DU5182ETR-FAC Datasheet
352Kb / 29P
   512Mb DDR SDRAM
HY5DU12422AT HYNIX-HY5DU12422AT Datasheet
381Kb / 33P
   512Mb DDR SDRAM
H5DU5182ETR-FAI HYNIX-H5DU5182ETR-FAI Datasheet
353Kb / 29P
   512Mb DDR SDRAM
HY5DU12822DFP-D43I HYNIX-HY5DU12822DFP-D43I Datasheet
466Kb / 29P
   512Mb DDR SDRAM
HY5DU12822DFP-D43 HYNIX-HY5DU12822DFP-D43 Datasheet
468Kb / 29P
   512Mb DDR SDRAM
HY5DU12422C HYNIX-HY5DU12422C_06 Datasheet
2Mb / 31P
   512Mb DDR SDRAM
H5DU5182EFR-FAJ HYNIX-H5DU5182EFR-FAJ Datasheet
511Kb / 30P
   512Mb DDR SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com