![]() |
Electronic Components Datasheet Search |
|
H5DU5182EFR-FAC Datasheet(PDF) 13 Page - Hynix Semiconductor |
|
|
H5DU5182EFR-FAC Datasheet(HTML) 13 Page - Hynix Semiconductor |
13 / 30 page ![]() Rev. 1.0 / Nov. 2009 13 1H5DU5182EFR H5DU5162EFR MODE REGISTER SET (MRS) The mode register is used to store the various operating modes such as /CAS latency, addressing mode, burst length, burst type, test mode, DLL reset. The mode register is programed via MRS command. This command is issued by the low signals of /RAS, /CAS, /CS, /WE and BA0. This command can be issued only when all banks are in idle state and CKE must be high at least one cycle before the Mode Register Set Command can be issued. Two cycles are required to write the data in mode register. During the MRS cycle, any command cannot be issued. Once mode register field is determined, the information will be held until reset by another MRS command. BA1 BA0 A12 A11 A10 A9 A8 A7 A6 A5 A4 A3 A2 A1 A0 0 0 Operating Mode CAS Latency BT Burst Length BA0 MRS Type 0MRS 1EMRS A12~A9 A8 A7 A6~A0 Operating Mode 0 0 0 Valid Normal Operation 0 1 0 Valid Normal Operation/ Reset DLL 0 0 1 VS Vendor specific Test Mode - - - - All other states reserved A6 A5 A4 CAS Latency 00 0 Reserved 00 1 Reserved 01 0 2 01 1 3 10 0 Reserved 10 1 1.5 11 0 2.5 11 1 Reserved A3 Burst Type 0Sequential 1Interleave A2 A1 A0 Burst Length Sequential Interleave 0 0 0 Reserved Reserved 00 1 2 2 01 0 4 4 01 1 8 8 1 0 0 Reserved Reserved 1 0 1 Reserved Reserved 1 1 0 Reserved Reserved 1 1 1 Reserved Reserved |
Similar Part No. - H5DU5182EFR-FAC |
|
Similar Description - H5DU5182EFR-FAC |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |