Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

H5DU2562GTR Datasheet(PDF) 25 Page - Hynix Semiconductor

Part # H5DU2562GTR
Description  256Mb DDR SDRAM
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

H5DU2562GTR Datasheet(HTML) 25 Page - Hynix Semiconductor

Back Button H5DU2562GTR Datasheet HTML 20Page - Hynix Semiconductor H5DU2562GTR Datasheet HTML 21Page - Hynix Semiconductor H5DU2562GTR Datasheet HTML 22Page - Hynix Semiconductor H5DU2562GTR Datasheet HTML 23Page - Hynix Semiconductor H5DU2562GTR Datasheet HTML 24Page - Hynix Semiconductor H5DU2562GTR Datasheet HTML 25Page - Hynix Semiconductor H5DU2562GTR Datasheet HTML 26Page - Hynix Semiconductor H5DU2562GTR Datasheet HTML 27Page - Hynix Semiconductor H5DU2562GTR Datasheet HTML 28Page - Hynix Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 25 / 28 page
background image
Rev. 1.1 / Sep. 2009
25
H5DU2562GTR
H5DU2582GTR
SYSTEM CHARACTERISTICS CONDITIONS for DDR SDRAMS
The following tables are described specification parameters that required in systems using DDR devices to ensure
proper performannce. These characteristics are for system simulation purposes and are guaranteed by design.
Input Slew Rate for DQ/DM/DQS (Table a.)
Address & Control Input Setup & Hold Time Derating (Table b.)
DQ & DM Input Setup & Hold Time Derating (Table c.)
DQ & DM Input Setup & Hold Time Derating for Rise/Fall Delta Slew Rate (Table d.)
Output Slew Rate Characteristics (for x8 Devices) (Table e.)
Output Slew Rate Characteristics (for x16 Device) (Table f.)
Output Slew Rate Matching Ratio Characteristics (Table g.)
AC CHARACTERISTICS
DDR500
DDR400
DDR333
DDR266
DDR200
UNIT Note
PARAMETER
Symbol
min max min max min max min max min max
DQ/DM/DQS input slew rate
measured between VIH(DC),
VIL(DC) and VIL(DC), VIH(DC)
DCSLEW
0.5
4.0
0.5
4.0
0.5
4.0
0.5
4.0
0.5
4.0
V/ns
1,12
Input Slew Rate
Delta tIS
Delta tIH
UNIT
Note
0.5 V/ns
0
0
ps
9
0.4 V/ns
+50
0
ps
9
0.3 V/ns
+100
0
ps
9
Input Slew Rate
Delta tDS
Delta tDH
UNIT
Note
0.5 V/ns
0
0
ps
11
0.4 V/ns
+75
0
ps
11
0.3 V/ns
+150
0
ps
11
Input Slew Rate
Delta tDS
Delta tDH
UNIT
Note
±
0.0 ns/V
00
ps
10
±
0.25 ns/V
+50
+50
ps
10
±
0.5 ns/V
+100
+100
ps
10
Slew Rate Characteristic
Typical Range (V/
ns)
Minimum (V/ns)
Maximum (V/ns)
Note
Pullup Slew Rate
1.2 - 2.5
1.0
4.5
1,3,4,6,7,8
Pulldown Slew Rate
1.2 - 2.5
1.0
4.5
2,3,4,6,7,8
Slew Rate Characteristic
Typical Range (V/
ns)
Minimum (V/ns)
Maximum (V/ns)
Note
Pullup Slew Rate
1.2 - 2.5
1.0
4.5
1,3,4,6,7,8
Pulldown Slew Rate
1.2 - 2.5
1.0
4.5
2,3,4,6,7,8
Slew Rate Characteristic
DDR266A
DDR266B
DDR200
Note
Parameter
min
max
min
max
min
max
Output Slew Rate Matching Ratio
(Pullup to Pulldown)
-
-
-
-
0.71
1.4
5,12


Similar Part No. - H5DU2562GTR

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
H5DU2562GFR HYNIX-H5DU2562GFR Datasheet
500Kb / 28P
256Mb DDR SDRAM
H5DU2562GFR-E3C HYNIX-H5DU2562GFR-E3C Datasheet
500Kb / 28P
256Mb DDR SDRAM
H5DU2562GFR-E3I HYNIX-H5DU2562GFR-E3I Datasheet
500Kb / 28P
256Mb DDR SDRAM
H5DU2562GFR-FAC HYNIX-H5DU2562GFR-FAC Datasheet
500Kb / 28P
256Mb DDR SDRAM
H5DU2562GFR-FAI HYNIX-H5DU2562GFR-FAI Datasheet
500Kb / 28P
256Mb DDR SDRAM
More results

Similar Description - H5DU2562GTR

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HY5DU56822FLTP-D5 HYNIX-HY5DU56822FLTP-D5 Datasheet
708Kb / 28P
256Mb DDR SDRAM
HY5DU561622FLFP HYNIX-HY5DU561622FLFP Datasheet
332Kb / 27P
256Mb DDR SDRAM
HY5DU56822FLTP-D5I HYNIX-HY5DU56822FLTP-D5I Datasheet
709Kb / 28P
256Mb DDR SDRAM
HY5DU56422DT HYNIX-HY5DU56422DT Datasheet
236Kb / 29P
256Mb DDR SDRAM
logo
List of Unclassifed Man...
EM42AM1684RTA-75L ETC1-EM42AM1684RTA-75L Datasheet
288Kb / 24P
256Mb DDR SDRAM
logo
Hynix Semiconductor
HY5DU561622EFP HYNIX-HY5DU561622EFP Datasheet
253Kb / 29P
256Mb DDR SDRAM
HY5DU561622FLFP-D5I HYNIX-HY5DU561622FLFP-D5I Datasheet
322Kb / 27P
256Mb DDR SDRAM
H5DU2562GFR-FAC HYNIX-H5DU2562GFR-FAC Datasheet
500Kb / 28P
256Mb DDR SDRAM
H5DU2562GFR-FAI HYNIX-H5DU2562GFR-FAI Datasheet
500Kb / 28P
256Mb DDR SDRAM
logo
Samsung semiconductor
M470L3224BT0 SAMSUNG-M470L3224BT0 Datasheet
137Kb / 14P
256MB DDR SDRAM MODULE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com