Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

H5DU2562GTR Datasheet(PDF) 20 Page - Hynix Semiconductor

Part # H5DU2562GTR
Description  256Mb DDR SDRAM
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

H5DU2562GTR Datasheet(HTML) 20 Page - Hynix Semiconductor

Back Button H5DU2562GTR Datasheet HTML 16Page - Hynix Semiconductor H5DU2562GTR Datasheet HTML 17Page - Hynix Semiconductor H5DU2562GTR Datasheet HTML 18Page - Hynix Semiconductor H5DU2562GTR Datasheet HTML 19Page - Hynix Semiconductor H5DU2562GTR Datasheet HTML 20Page - Hynix Semiconductor H5DU2562GTR Datasheet HTML 21Page - Hynix Semiconductor H5DU2562GTR Datasheet HTML 22Page - Hynix Semiconductor H5DU2562GTR Datasheet HTML 23Page - Hynix Semiconductor H5DU2562GTR Datasheet HTML 24Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 28 page
background image
Rev. 1.1 / Sep. 2009
20
H5DU2562GTR
H5DU2582GTR
AC OPERATING CONDITIONS (TA=0 to 70 oC, Voltage referenced to VSS = 0V)
Note:
1. VID is the magnitude of the difference between the input level on CK and the input on /CK.
2. The value of VIX is expected to equal 0.5*V DDQ of the transmitting device and must track variations in the DC level of the same.
*For more information about AC Overshoot/Undershoot Specifications, refer to “Device Operation” section in hynix website.
AC OPERATING TEST CONDITIONS (TA=0 to 70oC, Voltage referenced to VSS = 0V)
Parameter
Symbol
Min
Max
Unit
Input High (Logic 1) Voltage, DQ, DQS and DM signals
VIH(AC)
VREF + 0.31
-
V
Input Low (Logic 0) Voltage, DQ, DQS and DM signals
VIL(AC)
-VREF - 0.31
V
Input Differential Voltage, CK and /CK inputs1
VID(AC)
0.7
VDDQ + 0.6
V
Input Crossing Point Voltage, CK and /CK inputs2
VIX(AC)
0.5*VDDQ-0.2
0.5*VDDQ+0.2
V
Parameter
Value
Unit
Reference Voltage
VDDQ x 0.5
V
Termination Voltage
VDDQ x 0.5
V
AC Input High Level Voltage (VIH, min)
VREF + 0.31
V
AC Input Low Level Voltage (VIL, max)
VREF - 0.31
V
Input Timing Measurement Reference Level Voltage
VREF
V
Output Timing Measurement Reference Level Voltage
VTT
V
Input Signal maximum peak swing
1.5
V
Input minimum Signal Slew Rate
1
V/ns
Termination Resistor (RT)50
Ω
Series Resistor (RS)
25
W
Output Load Capacitance for Access Time Measurement (CL)30
pF


Similar Part No. - H5DU2562GTR

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
H5DU2562GFR HYNIX-H5DU2562GFR Datasheet
500Kb / 28P
   256Mb DDR SDRAM
H5DU2562GFR-E3C HYNIX-H5DU2562GFR-E3C Datasheet
500Kb / 28P
   256Mb DDR SDRAM
H5DU2562GFR-E3I HYNIX-H5DU2562GFR-E3I Datasheet
500Kb / 28P
   256Mb DDR SDRAM
H5DU2562GFR-FAC HYNIX-H5DU2562GFR-FAC Datasheet
500Kb / 28P
   256Mb DDR SDRAM
H5DU2562GFR-FAI HYNIX-H5DU2562GFR-FAI Datasheet
500Kb / 28P
   256Mb DDR SDRAM
More results

Similar Description - H5DU2562GTR

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HY5DU56822FLTP-D5 HYNIX-HY5DU56822FLTP-D5 Datasheet
708Kb / 28P
   256Mb DDR SDRAM
HY5DU561622FLFP HYNIX-HY5DU561622FLFP Datasheet
332Kb / 27P
   256Mb DDR SDRAM
HY5DU56822FLTP-D5I HYNIX-HY5DU56822FLTP-D5I Datasheet
709Kb / 28P
   256Mb DDR SDRAM
HY5DU56422DT HYNIX-HY5DU56422DT Datasheet
236Kb / 29P
   256Mb DDR SDRAM
logo
List of Unclassifed Man...
EM42AM1684RTA-75L ETC1-EM42AM1684RTA-75L Datasheet
288Kb / 24P
   256Mb DDR SDRAM
logo
Hynix Semiconductor
HY5DU561622EFP HYNIX-HY5DU561622EFP Datasheet
253Kb / 29P
   256Mb DDR SDRAM
HY5DU561622FLFP-D5I HYNIX-HY5DU561622FLFP-D5I Datasheet
322Kb / 27P
   256Mb DDR SDRAM
H5DU2562GFR-FAC HYNIX-H5DU2562GFR-FAC Datasheet
500Kb / 28P
   256Mb DDR SDRAM
H5DU2562GFR-FAI HYNIX-H5DU2562GFR-FAI Datasheet
500Kb / 28P
   256Mb DDR SDRAM
logo
Samsung semiconductor
M470L3224BT0 SAMSUNG-M470L3224BT0 Datasheet
137Kb / 14P
   256MB DDR SDRAM MODULE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com