Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

H5DU2562GTR Datasheet(PDF) 16 Page - Hynix Semiconductor

Part # H5DU2562GTR
Description  256Mb DDR SDRAM
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

H5DU2562GTR Datasheet(HTML) 16 Page - Hynix Semiconductor

Back Button H5DU2562GTR Datasheet HTML 12Page - Hynix Semiconductor H5DU2562GTR Datasheet HTML 13Page - Hynix Semiconductor H5DU2562GTR Datasheet HTML 14Page - Hynix Semiconductor H5DU2562GTR Datasheet HTML 15Page - Hynix Semiconductor H5DU2562GTR Datasheet HTML 16Page - Hynix Semiconductor H5DU2562GTR Datasheet HTML 17Page - Hynix Semiconductor H5DU2562GTR Datasheet HTML 18Page - Hynix Semiconductor H5DU2562GTR Datasheet HTML 19Page - Hynix Semiconductor H5DU2562GTR Datasheet HTML 20Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 28 page
background image
Rev. 1.1 / Sep. 2009
16
H5DU2562GTR
H5DU2582GTR
EXTENDED MODE REGISTER SET (EMRS)
The Extended Mode Register controls functions beyond those controlled by the Mode Register; these additional func-
tions include DLL enable/disable, output driver strength selection(optional). These functions are controlled via the bits
shown below. The Extended Mode Register is programmed via the Mode Register Set command (BA0=1 and BA1=0)
and will retain the stored information until it is programmed again or the device loses power.
The Extended Mode Register must be loaded when all banks are idle and no bursts are in progress, and the controller
must wait the specified time before initiating any subsequent operation. Violating either of these requirements will
result in unspecified operation.
BA1
BA0
A12
A11
A10
A9
A8
A7
A6
A5
A4
A3
A2
A1
A0
0
1
Operating Mode
0*
DS
DLL
A0
DLL enable
0Enable
1Disable
BA0
MRS Type
0MRS
1EMRS
A1
Output Driver
Impedance Control
0
Full Strength Driver
1
Half Strength Driver
* This part do not support/QFC function, A2 must be programmed to Zero.
An~A3
A2~A0
Operating Mode
0Valid
Normal Operation
__
All other states reserved


Similar Part No. - H5DU2562GTR

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
H5DU2562GFR HYNIX-H5DU2562GFR Datasheet
500Kb / 28P
256Mb DDR SDRAM
H5DU2562GFR-E3C HYNIX-H5DU2562GFR-E3C Datasheet
500Kb / 28P
256Mb DDR SDRAM
H5DU2562GFR-E3I HYNIX-H5DU2562GFR-E3I Datasheet
500Kb / 28P
256Mb DDR SDRAM
H5DU2562GFR-FAC HYNIX-H5DU2562GFR-FAC Datasheet
500Kb / 28P
256Mb DDR SDRAM
H5DU2562GFR-FAI HYNIX-H5DU2562GFR-FAI Datasheet
500Kb / 28P
256Mb DDR SDRAM
More results

Similar Description - H5DU2562GTR

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HY5DU56822FLTP-D5 HYNIX-HY5DU56822FLTP-D5 Datasheet
708Kb / 28P
256Mb DDR SDRAM
HY5DU561622FLFP HYNIX-HY5DU561622FLFP Datasheet
332Kb / 27P
256Mb DDR SDRAM
HY5DU56822FLTP-D5I HYNIX-HY5DU56822FLTP-D5I Datasheet
709Kb / 28P
256Mb DDR SDRAM
HY5DU56422DT HYNIX-HY5DU56422DT Datasheet
236Kb / 29P
256Mb DDR SDRAM
logo
List of Unclassifed Man...
EM42AM1684RTA-75L ETC1-EM42AM1684RTA-75L Datasheet
288Kb / 24P
256Mb DDR SDRAM
logo
Hynix Semiconductor
HY5DU561622EFP HYNIX-HY5DU561622EFP Datasheet
253Kb / 29P
256Mb DDR SDRAM
HY5DU561622FLFP-D5I HYNIX-HY5DU561622FLFP-D5I Datasheet
322Kb / 27P
256Mb DDR SDRAM
H5DU2562GFR-FAC HYNIX-H5DU2562GFR-FAC Datasheet
500Kb / 28P
256Mb DDR SDRAM
H5DU2562GFR-FAI HYNIX-H5DU2562GFR-FAI Datasheet
500Kb / 28P
256Mb DDR SDRAM
logo
Samsung semiconductor
M470L3224BT0 SAMSUNG-M470L3224BT0 Datasheet
137Kb / 14P
256MB DDR SDRAM MODULE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com