Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HY5DU12422CLFP Datasheet(PDF) 4 Page - Hynix Semiconductor

Part # HY5DU12422CLFP
Description  512Mb DDR SDRAM
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HY5DU12422CLFP Datasheet(HTML) 4 Page - Hynix Semiconductor

  HY5DU12422CLFP Datasheet HTML 1Page - Hynix Semiconductor HY5DU12422CLFP Datasheet HTML 2Page - Hynix Semiconductor HY5DU12422CLFP Datasheet HTML 3Page - Hynix Semiconductor HY5DU12422CLFP Datasheet HTML 4Page - Hynix Semiconductor HY5DU12422CLFP Datasheet HTML 5Page - Hynix Semiconductor HY5DU12422CLFP Datasheet HTML 6Page - Hynix Semiconductor HY5DU12422CLFP Datasheet HTML 7Page - Hynix Semiconductor HY5DU12422CLFP Datasheet HTML 8Page - Hynix Semiconductor HY5DU12422CLFP Datasheet HTML 9Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 31 page
background image
Rev. 1.5 / July 2006
4
1
HY5DU12422C(L)FP
HY5DU12822C(L)FP
HY5DU121622C(L)FP
ROW AND COLUMN ADDRESS TABLE
ITEMS
128Mx4
64Mx8
32Mx16
Organization
32M x 4 x 4banks
16M x 8 x 4banks
8M x 16 x 4banks
Row Address
A0 - A12
A0 - A12
A0 - A12
Column Address
A0-A9, A11, A12
A0-A9, A11
A0-A9
Bank Address
BA0, BA1
BA0, BA1
BA0, BA1
Auto Precharge Flag
A10
A10
A10
Refresh
8K
8K
8K
VSSQ
NC
NC
NC
NC
VREF
NC
VDDQ
VSSQ
VDDQ
VSSQ
VSS
VSS
DQ3
NC
DQ2
DQS
DM
CK
A12
A11
A8
A6
A4
CK
CKE
A9
A7
A5
VSS
WE
RAS
BA1
A0
A2
VDD
VDD
DQ0
NC
DQ1
NC
NC
VDDQ
NC
NC
NC
NC
NC
NC
VSSQ
VDDQ
VSSQ
VDDQ
VDD
CAS
CS
BA0
A10/AP
A1
A3
1
2
3
7
9
8
A
B
C
D
E
F
G
H
J
K
L
M
(X4)
x4 Device Ball Pattern
VSSQ
NC
NC
NC
NC
VREF
DQ7
VDDQ
VSSQ
VDDQ
VSSQ
VSS
VSS
DQ6
DQ5
DQ4
DQS
DM
CK
A12
A11
A8
A6
A4
CK
CKE
A9
A7
A5
VSS
WE
RAS
BA1
A0
A2
VDD
VDD
DQ1
DQ2
DQ3
NC
NC
VDDQ
NC
NC
NC
NC
NC
DQ0
VSSQ
VDDQ
VSSQ
VDDQ
VDD
CAS
CS
BA0
A10/AP
A1
A3
1
2
3
7
9
8
A
B
C
D
E
F
G
H
J
K
L
M
x8 Device Ball Pattern
(X8)
VSSQ
DQ14
DQ12
DQ10
DQ8
VREF
DQ15
VDDQ
VSSQ
VDDQ
VSSQ
VSS
VSS
DQ13
DQ11
DQ9
UDQS
UDM
CK
A12
A11
A8
A6
A4
CK
CKE
A9
A7
A5
VSS
WE
RAS
BA1
A0
A2
VDD
VDD
DQ2
DQ4
DQ6
LDQS
LDM
VDDQ
DQ1
DQ3
DQ5
DQ7
NC
DQ0
VSSQ
VDDQ
VSSQ
VDDQ
VDD
CAS
CS
BA0
A10/AP
A1
A3
1
2
3
7
9
8
A
B
C
D
E
F
G
H
J
K
L
M
(X16)
x16 Device Ball Pattern
A
B
C
D
E
F
G
H
J
K
L
M
1
2
3
4
5
6
7
8
9
0.8m m
12.0m m
: B all E xisting
: D epop ulate d B all
[ F or R eference O nly ]
Top V iew (See th e balls throu gh the P ackage)
B G A P ackage B all P attern
Top V iew
10.0m m
1.0m m


Similar Part No. - HY5DU12422CLFP

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HY5DU12422CLFP HYNIX-HY5DU12422CLFP Datasheet
829Kb / 35P
   128Mb DDR SDRAM
More results

Similar Description - HY5DU12422CLFP

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HY5DU12822B HYNIX-HY5DU12822B Datasheet
396Kb / 37P
   512Mb DDR SDRAM
H5DU5182EFR-FAC HYNIX-H5DU5182EFR-FAC Datasheet
523Kb / 30P
   512Mb DDR SDRAM
HY5DU12822DT-D43 HYNIX-HY5DU12822DT-D43 Datasheet
1Mb / 29P
   512Mb DDR SDRAM
HY5DU12422BT HYNIX-HY5DU12422BT_06 Datasheet
692Kb / 31P
   512Mb DDR SDRAM
H5DU5182ETR-FAC HYNIX-H5DU5182ETR-FAC Datasheet
352Kb / 29P
   512Mb DDR SDRAM
HY5DU12422AT HYNIX-HY5DU12422AT Datasheet
381Kb / 33P
   512Mb DDR SDRAM
H5DU5182ETR-FAI HYNIX-H5DU5182ETR-FAI Datasheet
353Kb / 29P
   512Mb DDR SDRAM
HY5DU12822DFP-D43I HYNIX-HY5DU12822DFP-D43I Datasheet
466Kb / 29P
   512Mb DDR SDRAM
HY5DU12822DFP-D43 HYNIX-HY5DU12822DFP-D43 Datasheet
468Kb / 29P
   512Mb DDR SDRAM
H5DU5182EFR-FAJ HYNIX-H5DU5182EFR-FAJ Datasheet
511Kb / 30P
   512Mb DDR SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com