Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HY5DU12422CLFP Datasheet(PDF) 28 Page - Hynix Semiconductor

Part # HY5DU12422CLFP
Description  512Mb DDR SDRAM
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HY5DU12422CLFP Datasheet(HTML) 28 Page - Hynix Semiconductor

Back Button HY5DU12422CLFP Datasheet HTML 23Page - Hynix Semiconductor HY5DU12422CLFP Datasheet HTML 24Page - Hynix Semiconductor HY5DU12422CLFP Datasheet HTML 25Page - Hynix Semiconductor HY5DU12422CLFP Datasheet HTML 26Page - Hynix Semiconductor HY5DU12422CLFP Datasheet HTML 27Page - Hynix Semiconductor HY5DU12422CLFP Datasheet HTML 28Page - Hynix Semiconductor HY5DU12422CLFP Datasheet HTML 29Page - Hynix Semiconductor HY5DU12422CLFP Datasheet HTML 30Page - Hynix Semiconductor HY5DU12422CLFP Datasheet HTML 31Page - Hynix Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 28 / 31 page
background image
Rev. 1.5 / July 2006
28
1
HY5DU12422C(L)FP
HY5DU12822C(L)FP
HY5DU121622C(L)FP
SYSTEM CHARACTERISTICS CONDITIONS for DDR SDRAMS
The following tables are described specification parameters that required in systems using DDR devices to ensure
proper performance. These characteristics are for system simulation purposes and are guaranteed by design.
Input Slew Rate for DQ/DM/DQS (Table a.)
Address & Control Input Setup & Hold Time Derating (Table b.)
DQ & DM Input Setup & Hold Time Derating (Table c.)
DQ & DM Input Setup & Hold Time Derating for Rise/Fall Delta Slew Rate (Table d.)
Output Slew Rate Characteristics (for x4, x8 Devices) (Table e.)
Output Slew Rate Characteristics (for x16 Device) (Table f.)
Output Slew Rate Matching Ratio Characteristics (Table g.)
AC CHARACTERISTICS
DDR400
DDR333
DDR266
DDR200
UNIT
Note
PARAMETER
Symbol
min
max
min
max
min
max
min
max
DQ/DM/DQS input slew rate
measured between VIH(DC),
VIL(DC) and VIL(DC), VIH(DC)
DCSLEW
0.54.00.54.00.54.00.54.0
V/ns
1,12
Input Slew Rate
Delta tIS
Delta tIH
UNIT
Note
0.5 V/ns
0
0
ps
9
0.4 V/ns
+50
0
ps
9
0.3 V/ns
+100
0
ps
9
Input Slew Rate
Delta tDS
Delta tDH
UNIT
Note
0.5 V/ns
0
0
ps
11
0.4 V/ns
+75
0
ps
11
0.3 V/ns
+150
0
ps
11
Input Slew Rate
Delta tDS
Delta tDH
UNIT
Note
±
0.0 ns/V
00
ps
10
±
0.25 ns/V
+50
+50
ps
10
±
0.5 ns/V
+100
+100
ps
10
Slew Rate
Characteristic
Typical Range
(V/ns)
Minimum
(V/ns)
Maximum
(V/ns)
Note
Pullup Slew Rate
1.2 - 2.5
1.0
4.5
1,3,4,6,7,8
Pulldown Slew Rate
1.2 - 2.5
1.0
4.5
2,3,4,6,7,8
Slew Rate
Characteristic
Typical Range
(V/ns)
Minimum
(V/ns)
Maximum
(V/ns)
Note
Pullup Slew Rate
1.2 - 2.5
1.0
4.5
1,3,4,6,7,8
Pulldown Slew Rate
1.2 - 2.5
1.0
4.5
2,3,4,6,7,8
Slew Rate Characteristic
DDR266A
DDR266B
DDR200
Note
Parameter
min
max
min
max
min
max
Output Slew Rate Matching Ratio
(Pullup to Pulldown)
-
-
-
-
0.71
1.4
5,12


Similar Part No. - HY5DU12422CLFP

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HY5DU12422CLFP HYNIX-HY5DU12422CLFP Datasheet
829Kb / 35P
128Mb DDR SDRAM
More results

Similar Description - HY5DU12422CLFP

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HY5DU12822B HYNIX-HY5DU12822B Datasheet
396Kb / 37P
512Mb DDR SDRAM
HY5DU12422AT HYNIX-HY5DU12422AT Datasheet
381Kb / 33P
512Mb DDR SDRAM
HY5DU12422BT HYNIX-HY5DU12422BT_06 Datasheet
692Kb / 31P
512Mb DDR SDRAM
H5DU5182EFR-FAC HYNIX-H5DU5182EFR-FAC Datasheet
523Kb / 30P
512Mb DDR SDRAM
H5DU5182EFR-FAJ HYNIX-H5DU5182EFR-FAJ Datasheet
511Kb / 30P
512Mb DDR SDRAM
H5DU5182ETR-FAC HYNIX-H5DU5182ETR-FAC Datasheet
352Kb / 29P
512Mb DDR SDRAM
H5DU5182ETR-FAI HYNIX-H5DU5182ETR-FAI Datasheet
353Kb / 29P
512Mb DDR SDRAM
HY5DU12822DT-D43 HYNIX-HY5DU12822DT-D43 Datasheet
1Mb / 29P
512Mb DDR SDRAM
HY5DU12822DFP-D43 HYNIX-HY5DU12822DFP-D43 Datasheet
468Kb / 29P
512Mb DDR SDRAM
HY5DU12822DFP-D43I HYNIX-HY5DU12822DFP-D43I Datasheet
466Kb / 29P
512Mb DDR SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com