Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HY5DU12422CLFP Datasheet(PDF) 21 Page - Hynix Semiconductor

Part # HY5DU12422CLFP
Description  512Mb DDR SDRAM
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HY5DU12422CLFP Datasheet(HTML) 21 Page - Hynix Semiconductor

Back Button HY5DU12422CLFP Datasheet HTML 17Page - Hynix Semiconductor HY5DU12422CLFP Datasheet HTML 18Page - Hynix Semiconductor HY5DU12422CLFP Datasheet HTML 19Page - Hynix Semiconductor HY5DU12422CLFP Datasheet HTML 20Page - Hynix Semiconductor HY5DU12422CLFP Datasheet HTML 21Page - Hynix Semiconductor HY5DU12422CLFP Datasheet HTML 22Page - Hynix Semiconductor HY5DU12422CLFP Datasheet HTML 23Page - Hynix Semiconductor HY5DU12422CLFP Datasheet HTML 24Page - Hynix Semiconductor HY5DU12422CLFP Datasheet HTML 25Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 31 page
background image
Rev. 1.5 / July 2006
21
1
HY5DU12422C(L)FP
HY5DU12822C(L)FP
HY5DU121622C(L)FP
IDD Specification
128Mx4
64Mx8
Parameter
Symbol
Speed
Unit
DDR400B
DDR333
DDR266A
DDR266B
DDR200
Operating Current
IDD0
130
120
100
mA
Operating Current
IDD1
170
150
120
mA
Precharge Power Down Standby Current
IDD2P
10
mA
Idle Standby Current
IDD2F
35
mA
Idle Quiet Standby Current
IDD2Q
30
mA
Active Power Down Standby Current
IDD3P
45
mA
Active Standby Current
IDD3N
60
mA
Operating Current
IDD4R
210
190
170
mA
Operating Current
IDD4W
230
210
180
Auto Refresh Current
IDD5
260
240
220
Self Refresh Current
Normal
IDD6
5mA
Low Power
3mA
Operating Current - Four Bank Operation
IDD7
360
350
340
mA
Parameter
Symbol
Speed
Unit
DDR400B
DDR333
DDR266A
DDR266B
DDR200
Operating Current
IDD0
130
120
100
mA
Operating Current
IDD1
170
150
120
mA
Precharge Power Down Standby Current
IDD2P
10
mA
Idle Standby Current
IDD2F
35
mA
Idle Quiet Standby Current
IDD2Q
30
mA
Active Power Down Standby Current
IDD3P
45
mA
Active Standby Current
IDD3N
60
mA
Operating Current
IDD4R
210
190
170
mA
Operating Current
IDD4W
230
210
180
Auto Refresh Current
IDD5
260
240
220
Self Refresh Current
Normal
IDD6
5mA
Low Power
3mA
Operating Current - Four Bank Operation
IDD7
360
350
340
mA


Similar Part No. - HY5DU12422CLFP

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HY5DU12422CLFP HYNIX-HY5DU12422CLFP Datasheet
829Kb / 35P
128Mb DDR SDRAM
More results

Similar Description - HY5DU12422CLFP

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HY5DU12822B HYNIX-HY5DU12822B Datasheet
396Kb / 37P
512Mb DDR SDRAM
HY5DU12422AT HYNIX-HY5DU12422AT Datasheet
381Kb / 33P
512Mb DDR SDRAM
HY5DU12422BT HYNIX-HY5DU12422BT_06 Datasheet
692Kb / 31P
512Mb DDR SDRAM
H5DU5182EFR-FAC HYNIX-H5DU5182EFR-FAC Datasheet
523Kb / 30P
512Mb DDR SDRAM
H5DU5182EFR-FAJ HYNIX-H5DU5182EFR-FAJ Datasheet
511Kb / 30P
512Mb DDR SDRAM
H5DU5182ETR-FAC HYNIX-H5DU5182ETR-FAC Datasheet
352Kb / 29P
512Mb DDR SDRAM
H5DU5182ETR-FAI HYNIX-H5DU5182ETR-FAI Datasheet
353Kb / 29P
512Mb DDR SDRAM
HY5DU12822DT-D43 HYNIX-HY5DU12822DT-D43 Datasheet
1Mb / 29P
512Mb DDR SDRAM
HY5DU12822DFP-D43 HYNIX-HY5DU12822DFP-D43 Datasheet
468Kb / 29P
512Mb DDR SDRAM
HY5DU12822DFP-D43I HYNIX-HY5DU12822DFP-D43I Datasheet
466Kb / 29P
512Mb DDR SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com