Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HY5DU12422CLFP Datasheet(PDF) 19 Page - Hynix Semiconductor

Part # HY5DU12422CLFP
Description  512Mb DDR SDRAM
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HY5DU12422CLFP Datasheet(HTML) 19 Page - Hynix Semiconductor

Back Button HY5DU12422CLFP Datasheet HTML 15Page - Hynix Semiconductor HY5DU12422CLFP Datasheet HTML 16Page - Hynix Semiconductor HY5DU12422CLFP Datasheet HTML 17Page - Hynix Semiconductor HY5DU12422CLFP Datasheet HTML 18Page - Hynix Semiconductor HY5DU12422CLFP Datasheet HTML 19Page - Hynix Semiconductor HY5DU12422CLFP Datasheet HTML 20Page - Hynix Semiconductor HY5DU12422CLFP Datasheet HTML 21Page - Hynix Semiconductor HY5DU12422CLFP Datasheet HTML 22Page - Hynix Semiconductor HY5DU12422CLFP Datasheet HTML 23Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 31 page
background image
Rev. 1.5 / July 2006
19
1
HY5DU12422C(L)FP
HY5DU12822C(L)FP
HY5DU121622C(L)FP
IDD SPECIFICATION AND CONDITIONS (TA=0 to 70 oC, Voltage referenced to VSS = 0V)
Test Conditions
Test Condition
Symbol
Operating Current:
One bank; Active - Precharge; tRC=tRC(min); tCK=tCK(min); DQ,DM and DQS inputs changing twice per clock
cycle; address and control inputs changing once per clock cycle
IDD0
Operating Current:
One bank; Active - Read - Precharge;
Burst Length=2; tRC=tRC(min); tCK=tCK(min); address and control inputs changing once per clock cycle
IDD1
Precharge Power Down Standby Current:
All banks idle; Power down mode; CKE=Low, tCK=tCK(min)
IDD2P
Idle Standby Current:
Vin>=Vih(min) or Vin=<Vil(max) for DQ, DQS and DM
IDD2N
Idle Standby Current:
/CS=High, All banks idle; tCK=tCK(min);
CKE=High; address and control inputs changing once per clock cycle.
VIN=VREF for DQ, DQS and DM
IDD2F
Idle Quiet Standby Current:
/CS>=Vih(min); All banks idle; CKE>=Vih(min); Addresses and other control inputs stable, Vin=Vref for DQ, DQS
and DM
IDD2Q
Active Power Down Standby Current:
One bank active; Power down mode; CKE=Low, tCK=tCK(min)
IDD3P
Active Standby Current:
/CS=HIGH; CKE=HIGH; One bank; Active-Precharge; tRC=tRAS(max); tCK=tCK(min);
DQ, DM and DQS inputs changing twice per clock cycle; Address and other control inputs changing once per clock
cycle
IDD3N
Operating Current:
Burst=2; Reads; Continuous burst; One bank active; Address and control inputs changing once per clock cycle;
tCK=tCK(min); IOUT=0mA
IDD4R
Operating Current:
Burst=2; Writes; Continuous burst; One bank active; Address and control inputs changing once per clock cycle;
tCK=tCK(min); DQ, DM and DQS inputs changing twice per clock cycle
IDD4W
Auto Refresh Current:
tRC=tRFC(min) - 8*tCK for DDR200 at 100Mhz, 10*tCK for DDR266A & DDR266B at 133Mhz; distributed refresh
tRC=tRFC(min) - 12*tCK for DDR333 at 166Mhz, 14*tCK for DDR400 at 200Mhz
IDD5
Self Refresh Current:
CKE =< 0.2V; External clock on; tCK=tCK(min)
IDD6
Operating Current - Four Bank Operation:
Four bank interleaving with BL=4, Refer to the following page for detailed test condition
IDD7


Similar Part No. - HY5DU12422CLFP

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HY5DU12422CLFP HYNIX-HY5DU12422CLFP Datasheet
829Kb / 35P
128Mb DDR SDRAM
More results

Similar Description - HY5DU12422CLFP

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HY5DU12822B HYNIX-HY5DU12822B Datasheet
396Kb / 37P
512Mb DDR SDRAM
HY5DU12422AT HYNIX-HY5DU12422AT Datasheet
381Kb / 33P
512Mb DDR SDRAM
HY5DU12422BT HYNIX-HY5DU12422BT_06 Datasheet
692Kb / 31P
512Mb DDR SDRAM
H5DU5182EFR-FAC HYNIX-H5DU5182EFR-FAC Datasheet
523Kb / 30P
512Mb DDR SDRAM
H5DU5182EFR-FAJ HYNIX-H5DU5182EFR-FAJ Datasheet
511Kb / 30P
512Mb DDR SDRAM
H5DU5182ETR-FAC HYNIX-H5DU5182ETR-FAC Datasheet
352Kb / 29P
512Mb DDR SDRAM
H5DU5182ETR-FAI HYNIX-H5DU5182ETR-FAI Datasheet
353Kb / 29P
512Mb DDR SDRAM
HY5DU12822DT-D43 HYNIX-HY5DU12822DT-D43 Datasheet
1Mb / 29P
512Mb DDR SDRAM
HY5DU12822DFP-D43 HYNIX-HY5DU12822DFP-D43 Datasheet
468Kb / 29P
512Mb DDR SDRAM
HY5DU12822DFP-D43I HYNIX-HY5DU12822DFP-D43I Datasheet
466Kb / 29P
512Mb DDR SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com