Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HY5DU12422CLFP Datasheet(PDF) 15 Page - Hynix Semiconductor

Part # HY5DU12422CLFP
Description  512Mb DDR SDRAM
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HY5DU12422CLFP Datasheet(HTML) 15 Page - Hynix Semiconductor

Back Button HY5DU12422CLFP Datasheet HTML 11Page - Hynix Semiconductor HY5DU12422CLFP Datasheet HTML 12Page - Hynix Semiconductor HY5DU12422CLFP Datasheet HTML 13Page - Hynix Semiconductor HY5DU12422CLFP Datasheet HTML 14Page - Hynix Semiconductor HY5DU12422CLFP Datasheet HTML 15Page - Hynix Semiconductor HY5DU12422CLFP Datasheet HTML 16Page - Hynix Semiconductor HY5DU12422CLFP Datasheet HTML 17Page - Hynix Semiconductor HY5DU12422CLFP Datasheet HTML 18Page - Hynix Semiconductor HY5DU12422CLFP Datasheet HTML 19Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 31 page
background image
Rev. 1.5 / July 2006
15
1
HY5DU12422C(L)FP
HY5DU12822C(L)FP
HY5DU121622C(L)FP
BURST DEFINITION
BURST LENGTH & TYPE
Read and write accesses to the DDR SDRAM are burst oriented, with the burst length being programmable. The burst
length determines the maximum number of column locations that can be accessed for a given Read or Write com-
mand. Burst lengths of 2, 4 or 8 locations are available for both the sequential and the interleaved burst types.
Reserved states should not be used, as unknown operation or incompatibility with future versions may result.
When a Read or Write command is issued, a block of columns equal to the burst length is effectively selected. All
accesses for that burst take place within this block, meaning that the burst wraps within the block if a boundary is
reached. The block is uniquely selected by A1-Ai when the burst length is set to two, by A2 -Ai when the burst length
is set to four and by A3 -Ai when the burst length is set to eight (where Ai is the most significant column address bit
for a given configuration). The remaining (least significant) address bit(s) is (are) used to select the starting location
within the block. The programmed burst length applies to both Read and Write bursts.
Accesses within a given burst may be programmed to be either sequential or interleaved; this is referred to as the
burst type and is selected via bit A3. The ordering of accesses within a burst is determined by the burst length, the
burst type and the starting column address, as shown in Burst Definition Table
CAS LATENCY
The Read latency or CAS latency is the delay in clock cycles between the registration of a Read command and the
availability of the first burst of output data. The latency can be programmed 2 or 2.5 clocks for DDR200/266/333 and
3 clocks for DDR400. If a Read command is registered at clock edge n, and the latency is m clocks, the data is avail-
able nominally coincident with clock edge n + m.
Reserved states should not be used as unknown operation or incompatibility with future versions may result.
Burst Length
Starting Address (A2,A1,A0)
Sequential
Interleave
2
XX0
0, 1
0, 1
XX1
1, 0
1, 0
4
X00
0, 1, 2, 3
0, 1, 2, 3
X01
1, 2, 3, 0
1, 0, 3, 2
X10
2, 3, 0, 1
2, 3, 0, 1
X11
3, 0, 1, 2
3, 2, 1, 0
8
000
0, 1, 2, 3, 4, 5, 6, 7
0, 1, 2, 3, 4, 5, 6, 7
001
1, 2, 3, 4, 5, 6, 7, 0
1, 0, 3, 2, 5, 4, 7, 6
010
2, 3, 4, 5, 6, 7, 0, 1
2, 3, 0, 1, 6, 7, 4, 5
011
3, 4, 5, 6, 7, 0, 1, 2
3, 2, 1, 0, 7, 6, 5, 4
100
4, 5, 6, 7, 0, 1, 2, 3
4, 5, 6, 7, 0, 1, 2, 3
101
5, 6, 7, 0, 1, 2, 3, 4
5, 4, 7, 6, 1, 0, 3, 2
110
6, 7, 0, 1, 2, 3, 4, 5
6, 7, 4, 5, 2, 3, 0, 1
111
7, 0, 1, 2, 3, 4, 5, 6
7, 6, 5, 4, 3, 2, 1, 0


Similar Part No. - HY5DU12422CLFP

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HY5DU12422CLFP HYNIX-HY5DU12422CLFP Datasheet
829Kb / 35P
128Mb DDR SDRAM
More results

Similar Description - HY5DU12422CLFP

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HY5DU12822B HYNIX-HY5DU12822B Datasheet
396Kb / 37P
512Mb DDR SDRAM
HY5DU12422AT HYNIX-HY5DU12422AT Datasheet
381Kb / 33P
512Mb DDR SDRAM
HY5DU12422BT HYNIX-HY5DU12422BT_06 Datasheet
692Kb / 31P
512Mb DDR SDRAM
H5DU5182EFR-FAC HYNIX-H5DU5182EFR-FAC Datasheet
523Kb / 30P
512Mb DDR SDRAM
H5DU5182EFR-FAJ HYNIX-H5DU5182EFR-FAJ Datasheet
511Kb / 30P
512Mb DDR SDRAM
H5DU5182ETR-FAC HYNIX-H5DU5182ETR-FAC Datasheet
352Kb / 29P
512Mb DDR SDRAM
H5DU5182ETR-FAI HYNIX-H5DU5182ETR-FAI Datasheet
353Kb / 29P
512Mb DDR SDRAM
HY5DU12822DT-D43 HYNIX-HY5DU12822DT-D43 Datasheet
1Mb / 29P
512Mb DDR SDRAM
HY5DU12822DFP-D43 HYNIX-HY5DU12822DFP-D43 Datasheet
468Kb / 29P
512Mb DDR SDRAM
HY5DU12822DFP-D43I HYNIX-HY5DU12822DFP-D43I Datasheet
466Kb / 29P
512Mb DDR SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com