Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HY5DU12422C Datasheet(PDF) 3 Page - Hynix Semiconductor

Part # HY5DU12422C
Description  512Mb DDR SDRAM
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HY5DU12422C Datasheet(HTML) 3 Page - Hynix Semiconductor

  HY5DU12422C_06 Datasheet HTML 1Page - Hynix Semiconductor HY5DU12422C_06 Datasheet HTML 2Page - Hynix Semiconductor HY5DU12422C_06 Datasheet HTML 3Page - Hynix Semiconductor HY5DU12422C_06 Datasheet HTML 4Page - Hynix Semiconductor HY5DU12422C_06 Datasheet HTML 5Page - Hynix Semiconductor HY5DU12422C_06 Datasheet HTML 6Page - Hynix Semiconductor HY5DU12422C_06 Datasheet HTML 7Page - Hynix Semiconductor HY5DU12422C_06 Datasheet HTML 8Page - Hynix Semiconductor HY5DU12422C_06 Datasheet HTML 9Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 31 page
background image
Rev. 1.5 / July 2006
3
1
HY5DU12422C(L)FP
HY5DU12822C(L)FP
HY5DU121622C(L)FP
DESCRIPTION
The HY5DU12422C(L)FP, HY5DU12822C(L)FP and HY5DU121622C(L)FP are a 536,870,912-bit CMOS Double Data
Rate(DDR) Synchronous DRAM, ideally suited for the main memory applications which requires large memory density
and high bandwidth.
This Hynix 512Mb DDR SDRAMs offer fully synchronous operations referenced to both rising and falling edges of the
clock. While all addresses and control inputs are latched on the rising edges of the CK (falling edges of the /CK), Data,
Data strobes and Write data masks inputs are sampled on both rising and falling edges of it. The data paths are inter-
nally pipelined and 2-bit prefetched to achieve very high bandwidth. All input and output voltage levels are compatible
with SSTL_2.
FEATURES
•VDD, VDDQ = 2.5V ± 0.2V for DDR200, 266, 333
VDD, VDDQ = 2.6V ± 0.1V for DDR400
All inputs and outputs are compatible with SSTL_2
interface
Fully differential clock inputs (CK, /CK) operation
Double data rate interface
Source synchronous - data transaction aligned to
bidirectional data strobe (DQS)
x16 device has two bytewide data strobes (UDQS,
LDQS) per each x8 I/O
Data outputs on DQS edges when read (edged DQ)
Data inputs on DQS centers when write (centered
DQ)
On chip DLL align DQ and DQS transition with CK
transition
DM mask write data-in at the both rising and falling
edges of the data strobe
All addresses and control inputs except data, data
strobes and data masks latched on the rising edges
of the clock
Programmable CAS latency 2/2.5 (DDR200, 266,
333) and 3 (DDR400) supported
Programmable burst length 2/4/8 with both sequen-
tial and interleave mode
Internal four bank operations with single pulsed
/RAS
Auto refresh and self refresh supported
tRAS lock out function supported
8192 refresh cycles / 64ms
•60 Ball FBGA Package Type
Full and Half strength driver option controlled by
EMRS
•Lead free (ROHS* Compliant)
ORDERING INFORMATION
*X means speed grade
*ROHS (Restriction Of Hazardous Substance)
Part No.
Configuration
Package
HY5DU12422C(L)FP-X*
128M x 4
60ball
FBGA
(Lead free)
HY5DU12822C(L)FP-X*
64M x 8
HY5DU121622C(L)FP-X*
32M x 16
OPERATING FREQUENCY
Grade
Clock Rate
Remark
(CL-tRCD-tRP)
-D43
200MHz@CL3
DDR400B (3-3-3)
- J
133MHz@CL2
166MHz@CL2.5
DDR333 (2.5-3-3)
- K
133MHz@CL2
133MHz@CL2.5
DDR266A (2-3-3)
- H
100MHz@CL2
133MHz@CL2.5
DDR266B (2.5-3-3)
- L
100MHz@CL2
DDR200 (2-2-2)


Similar Part No. - HY5DU12422C_06

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HY5DU12422CLFP HYNIX-HY5DU12422CLFP Datasheet
829Kb / 35P
128Mb DDR SDRAM
HY5DU12422CLTP HYNIX-HY5DU12422CLTP Datasheet
253Kb / 31P
512Mb DDR SDRAM
HY5DU12422CLTP-X HYNIX-HY5DU12422CLTP-X Datasheet
253Kb / 31P
512Mb DDR SDRAM
HY5DU12422CTP HYNIX-HY5DU12422CTP Datasheet
253Kb / 31P
512Mb DDR SDRAM
HY5DU12422CTP-X HYNIX-HY5DU12422CTP-X Datasheet
253Kb / 31P
512Mb DDR SDRAM
More results

Similar Description - HY5DU12422C_06

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HY5DU12822B HYNIX-HY5DU12822B Datasheet
396Kb / 37P
512Mb DDR SDRAM
HY5DU12422AT HYNIX-HY5DU12422AT Datasheet
381Kb / 33P
512Mb DDR SDRAM
HY5DU12422BT HYNIX-HY5DU12422BT_06 Datasheet
692Kb / 31P
512Mb DDR SDRAM
H5DU5182EFR-FAC HYNIX-H5DU5182EFR-FAC Datasheet
523Kb / 30P
512Mb DDR SDRAM
H5DU5182EFR-FAJ HYNIX-H5DU5182EFR-FAJ Datasheet
511Kb / 30P
512Mb DDR SDRAM
H5DU5182ETR-FAC HYNIX-H5DU5182ETR-FAC Datasheet
352Kb / 29P
512Mb DDR SDRAM
H5DU5182ETR-FAI HYNIX-H5DU5182ETR-FAI Datasheet
353Kb / 29P
512Mb DDR SDRAM
HY5DU12822DT-D43 HYNIX-HY5DU12822DT-D43 Datasheet
1Mb / 29P
512Mb DDR SDRAM
HY5DU12822DFP-D43 HYNIX-HY5DU12822DFP-D43 Datasheet
468Kb / 29P
512Mb DDR SDRAM
HY5DU12822DFP-D43I HYNIX-HY5DU12822DFP-D43I Datasheet
466Kb / 29P
512Mb DDR SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com