Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HY5DU12422C Datasheet(PDF) 20 Page - Hynix Semiconductor

Part # HY5DU12422C
Description  512Mb DDR SDRAM
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HY5DU12422C Datasheet(HTML) 20 Page - Hynix Semiconductor

Back Button HY5DU12422C_06 Datasheet HTML 16Page - Hynix Semiconductor HY5DU12422C_06 Datasheet HTML 17Page - Hynix Semiconductor HY5DU12422C_06 Datasheet HTML 18Page - Hynix Semiconductor HY5DU12422C_06 Datasheet HTML 19Page - Hynix Semiconductor HY5DU12422C_06 Datasheet HTML 20Page - Hynix Semiconductor HY5DU12422C_06 Datasheet HTML 21Page - Hynix Semiconductor HY5DU12422C_06 Datasheet HTML 22Page - Hynix Semiconductor HY5DU12422C_06 Datasheet HTML 23Page - Hynix Semiconductor HY5DU12422C_06 Datasheet HTML 24Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 31 page
background image
Rev. 1.5 / July 2006
20
1
HY5DU12422C(L)FP
HY5DU12822C(L)FP
HY5DU121622C(L)FP
DETAILED TEST CONDITIONS FOR DDR SDRAM IDD1 & IDD7
IDD1: Operating current: One bank operation
1. Typical Case: VDD = 2.5V, T=25 oC for DDR200, 266, 333; VDD = 2.6V, T=25 oC for DDR400
2. Worst Case: VDD = 2.7V, T= 0 oC
3. Only one bank is accessed with tRC(min), Burst Mode, Address and Control inputs on NOP edge are
changing once per clock cycle. lout = 0mA
4. Timing patterns
- DDR200(100Mhz, CL=2): tCK = 10ns, CL2, BL=2, tRCD = 2*tCK, tRC = 10*tCK, tRAS = 5*tCK
Read: A0 N R0 N N P0 N A0 N - repeat the same timing with random address changing
50% of data changing at every burst
- DDR266B(133Mhz, CL=2.5): tCK = 7.5ns, CL=2.5, BL=4, tRCD = 3*tCK, tRC = 9*tCK, tRAS = 5*tCK
Read: A0 N N R0 N P0 N N N A0 N - repeat the same timing with random address changing
50% of data changing at every burst
- DDR266A (133Mhz, CL=2): tCK = 7.5ns, CL=2, BL=4, tRCD = 3*tCK, tRC = 9*tCK, tRAS = 5*tCK
Read: A0 N N R0 N P0 N N N A0 N - repeat the same timing with random address changing
50% of data changing at every burst
- DDR333(166Mhz, CL=2.5): tCK = 6ns, CL=2, BL=4, tRCD = 3*tCK, tRC = 10*tCK, tRAS = 7*tCK
Read: A0 N N R0 N N N P0 N N A0 N - repeat the same timing with random address changing
50% of data changing at every burst
- DDR400(200Mhz, CL=3): tCK = 5ns, CL=3, BL=4, tRCD = 3*tCK, tRC = 11*tCK, tRAS = 8*tCK
Read: A0 N N R0 N N N N P0 N N - repeat the same timing with random address changing
50% of data changing at every burst
Legend: A=Activate, R=Read, W=Write, P=Precharge, N=NOP
IDD7: Operating current: Four bank operation
1. Typical Case: VDD = 2.5V, T=25 oC for DDR200, 266, 333; VDD = 2.6V, T=25 oC for DDR400
2. Worst Case: VDD = 2.7V, T= 0 oC
3. Four banks are being interleaved with tRC(min), Burst Mode, Address and Control inputs on NOP edge are not
changing. lout = 0mA
4. Timing patterns
- DDR200(100Mhz, CL=2): tCK = 10ns, CL2, BL=4, tRRD = 2*tCK, tRCD= 3*tCK, Read with Autoprecharge
Read: A0 N A1 R0 A2 R1 A3 R2 A0 R3 A1 R0 - repeat the same timing with random address changing
50% of data changing at every burst
- DDR266B(133Mhz, CL=2.5): tCK = 7.5ns, CL=2.5, BL=4, tRRD = 2*tCK, tRCD = 3*tCK Read with autoprecharge
Read: A0 N A1 R0 A2 R1 A3 R2 N R3 A0 N A1 R0 - repeat the same timing with random address changing
50% of data changing at every burst
- DDR266A (133Mhz, CL=2): tCK = 7.5ns, CL2=2, BL=4, tRRD = 2*tCK, tRCD = 3*tCK
Read: A0 N A1 R0 A2 R1 A3 R2 N R3 A0 N A1 R0 - repeat the same timing with random address changing
50% of data changing at every burst
- DDR333(166Mhz, CL=2.5): tCK = 6ns, CL=2.5, BL=4, tRRD = 2*tCK, tRCD = 3*tCK, Read with autoprecharge
Read: A0 N A1 R0 A2 R1 A3 R2 N R3 A0 N A1 R0 - repeat the same timing with random address changing
50% of data changing at every burst
- DDR400(200Mhz, CL=3): tCK = 5ns, CL = 2, BL = 4, tRRD = 2*tCK, tRCD = 3*tCK, Read with autoprecharge
Read: A0 N A1 R0 A2 R1 A3 R2 N R3 A0 N A1 R0 - repeat the same timing with random address changing
50% of data changing at every burst
Legend: A=Activate, R=Read, W=Write, P=Precharge, N=NOP


Similar Part No. - HY5DU12422C_06

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HY5DU12422CLFP HYNIX-HY5DU12422CLFP Datasheet
829Kb / 35P
   128Mb DDR SDRAM
HY5DU12422CLTP HYNIX-HY5DU12422CLTP Datasheet
253Kb / 31P
   512Mb DDR SDRAM
HY5DU12422CLTP-X HYNIX-HY5DU12422CLTP-X Datasheet
253Kb / 31P
   512Mb DDR SDRAM
HY5DU12422CTP HYNIX-HY5DU12422CTP Datasheet
253Kb / 31P
   512Mb DDR SDRAM
HY5DU12422CTP-X HYNIX-HY5DU12422CTP-X Datasheet
253Kb / 31P
   512Mb DDR SDRAM
More results

Similar Description - HY5DU12422C_06

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HY5DU12822B HYNIX-HY5DU12822B Datasheet
396Kb / 37P
   512Mb DDR SDRAM
H5DU5182EFR-FAC HYNIX-H5DU5182EFR-FAC Datasheet
523Kb / 30P
   512Mb DDR SDRAM
HY5DU12822DT-D43 HYNIX-HY5DU12822DT-D43 Datasheet
1Mb / 29P
   512Mb DDR SDRAM
HY5DU12422BT HYNIX-HY5DU12422BT_06 Datasheet
692Kb / 31P
   512Mb DDR SDRAM
H5DU5182ETR-FAC HYNIX-H5DU5182ETR-FAC Datasheet
352Kb / 29P
   512Mb DDR SDRAM
HY5DU12422AT HYNIX-HY5DU12422AT Datasheet
381Kb / 33P
   512Mb DDR SDRAM
H5DU5182ETR-FAI HYNIX-H5DU5182ETR-FAI Datasheet
353Kb / 29P
   512Mb DDR SDRAM
HY5DU12822DFP-D43I HYNIX-HY5DU12822DFP-D43I Datasheet
466Kb / 29P
   512Mb DDR SDRAM
HY5DU12822DFP-D43 HYNIX-HY5DU12822DFP-D43 Datasheet
468Kb / 29P
   512Mb DDR SDRAM
H5DU5182EFR-FAJ HYNIX-H5DU5182EFR-FAJ Datasheet
511Kb / 30P
   512Mb DDR SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com