Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HY5DU12422C Datasheet(PDF) 14 Page - Hynix Semiconductor

Part # HY5DU12422C
Description  512Mb DDR SDRAM
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HY5DU12422C Datasheet(HTML) 14 Page - Hynix Semiconductor

Back Button HY5DU12422C_06 Datasheet HTML 10Page - Hynix Semiconductor HY5DU12422C_06 Datasheet HTML 11Page - Hynix Semiconductor HY5DU12422C_06 Datasheet HTML 12Page - Hynix Semiconductor HY5DU12422C_06 Datasheet HTML 13Page - Hynix Semiconductor HY5DU12422C_06 Datasheet HTML 14Page - Hynix Semiconductor HY5DU12422C_06 Datasheet HTML 15Page - Hynix Semiconductor HY5DU12422C_06 Datasheet HTML 16Page - Hynix Semiconductor HY5DU12422C_06 Datasheet HTML 17Page - Hynix Semiconductor HY5DU12422C_06 Datasheet HTML 18Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 31 page
background image
Rev. 1.5 / July 2006
14
1
HY5DU12422C(L)FP
HY5DU12822C(L)FP
HY5DU121622C(L)FP
MODE REGISTER SET (MRS)
The mode register is used to store the various operating modes such as /CAS latency, addressing mode, burst length,
burst type, test mode, DLL reset. The mode register is programed via MRS command. This command is issued by the
low signals of /RAS, /CAS, /CS, /WE and BA0. This command can be issued only when all banks are in idle state and
CKE must be high at least one cycle before the Mode Register Set Command can be issued. Two cycles are required to
write the data in mode register. During the MRS cycle, any command cannot be issued. Once mode register field is
determined, the information will be held until reset by another MRS command.
BA1
BA0
A12
A11
A10
A9
A8
A7
A6
A5
A4
A3
A2
A1
A0
0
0
Operating Mode
CAS Latency
BT
Burst Length
A2
A1
A0
Burst Length
Sequential
Interleave
0
0
0
Reserved
Reserved
001
2
2
010
4
4
011
8
8
1
0
0
Reserved
Reserved
1
0
1
Reserved
Reserved
1
1
0
Reserved
Reserved
1
1
1
Reserved
Reserved
A3
Burst Type
0
Sequential
1Interleave
A6
A5
A4
CAS Latency
000
Reserved
001
Reserved
010
2
011
3
100
Reserved
101
1.5
110
2.5
111
Reserved
BA0
MRS Type
0MRS
1EMRS
A12~A9
A8
A7
A6~A0
Operating Mode
0
0
0
Valid
Normal Operation
0
1
0
Valid
Normal Operation/ Reset DLL
00
1
VS
Vendor specific Test Mode
--
-
-
All other states reserved


Similar Part No. - HY5DU12422C_06

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HY5DU12422CLFP HYNIX-HY5DU12422CLFP Datasheet
829Kb / 35P
   128Mb DDR SDRAM
HY5DU12422CLTP HYNIX-HY5DU12422CLTP Datasheet
253Kb / 31P
   512Mb DDR SDRAM
HY5DU12422CLTP-X HYNIX-HY5DU12422CLTP-X Datasheet
253Kb / 31P
   512Mb DDR SDRAM
HY5DU12422CTP HYNIX-HY5DU12422CTP Datasheet
253Kb / 31P
   512Mb DDR SDRAM
HY5DU12422CTP-X HYNIX-HY5DU12422CTP-X Datasheet
253Kb / 31P
   512Mb DDR SDRAM
More results

Similar Description - HY5DU12422C_06

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HY5DU12822B HYNIX-HY5DU12822B Datasheet
396Kb / 37P
   512Mb DDR SDRAM
H5DU5182EFR-FAC HYNIX-H5DU5182EFR-FAC Datasheet
523Kb / 30P
   512Mb DDR SDRAM
HY5DU12822DT-D43 HYNIX-HY5DU12822DT-D43 Datasheet
1Mb / 29P
   512Mb DDR SDRAM
HY5DU12422BT HYNIX-HY5DU12422BT_06 Datasheet
692Kb / 31P
   512Mb DDR SDRAM
H5DU5182ETR-FAC HYNIX-H5DU5182ETR-FAC Datasheet
352Kb / 29P
   512Mb DDR SDRAM
HY5DU12422AT HYNIX-HY5DU12422AT Datasheet
381Kb / 33P
   512Mb DDR SDRAM
H5DU5182ETR-FAI HYNIX-H5DU5182ETR-FAI Datasheet
353Kb / 29P
   512Mb DDR SDRAM
HY5DU12822DFP-D43I HYNIX-HY5DU12822DFP-D43I Datasheet
466Kb / 29P
   512Mb DDR SDRAM
HY5DU12822DFP-D43 HYNIX-HY5DU12822DFP-D43 Datasheet
468Kb / 29P
   512Mb DDR SDRAM
H5DU5182EFR-FAJ HYNIX-H5DU5182EFR-FAJ Datasheet
511Kb / 30P
   512Mb DDR SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com