Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MY4IN-D2 Datasheet(PDF) 16 Page - Omron Electronics LLC

Part # MY4IN-D2
Description  General-purpose Relay
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

MY4IN-D2 Datasheet(HTML) 16 Page - Omron Electronics LLC

Back Button MY4IN-D2 Datasheet HTML 12Page - Omron Electronics LLC MY4IN-D2 Datasheet HTML 13Page - Omron Electronics LLC MY4IN-D2 Datasheet HTML 14Page - Omron Electronics LLC MY4IN-D2 Datasheet HTML 15Page - Omron Electronics LLC MY4IN-D2 Datasheet HTML 16Page - Omron Electronics LLC MY4IN-D2 Datasheet HTML 17Page - Omron Electronics LLC MY4IN-D2 Datasheet HTML 18Page - Omron Electronics LLC MY4IN-D2 Datasheet HTML 19Page - Omron Electronics LLC MY4IN-D2 Datasheet HTML 20Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
274
General-purpose Relay
MY
SEV Listings (File No. 99.5 50902.01)
Note: 1. The rated values approved by each of the safety standards (eg., UL, CSA, VDE, and SEV) may be different from the performance char-
acteristics individually defined in this catalog.
2. In the interest of product improvement, specifications are subject to change.
PYF-S Installation Notes
■ Tools
A flat-blade screwdriver should be used to mount the cables.
Applicable Screwdriver
● Flat-blade, Parallel-tip, 2.5 mm diameter (3.0 mm max.)
Examples: FACOM AEF.2.5
× 75E
(AEF. 3
× 75E)
VESSEL No. 9900-(-)2.5
× 75 (No. 9900-(-)3 × 100)
WAGO 210-119
WIHA 260/2.5
× 40
(260/3
× 50)
*Chamfering the tip of the driver improves insertion when used as an exclusive tool.
■ Applicable Wires
Applicable Wire Sizes
0.2 to 1.5 mm2, AWG24 to AWG16
Applicable Wire Type
Solid wires, stranded wires, flexible wires, or wires with ferules can
be used.
(See note 1.) < 2.2
≤ Diameter D (mm) ≤ 3.2 (3.5: see note 2.)
Conductor diameter d (mm) or length of sides a and b (mm)
≤ 1.9
Note: 1. If the overall diameter of the wire is less than 2.2 mm, do not
insert the wire past the conductor. Refer to the following di-
agrams.
2. If the overall diameter of the wire is over 3.2 mm, it will be
difficult to use double wiring.
No. of poles
Coil ratings
Contact ratings
Operations
2
6 to 240 VAC
6 to 125 VDC
10 A, 250 VAC
10 A, 30 VDC
10 x 103
4
5 A, 250 VAC
5 A, 30 VDC
100 x 103
MY4Z AC; 50 x 103
● Flat-blade, Parallel-tip
● Flat-blade, Flared-tip
2.5 dia. (3.0 mm max.)
Cannot be used.
Wires with Ferules


Similar Part No. - MY4IN-D2

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
MY4IN-D2 OMRON-MY4IN-D2 Datasheet
446Kb / 18P
   Versatile and Function-filled Miniature Power Relay for Sequence Control and Power Switching Applications
More results

Similar Description - MY4IN-D2

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
G2RS ETC-G2RS Datasheet
193Kb / 11P
   General-purpose Relay
logo
Omron Electronics LLC
LY2L4N OMRON-LY2L4N Datasheet
438Kb / 15P
   General Purpose Relay
G4B OMRON-G4B Datasheet
137Kb / 5P
   General Purpose Relay
logo
GOOD SKY ELECTRIC CO., ...
EZ-SS-112DMGF GOODSKY-EZ-SS-112DMGF Datasheet
587Kb / 3P
   General Purpose Relay
GSA GOODSKY-GSA Datasheet
362Kb / 2P
   General Purpose Relay
GL-S-112DMPFC GOODSKY-GL-S-112DMPFC Datasheet
420Kb / 2P
   General Purpose Relay
GU-SS-112DMCF1-5 GOODSKY-GU-SS-112DMCF1-5 Datasheet
362Kb / 4P
   General Purpose Relay
logo
Omron Electronics LLC
G7J-2A2B-BAC50 OMRON-G7J-2A2B-BAC50 Datasheet
810Kb / 10P
   General Purpose Relay
PT14-0 OMRON-PT14-0 Datasheet
674Kb / 16P
   General Purpose Relay
PT08QN OMRON-PT08QN Datasheet
300Kb / 13P
   General Purpose Relay
G7L OMRON-G7L Datasheet
446Kb / 14P
   General Purpose Relay
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com